Part Number Hot Search : 
Q4015L5 CHV34H20 4LVX1 B9106 3C30S50 25ETT C3225 SA90CA
Product Description
Full Text Search
 

To Download KIA1117DS00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2016. 08. 26 1/5 revision no : 3 semiconductor technical data KIA1117DS00~ kia1117ds50 bipolar linear integrated circuit low drop fixed and adjustable positive voltage regulator the kia1117ds ?? series are a low drop voltage regulator able to provide up to 1a of output current, available even in adjustable version (vref=1.25v) features h low dropout voltage : 1.3v/typ. (iout=1.0a) h very low quiescent current : 2 v (typ) h output current up to 1a h fixed output voltage of 1.2v, 1.5v, 1.8v, 2.5v, 3.3v, 5.0v h adjustable version availability : vref=1.25v h internal current and thermal limit h a minimum of 10 ? for stability h compatible with tantalum capacitor, electrolytic capacitor, mlcc h available in ? 2%(at 25 ? ) + _ 6.6 0.2 + _ a sot-223(4) k g j h d f e b c 2.30 bsc max 0.1 1.75 ref 3.0 +0.15/-0.1 1.60 0.1 c1 max 1.8 + _ 3.5 0.2 dim millimeters h e b j f f g k c c1 d a 0.71 0.1 + _ 7.0 0.3 + _ 0.30 0.05 + _ 1. gnd (adj) 2. output 3. input 123 line up item output voltage (v) package KIA1117DS00 adjustable (1.25~12v) ds : sot-223(4) kia1117ds12 1.2 kia1117ds15 1.5 kia1117ds18 1.8 kia1117ds25 2.5 kia1117ds33 3.3 kia1117ds50 5.0
2016. 08. 26 2/5 KIA1117DS00~kia1117ds50 revision no : 3 maximum ratings (ta=25 ? ) characteristic symbol rating unit input voltage v in 15 v output current i out 1.0 a power dissipation 1 (no heatsink) p d1 1.0 w power dissipation 2 (infinite heatsink) p d2 8.3 w maximum operating junction temperature t j(max) 150 ? operating temperature t opr -40 q 85 ? storage temperature t stg -40 q 150 ? note) package mounted on fr-4 pcb 36 x? 18 x? 1.5 x . : mounting pad for the gnd lead min. 6 \ ordering information kia1117d pb-free / halogen-free packing specification packa g e t y pe item package code packing specification pb-free / halogen-free code package kia1117d s sot-223(4) rtk rtk type p pb-free rtf rtf type h halogen-free
2016. 08. 26 3/5 KIA1117DS00~kia1117ds50 revision no : 3 electrical characteristics unless otherwise specified, tj=25 ? characteristic item symbol test conditions min. typ. max. unit reference vorrage kia1117-adj v ref v in =3.25v, 10ma ? i out ? 1a 1.225 1.25 1.275 v output voltage kia1117-12 v out v in =3.2v, 0 ? i out ? 1a 1.176 1.2 1.224 v kia1117-15 v out v in =3.5v, 0 ? i out ? 1a 1.47 1.5 1.53 v kia1117-18 v out v in =3.8v, 0 ? i out ? 1a 1.764 1.8 1.836 v kia1117-25 v out v in =4.5v, 0 ? i out ? 1a 2.45 2.5 2.55 v kia1117-33 v out v in =5.3v, 0 ? i out ? 1a 3.234 3.3 3.366 v kia1117-50 v out v in =7.0v, 0 ? i out ? 1a 4.9 5 5.1 v line regulation kia1117-12 reg line 2.7v ? v in ? 10v, i out =10ma - 0.1 0.2 %/v - v out +1.5v ? v in ? 12v, i out =10ma - 0.1 0.2 %/v load regulation - reg load 10ma ? i out ? 1a, v in =v out +1.5v -1030mv adjustable pin current kia1117-adj i adj v in =5v , 10ma ? i out ? 1a - 55 120  a minimum load current kia1117-adj i min v in =v out +1.5v - 2 10 ma quiescent current kia1117-12 i b1 v in =10v, i out =0a -25ma - i b2 v in =12v, i out =0a current limit - i limit v in =v out +2.0v, t j =25 ? 1-- a dropout voltage - v drop i out =1a - 1.3 1.5 v i out =100ma - 1.23 1.3 v temperature stability - tcv o v in =v out +1.5v, i out =10ma, t j =-20~125 ? - ? 100 - ppm/ ?
2016. 08. 26 4/5 revision no : 3 KIA1117DS00~kia1117ds50 v in v in 10 f r2 v out v out * * ** v in v in v out v out gnd 10 f 10 f adj 10 f r1 fig.1 application circuit-1 (fixed-type) fig.2 application circuit-2 (adjustable-type) v out =1.25 ? (1+r2/r1) + i adj ? r2 * note 1) recommend using 10uf tan capacitor, mlcc to assure circuit stability. ** note 2) to meet the minimum load current (>10ma) requirement, r1 is recommended to be 125 ohm or lower. as kia1117-adj can keep itself stable at load current about 2ma, r1 is not allowed to be higher than 625 ohm.
2016. 08. 26 5/5 revision no : 3 KIA1117DS00~kia1117ds50 0814 10 12 246 fig. 4 kia1117-adj v out - i out out put voltage v out (v) input current i out (a) input voltage v in (v) out put voltage v out (v) fig. 3 kia1117-adj v out - v in 0 0.6 0.3 0.9 1.2 1.5 0 0.3 0.6 0.9 1.2 1.5 input current i out (a) temperature ( c) 0.4 1.0 0.6 0.8 1.2 00.2 fig. 6 kia1117-adj v out - temp out put voltage v out (v) 0 0.3 0.6 0.9 1.2 1.5 fig. 5 kia1117-adj droput - i out dropout voltage (v) 0 0.3 0.6 0.9 1.2 1.5 0.4 0.6 0.8 1.0 1.2 0 0.2 0 150 50 100 200 -50 (1) (2) ambient temperature ta ( c) power dissipation p d (w) fig.7 p d - ta 2 4 6 8 10 0 12 0 125 25 50 100 75 150 -40 -20 (1) infinite heatsink (t c =t a ) : rth(j-c)=15 ? /w (2) no heatsink : rth(j-a)=125 ? /w


▲Up To Search▲   

 
Price & Availability of KIA1117DS00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X