Part Number Hot Search : 
11100 KBP01 40T301 L100E BUZ12A ENA1564 L100E NJW1503A
Product Description
Full Text Search
 

To Download DU1P0-05S12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 of 2 www.pduke.com 2014/4/30 du1p0 series 1 watts dc-dc converter output specifications output power 1 watt, max. voltage accuracy 5% minimum load (note 5) 10% of fl line regulation ll to hl at full load 1.3% / 1% of vin load regulation 20% to 100% fl 5v output others 10% 8% ripple and noise 20mhz bandwidth see table temperature coefficient 0.1% / oc, max. short circuit protection (note 6) 1 sec, max. general specifications efficiency see table isolation voltage input to output standard 1000vdc, min. 1minute suffix-n 3000vdc, min. 1minute isolation resistance 500vdc 10 9 ohms, min. isolation capacitance 30pf, max. switching frequency 60khz, min. safety approvals iec60950-1, ul60950-1, & en60950-1 case material non-conductive black plastic base material none potting material epoxy (ul94 v-0) dimensions 0.77 x 0.24 x 0.40 inch (19.6 x 6.1 x 10.2 mm) weight 2.0g (0.071oz) mtbf (note 1) mil-hdbk-217f 2.019 x 10 7 hrs input specifications input voltage range 5vdc nominal input 12vdc nominal input 15vdc nominal input 24vdc nominal input 4.5 ~ 5.5vdc 10.8 ~ 13.2vdc 13.5 ~ 16.5vdc 21.6 ~ 26.4vdc input filter c type environmental specifications operating ambient temperature -25oc ~ +85oc (with derating) storage temperature range -55oc ~ +125oc thermal shock mil-std-810f vibration mil-std-810f relative humidity 5% to 95% rh t e c h n i c a l s p e c i f i c a t i o n all specifications are typical at nominal input, ful l load and 25oc otherwise noted features ? 1 watt unregulated output power ? output current up to 0.2a ? single -in-line package (sip) ? high efficiency for low power application ? input range from 4.5vdc to 5.5vdc, 10.8vdc to 13.2 vdc, 13.5vdc to 16.5vdc and 21.6vdc to 26.4vdc ? ul 94-v0 non-conducted case ? internal input & output filter ? input to output isolation up:3kvdc, min. ? suffix-n isolation level reinforce ? ul60950-1, en60950-1, & iec60950-1 safety approvals ? ce marked ? compliant to rohs ii & reach option 3kvdc isolation description the du1p0 series are the standard building blocks fo r on-board distributed power systems. they are ideally suited to provide single and dual supplies on primarily digital boards with adde d benefit of galvanic isolation to reduce switching noise. applications wireless network telecom/datacom industry control system measurement equipment semiconductor equipment
page 2 of 2 www.pduke.com 2014/4/30 du1p0 series 1 watts dc-dc converter output current model number input range output voltage min. load full load output (3) ripple & noise no load (2) input current eff (3) (%) capacitor load max (4) du1p0-05s05 4.5 ~ 5.5 vdc 5 vdc 20ma 200ma 100mvp-p 42ma 77 330 f DU1P0-05S12 4.5 ~ 5.5 vdc 12 vdc 8.3ma 83ma 100mvp-p 32ma 82 33 0 f du1p0-05s15 4.5 ~ 5.5 vdc 15 vdc 6.7ma 67ma 100mvp-p 35ma 81 330 f du1p0-05d05 4.5 ~ 5.5 vdc 5 vdc 10ma 100ma 100mvp-p 40ma 78 150 f du1p0-05d12 4.5 ~ 5.5 vdc 12 vdc 4.2ma 42ma 100mvp-p 35ma 82 150 f du1p0-05d15 4.5 ~ 5.5 vdc 15 vdc 3.3ma 33ma 100mvp-p 40ma 81 150 f du1p0-12s05 10.8 ~ 13.2 vdc 5 vdc 20ma 200ma 100mvp-p 17ma 77 330 f du1p0-12s12 10.8 ~ 13.2 vdc 12 vdc 8.3ma 83ma 100mvp-p 17ma 82 330 f du1p0-12s15 10.8 ~ 13.2 vdc 15 vdc 6.7ma 67ma 100mvp-p 18ma 79 330 f du1p0-12d05 10.8 ~ 13.2 vdc 5 vdc 10ma 100ma 100mvp-p 18ma 77 150 f du1p0-12d12 10.8 ~ 13.2 vdc 12 vdc 4.2ma 42ma 100mvp-p 18ma 81 150 f du1p0-12d15 10.8 ~ 13.2 vdc 15 vdc 3.3ma 33ma 100mvp-p 18ma 82 150 f du1p0-15s05 13.5 ~ 16.5 vdc 5 vdc 20ma 200ma 100mvp-p 20ma 73 330 f du1p0-15s12 13.5 ~ 16.5 vdc 12 vdc 8.3ma 83ma 100mvp-p 18ma 79 330 f du1p0-15s15 13.5 ~ 16.5 vdc 15 vdc 6.7ma 67ma 100mvp-p 18ma 80 330 f du1p0-15d05 13.5 ~ 16.5 vdc 5 vdc 10ma 100ma 100mvp-p 18ma 75 150 f du1p0-15d12 13.5 ~ 16.5 vdc 12 vdc 4.2ma 42ma 100mvp-p 16ma 80 150 f du1p0-15d15 13.5 ~ 16.5 vdc 15 vdc 3.3ma 33ma 100mvp-p 16ma 80 150 f du1p0-24s05 21.6 ~ 26.4 vdc 5 vdc 20ma 200ma 100mvp-p 12ma 72 330 f du1p0-24s12 21.6 ~ 26.4 vdc 12 vdc 8.3ma 83ma 100mvp-p 12ma 78 330 f du1p0-24s15 21.6 ~ 26.4 vdc 15 vdc 6.7ma 67ma 100mvp-p 10ma 78 330 f du1p0-24d05 21.6 ~ 26.4 vdc 5 vdc 10ma 100ma 100mvp-p 12ma 75 150 f du1p0-24d12 21.6 ~ 26.4 vdc 12 vdc 4.2ma 42ma 100mvp-p 10ma 78 150 f du1p0-24d15 21.6 ~ 26.4 vdc 15 vdc 3.3ma 33ma 100mvp-p 10ma 79 150 f mechanical drawing standard pin single dual 1 +input +input 2 -input -input 4 -output -output 5 nc common 6 +output +output ?suffix-n? models pin single dual 1 +input +input 2 -input -input 5 -output -output 6 nc common 7 +output +output note 1. mil-hdbk-217f @ta=25 oc, full load. 2. typical value at nominal input voltage and no l oad. 3. typical value at nominal input voltage and full load. 4. test by minimum vin and constant resistive load . 5. the output requires a minimum loading on the ou tput to maintain specified regulation. operation under no-load condition will not damage these devices, however they may not meet all listed specification. caution: this power module is not internally fused. an input line fuse must always be used. 1. all dimensions in inch (mm) tolerance: x.xx0.02 (x.x0.5) x.xxx0.01 (x.xx0.25) 2. pin pitch tolerance 0.01 (0.25) 3. pin dimension tolerance 0.004 (0.1)


▲Up To Search▲   

 
Price & Availability of DU1P0-05S12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X