Part Number Hot Search : 
1122I 5TRPBF RF2161 06780 T1637 N60A4D 08212 2SC5706
Product Description
Full Text Search
 

To Download 334PPR102KH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features high pulse currents - high voltage applications power semiconduc tor circuits ? scr commutation ? ballasts controls ? switching power supplies operating temperature range -55c to +105c capacitance tolerance + 10% at 1 khz, 25c + 5% optional wvdc 630 1000 1600 2000 vac 400 630 650 700 ac voltage (50/60 hz) dc: for t>+85c , the voltage must be decreased by 1.5% per c ac: for t> +75c, the voltage must be decreased by 1.75% per c frequency (khz) c< 0.1uf 0.1uf1uf 1 0.04% 0.04% 0.05% 10 0.05% 0.06% - dissipation factor (max) 25c 100 0.16% - - capacitance insulation resistance < 0.33 f 100000 m ? insulation resistance @25c (<70% rh)for 1 minute at 100vdc applied >0.33 f 30000 m ? x f self inductance <1 nano-henry per mm of lead spacing capacitance drift factor <0.5% after 2 years at 40c 2000 hours, +85c with 125% of rated voltage capacitance change < 1% of initially measured value dissipation factor < 0.001 at 10khz and 25 c for c< 1uf < 0.001 at 1khz and 25 c for c>1uf load life insulation resistance > 50% of maximum specified value 1 fit capacitance change < 10% of initially measured value dissipation factor < 200% of initially specified value reliability (0.5xrated voltage, 40c) 1 fit=1 failure/1 billion component hours insulation resistance > 50% of maximum specified value 56 days at40c with 90 to 95%rh, +40c and no voltage applied capacitance change < 5% of initially measured value dissipation factor < 0.005 at 1khz and 25 c damp heat test insulation resistance > 50% of maximum specified value self inductance <1 nano-henry per mm of lead spacing capacitance drift factor <0.5% after 2 years at 40c capacitance temperature coefficient -200 ppm/c, + 100ppm/c terminal to terminal dielectric strength 160% of rated vdc applied for 2 seconds and 25c dielectric polypropylene construction metallized film coating flame retardant plastic box (ul 94v-1) with epoxy resin fill (ul94v0) leads lead free tinned copper leads
l 18 26.5 32 42.5 s 15 22.5 27.5 37.5 d 0.8 0.8 0.8 1.2 ll 5.0+ 1.0 5.0+ 1.0 30+ 5.0 30+ 5.0 permissible (sinusoidal) ac voltage versus frequency for a temperature rise of 10c not for across the line applications
ppr high voltage pulse radial lead snubber capacitance (f) wvdc ic part number dv/dt (v/ sec.) dims lxhxt (mm) s (mm) d (mm) 0.0022 2000 222ppr202ke 7000 18x11x5 15 0.8 0.0033 1600 332ppr162ke 6000 18x11x5 15 0.8 0.0033 2000 332ppr202ke 7000 18x12x6 15 0.8 0.0047 1600 472ppr162ke 6000 18x11x5 15 0.8 0.0047 2000 472ppr202ke 7000 18x13.5x7.5 15 0.8 0.0068 1500 682ppr102ke 6000 18x11x5 15 0.8 0.0068 2000 682ppr202ke 7000 18x13.5x7.5 15 0.8 0.01 1000 103ppr102ke 3300 18x11x5 15 0.8 0.01 1600 103ppr162ke 6000 18x12x6 15 0.8 0.01 2000 103ppr202ke 7000 18x16x10 15 0.8 0.01 2000 103ppr202kg 3500 26.5x15x6 22.5 0.8 0.015 1000 153ppr102ke 3300 18x12x6 15 0.8 0.015 1600 153ppr162ke 6000 18x13.5x7.5 15 0.8 0.015 2000 153ppr202kg 3500 26.5x16x7 22.5 0.8 0.022 630 223ppr630ke 2500 18x11x5 15 0.8 0.022 1000 223ppr102ke 3300 18x13.5x7.5 15 0.8 0.022 1600 223ppr162ke 6000 18x14.5x8.5 15 0.8 0.022 1600 223ppr162kg 3000 26.5x15x6 22.5 0.8 0.022 2000 223ppr202kg 3500 26.5x17x8.5 22.5 0.8 0.022 2000 223ppr202kh 2300 32x17x9 27.5 0.8 0.033 630 333ppr630ke 2500 18x12x6 15 0.8 0.033 1000 333ppr102ke 3300 18x14.5x8.5 15 0.8 0.033 1000 333ppr102kg 2100 26.5x15x6 22.5 0.8 0.033 1600 333ppr162kg 3000 26.5x16x7 22.5 0.8 0.033 2000 333ppr202kg 3500 26.5x18.5x10 22.5 0.8 0.033 2000 333ppr202kh 2300 32x17x9 27.5 0.8 0.047 630 473ppr630ke 2500 18x13.5x7.5 15 0.8 0.047 1000 473ppr102kg 2100 26.5x16x7 22.5 0.8 0.047 1600 473ppr162kg 3000 26.5x18.5x10 22.5 0.8 0.047 1600 473ppr162kh 2000 32x17x9 27.5 0.8 0.047 2000 473ppr202kg 3500 26.5x22x13 22.5 0.8 0.047 2000 473ppr202kh 2300 32x20x11 27.5 0.8 0.068 630 683ppr630ke 2500 18x14.5x8.5 15 0.8 0.068 630 683ppr630kg 1500 26.5x15x6 22.5 0.8 0.068 1000 683ppr102kg 2100 26.5x17x8.5 22.5 0.8 0.068 1600 683ppr162kg 3000 26.5x20x11 22.5 0.8 0.068 1600 683ppr162kh 2000 32x17x9 27.5 0.8 0.068 2000 683ppr202kh 2300 32x22x13 27.5 0.8 0.1 630 104ppr630ke 2500 18x16x10 15 0.8 0.1 630 104ppr630kg 1500 26.5x15x6 22.5 0.8 0.1 1000 104ppr102kh 1000 32x17x9 27.5 0.8 0.1 1000 104ppr102kg 2100 26.5x18.5x10 22.5 0.8 0.1 1600 104ppr162kg 3000 26.5x22x13 22.5 0.8 capacitance (f) wvdc ic part number dv/dt (v/ sec.) dims lxhxt (mm) s (mm) d (mm) 0.1 1600 104ppr162kh 2000 32x20x11 27.5 0.8 0.1 2000 104ppr202kh 2300 32x28x14 27.5 0.8 0.15 630 154ppr630kg 1500 26.5x17x8.5 22.5 0.8 0.15 630 154ppr630kh 900 32x17x9 27.5 0.8 0.15 1000 154ppr102kg 2100 26.5x22x13 22.5 0.8 0.15 1000 154ppr102kh 1000 32x20x11 27.5 0.8 0.15 1600 154ppr162kh 2000 32x24.5x15 27.5 0.8 0.15 2000 154ppr202kh 2300 32x33x18 27.5 0.8 0.15 2000 154ppr202kj 1500 42.5x28x17 37.5 1 0.22 630 224ppr630kg 1500 26.5x18.5x10 22.5 0.8 0.22 630 224ppr630kh 900 32x17x9 27.5 0.8 0.22 1000 224ppr102kh 1000 32x22x13 27.5 0.8 0.22 1600 224ppr162kh 2000 32x33x18 27.5 0.8 0.22 2000 224ppr202kh 2300 32x37x22 27.5 0.8 0.22 2000 224ppr202kj 1500 42.5x30x22 37.5 1 0.33 630 334ppr630kg 1500 26x22x13 22.5 0.8 0.33 630 334ppr630kh 900 32x20x11 27.5 0.8 0.33 1000 334PPR102KH 1000 32x28x14 27.5 0.8 0.33 1600 334ppr162kh 2000 32x33x18 27.5 0.8 0.33 1600 334ppr162kj 1200 42.5x28x17 37.5 1 0.33 2000 334ppr202kj 1500 42.5x37x28 37.5 1 0.47 630 474ppr630kh 900 32x22x13 27.5 0.8 0.47 1000 474ppr102kh 1000 32x33x18 27.5 0.8 0.47 1600 474ppr162kj 1200 42.5x30x22 37.5 1 0.47 1600 474ppr162kh 2000 32x37x22 27.5 0.8 0.47 2000 474ppr202kj 1500 42.5x37x28 37.5 1 0.56 2000 564ppr202kj 1500 42.5x45x30 37.5 1 0.68 630 684ppr630kh 900 32x24.5x15 27.5 0.8 0.68 1000 684ppr102kh 1000 32x37x22 27.5 0.8 0.68 1000 684ppr102kj 500 42.5x30x22 37.5 1 0.68 1600 684ppr162kj 1200 42.5x37x28 37.5 1 1 630 105ppr630kh 900 32x33x18 27.5 0.8 1 630 105ppr630kj 450 42.5x28x17 37.5 1 1 1000 105ppr102kj 500 42.5x37x28 37.5 1 1 1600 105ppr162kj 1200 42.5x45x30 37.5 1 1.5 630 155ppr630kj 450 42.5x30x22 37.5 1 1.5 630 155ppr630kh 900 32x37x22 27.5 0.8 1.5 1000 155ppr102kj 500 42.5x37x28 37.5 1 1.8 1000 185ppr102kj 500 42.5x45x30 37.5 1 2.2 630 225ppr630kj 450 42.5x37x28 37.5 1 3.3 630 335ppr630kj 450 42.5x45x30 37.5 1 3.9 630 395ppr630kj 450 42.5x45x30 37.5 1


▲Up To Search▲   

 
Price & Availability of 334PPR102KH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X