Part Number Hot Search : 
TFS426 PC910 55562RFK 45DCB DFR1AF1A BDV64 P4KE10A 842128
Product Description
Full Text Search
 

To Download AO4268 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AO4268 general description product summary v ds i d (at v gs =10v) 19a r ds(on) (at v gs =10v) < 4.8m? r ds(on) (at v gs =4.5v) < 6.5m? applications 100% uis tested 100% rg tested ? synchronous rectification for ac-dc quick char ger AO4268 so-8 tape & reel 3000 60v n-channel alphasgt tm orderable part number package type form minimum order quantity 60v ? trench power alphasgt tm technology ? low r ds(on) ? low gate charge soic-8 top view bottom view d d d d s s s g g ds symbol v ds v gs i dm i as avalanche energy l=0.3mh c e as v ds spike v spike t j , t stg symbol t 10s steady-state steady-state r q jl power dissipation b 2 t a =70c 10s p d 60 72 3.1 gate-source voltage pulsed drain current c 14.5 parameter drain-source voltage continuous drain current maximum junction-to-lead c/w c/w maximum junction-to-ambient a d 16 75 24 va absolute maximum ratings t a =25c unless otherwise noted 20 v maximum units AO4268 so-8 tape & reel 3000 maximum junction-to-ambient a c/w r q ja 31 59 40 parameter max c units junction and storage temperature range -55 to 150 typ thermal characteristics 30 76 mj 135 19 t a =25c t a =70c t a =25c avalanche current c w i d v a rev.1.0: february 2016 www.aosmd.com page 1 of 5
AO4268 symbol min typ max units bv dss 60 v v ds =60v, v gs =0v 1 t j =55c 5 i gss 100 na v gs(th) gate threshold voltage 1.3 1.8 2.3 v 4 4.8 t j =125c 6.3 7.6 5.2 6.5 m? g fs 83 s v sd 0.7 1 v i s 4 a c iss 2500 pf c oss 670 pf c rss 65 pf r g 0.5 1.2 2 ? q g (10v) 44 65 nc q g (4.5v) 21 30 nc q gs 6.5 nc q gd 8.5 nc t d(on) 7.5 ns t r 6.5 ns t d(off) 38 ns t f 8 ns reverse transfer capacitance v gs =0v, v ds =30v, f=1mhz v ds =v gs, i d =250 m a output capacitance forward transconductance i s =1a, v gs =0v v ds =5v, i d =19a v gs =10v, i d =19a v ds =0v, v gs =20v maximum body-diode continuous current input capacitance gate-body leakage current turn-off delaytime turn-off fall time v gs =10v, v ds =30v, r l =1.6 w , r gen =3 w diode forward voltage dynamic parameters v gs =4.5v, i d =16a turn-on rise time gate source charge gate drain charge total gate charge switching parameters turn-on delaytime m? v gs =10v, v ds =30v, i d =19a total gate charge electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions gate resistance f=1mhz i dss a zero gate voltage drain current drain-source breakdown voltage id=250a, v gs =0v r ds(on) static drain-source on-resistance t f 8 ns t rr 22 ns q rr 80 nc applications or use as critical components in life support devices or systems are not authorized. aos does not assume any liability arising out of such applicatio ns or uses of its products. aos reserves the right to improve product design,functions and reliability without no tice. body diode reverse recovery charge body diode reverse recovery time i f =19a, di/dt=500a/ m s turn-off fall time i f =19a, di/dt=500a/ m s a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. the value in any given application depends on the user' s specific board design. b. the power dissipation p d is based on t j(max) =150 c, using 10s junction-to-ambient thermal resistance. c. repetitive rating, pulse width limited by junct ion temperature t j(max) =150 c. ratings are based on low frequency and duty cycl es to keep initialt j =25 c. d. the r q ja is the sum of the thermal impedance from junction t o lead r q jl and lead to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-ambien t thermal impedance which is measured with the devi ce mounted on 1in 2 fr-4 board with 2oz. copper, assuming a maximum junction temperatur e of t j(max) =150 c. the soa curve provides a single pulse rating. rev.1.0: february 2016 www.aosmd.com page 2 of 5
AO4268 typical electrical and thermal characteristics ? trench 0 20 40 60 80 100 0 1 2 3 4 5 i d (a) v gs (volts) figure 2: transfer characteristics (note e) 0 2 4 6 8 10 0 3 6 9 12 15 r ds(on) (m w ) i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 0.8 1 1.2 1.4 1.6 1.8 2 0 25 50 75 100 125 150 175 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) v gs =4.5v i d =16a v gs =10v i d =19a 25 c 125 c v ds =5v v gs =4.5v v gs =10v 0 20 40 60 80 100 0 1 2 3 4 5 i d (a) v ds (volts) figure 1: on-region characteristics (note e) v gs =2.5v 3v 4.5v 10v 3.5v 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 i s (a) v sd (volts) figure 6: body-diode characteristics (note e) 25 c 125 c 0 3 6 9 12 15 0 2 4 6 8 10 r ds(on) (m w ) v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) i d =19a 25 c 125 c rev.1.0: february 2016 www.aosmd.com page 3 of 5
AO4268 typical electrical and thermal characteristics 1 10 100 1000 1e-05 0.001 0.1 10 1000 power (w) pulse width (s) figure 10: single pulse power rating junction-to- ambient (note f) 0 2 4 6 8 10 0 10 20 30 40 50 60 v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 500 1000 1500 2000 2500 3000 3500 0 5 10 15 20 25 30 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss c oss c rss v ds =30v i d =19a t j(max) =150 c t a =25 c 10 m s 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 i d (amps) v ds (volts) v gs > or equal to 4.5v figure 9: maximum forward biased safe operating area (note f) 10 m s 1ms dc r ds(on) limited t j(max) =150 c t a =25 c 100 m s 10ms 0.001 0.01 0.1 1 10 1e-05 0.0001 0.001 0.01 0.1 1 10 100 z q ja normalized transient thermal resistance pulse width (s) figure 11: normalized maximum transient thermal imp edance (note f) single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja t on t p dm in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse safe operating area (note f) r q ja =75 c/w rev.1.0: february 2016 www.aosmd.com page 4 of 5
AO4268 - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off id l vds bv unclamped inductive switching (uis) test circuit & waveforms vds dss 2 e = 1/2 li ar ar figure a: gate charge test circuit & waveforms figure b: resistive switching test circuit & wavefor ms figure c: unclamped inductive switching (uis) test c ircuit & waveforms vdd vgs vgs rg dut - + vdc vgs id vgs i ig vgs - + vdc dut l vgs vds isd isd diode recovery test circuit & waveforms vds - vds + i f ar di/dt i rm rr vdd vdd q = - idt t rr figure d: diode recovery test circuit & waveforms rev.1.0: february 2016 www.aosmd.com page 5 of 5


▲Up To Search▲   

 
Price & Availability of AO4268

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X