Part Number Hot Search : 
C8051 SPN2038 10120 133AI S1002 R2060C BDC02D 78E51
Product Description
Full Text Search
 

To Download SR1060C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sr1020c thru sr10a0c schottky barrier rectifier reverse voltage - 20 to 100 volts forward current - 10.0 amperes case : to-220ab molded plastic body terminals : leads solderable per mil-std-750, method 2026 polarity : as marked mounting position : any weight :0.080 ounce, 2.24 grams the plastic package carries underwriters laboratory flammability classification 94v-0 construction utilizes void-free molded plastic technique low reverse leakage high forward surge current capability high temperature soldering guaranteed: 250 c,0.25 ? (6.35mm) from case for 10 seconds features mechanical data maximum ratings and electrical characteristics note: 1.measured at 1mhz and applied reverse voltage of 4.0v d.c. 2.thermal resistance from junction to case ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. 20 14 20 30 21 30 40 28 40 50 35 50 60 42 60 80 56 80 volts volts volts units amps amps volts 10.0 150.0 0.75 operating junction temperature range maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current (see fig.1) peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 5.0a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =100 c typical junction capacitance (note 1) 1.0 2.0 450 pf c ma typical thermal resistance (note 2) c/w 100 70 100 70 49 70 90 63 90 storage temperature range c -65 to +150 -65 to +125 -65 to +150 15.0 50.0 0.65 0.85 550 sr 1020c sr 1030c sr 1050c sr 1040c sr 1060c sr 1080c sr 1070c sr 1090c sr 10a0c dimensions in inches and (millimeters) to-220ab 0.160 (4.05) 0.140 (3.55) 0.105 (2.67) 0.095 (2.41) 0.205 (5.20) 0.195 (4.95) 0.037(0.94) 0.027(0.68) 0.105 (2.67) 0.095 (2.41) 0.635(16.13) 0.625(15.87) 0.113(2.87) 0.103(2.62) 0.154(3.91) 0.148(3.74) 0.415(10.54) max 0.410(10.41) 0.390(9.91) 0.145(3.68) 0.135(3.43) 0.350(8.89) 0.330(8.38) 1.148(29.16) 1.118(28.40) 0.590(14.22) 0.530(13.46) 0.022(0.58) 0.014(0.35) 0.110(2.79) 0.100(2.54) 0.560(14.2) 0.530(13.4) 0.055(1.27) 0.045(1.14) 0.185(4.70) 0.175(4.44) pin 1 pin 3 pin 2 case 1 2 3 pin dia symbols v rrm v rms v dc i (av) i fsm v f i r r q jc c j t j t stg 45 32 45 sr 1045c www.shunyegroup.com.cn
ratings and characteristic curves sr1020c thru sr10a0c 10 8 6 4 2 0 0 25 50 75 100 125 150 175 150 125 100 75 50 25 0.2 0.4 0.6 0.8 1.0 1.1 0.1 1.0 10 100 0.01 0.1 1 10 100 100 10 1 0.1 reverse voltage,volts t,pulse duration,sec. fig. 5-typical junction capacitance fig. 6-typical transient thermal impedance fig. 3-typical instantaneous forward characteristics number of cycles at 60 hz fig. 2-maximum non-repetitive peak forward surge current fig. 1- forward current derating curve average forward rectified current, amperes instantaneous forward current,amperes junction capacitance, pf peak forward surge current, amperes instantaneous forward voleage, volts single phase half wave 60hz resistive or inductive load 1 10 100 0.01 0.1 1 50 10 t j =25 c 10 100 1000 2000 0 20 40 60 80 100 100 10 1 0.1 0.01 0.001 tj=25 c tj=100 c percent of peak reverse voltage,% fig. 4-typical reverse characteristics instantaneous reverse current, milliamperes transient thermal impedance, c/w ambient temperature, c tj=75 c 8.3ms single half sine-wave (jedec method) sr1050c-SR1060C sr1020c-sr1045c sr1070c-sr10a0c t j =25 c pulse width=300 m s 1%duty cycle sr1050c-sr10a0c sr1020c-sr1045c sr1050c-sr10a0c sr1020c-sr1045c www.shunyegroup.com.cn


▲Up To Search▲   

 
Price & Availability of SR1060C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X