Part Number Hot Search : 
2SB5U9 CA14122 L9637D Z100LV Z4692 1H334 SST89 MM106
Product Description
Full Text Search
 

To Download 200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tgard tm 200 series thermally conductive insulators high performance thermal interface products the tgard ? 200 is a high performance interface pad. consisting of a silicone/boron nitride composite, these fiberglass-reinforced pads are used when the lowest thermal resistance and highest dielectric strength are required a high-tear, cut-through and puncture-resistant product, the tgard ? 200 is tough and strong. burrs cause no problems for the material and the pad will not dry out, crack or fail when pressured between mating parts. the tgard ? 200 is available in the following sizes: 0.010 (0.25 mm) die cut shapes only 0.020 (0.51 mm) sheets and die cut shapes 0.030 (0.75 mm) sheets and die cut shapes features and benefits ? high thermal conductivity of 5.0 w/mk ? high breakdown voltage of > 6,000 volts ? resistant to tears and punctures ? ul ? 94 v0 rated americas: +1.800.843.4556 europe: +49.8031.2460.0 asia: +86.755.2714.1166 clv-customerservice@lairdtech.com www.lairdtech.com/thermal applications ? audio and video components ? automotive control units ? general high pressure interfaces ? motor controllers ? power conversion equipment ? power semiconductors - t0 packages, m0sfets and igbts
tgard tm 200 series thermally conductive insulators thr-ds-tgard-200 0313 any information furnished by laird technologies, inc. and its agents is believed to be accurate and reliable. all specifications are subject to change without notice. responsibility for the use and application of laird technologies materials rests with the end user, since laird technologies and its agents cannot be aware of all potential uses. laird technologies makes no warranties as to the fitness, merchantability or suitability of any laird technologies materials or products for any specific or general uses. laird technologies shall not be liable for incidental or consequential damages of any kind. all laird technologies products are sold pursuant to the laird technologies terms and conditions of sale in effect from time to time, a copy of which will be furnished upon request. ? copyright 2010 laird technologies, inc. all rights reserved. laird, laird technologies, the laird technologies logo, and other marks are trade marks or registered trade marks of laird technologies, inc. or an affiliate company thereof. other product or service names may be the property of third parties. nothing herein provides a license under any laird technologies or any third party intellectual property rights. a13514-00 rev i tgard tm 210 tgard tm 220 tgard tm 230 test method construction & composition reinforced boron nitride flled silcone elastomer reinforced boron nitride flled silcone elastomer reinforced boron nitride flled silcone elastomer color white blue green visual thickness 0.010 (0.25mm) 0.020 (0.51mm) 0.030 (0.76mm) thickness tolerance 0.002 (0.05mm) 0.002 (0.05mm) 0.003 (0.075mm) specifc gravity (density) 1.52 g/cc 1.45 g/cc 1.47 g/cc helium pycnometer hardness 85 shore a 80 shore a 80 shore a astm d2240 tensile strength n/a n/a n/a astm d412 % elongation n/a n/a n/a astm d412 outgassing tml (post cured) 0.06% 0.06% 0.06% astm e595 outgassing cvcm (post cured ) 0.05% 0.05% 0.05% astm e595 ul flammability rating 94 v0 94 v1 not rated e180840 temperature range -60c to 200c -60oc to 200oc -60oc to 200oc thermal conductivity 5 w/mk 5 w/mk 5 w/mk astm d5470 (modifed) thermal impedance @ 100 psi @ 689 kpa 0.18c-in2/w 1.17c-cm2/w 0.35c-in2/w 2.26c-cm2/w 0.40c-in2/w 2.28c-cm2/w astm d5470 (modifed) breakdown voltage 6,000 vac 10,000 vac 20,000 vac astm d149 volume resistivity 5x10 13 ohm-cm 5x10 13 ohm-cm 5x10 13 ohm-cm astm d257 dielectric constant @ 1 mhz 3.32 3.32 3.32 astm d150 standard thicknesses: 0.010 (0.25 mm) die cut shapes only, 0.020 (0.51 mm), 0.030 (0.76 mm) standard sheet sizes: 0.020 and 0.030: 16 x 16 (406 mm x 406 mm) individual die-cut shapes can be supplied. pressure sensitive adhesive: request no adhesive with ao suffx. request adhesive on one side with a1 suffx. double-sided adhesive is not available. reinforcement: tgard tm 200 sheets are fberglass reinforced. data for design engineer guidance only. observed performance varies in application. engineers are reminded to test the material in application.


▲Up To Search▲   

 
Price & Availability of 200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X