Part Number Hot Search : 
DWR2G LBN14090 LBN14090 EN8737A TC356 2N6520 UPC2776T 8M000
Product Description
Full Text Search
 

To Download IRF250P224 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d s g g d s gate drain source applications ? ups and inverter applications ? half-bridge and full-bridge topologies ? resonant mode power supplies ? dc/dc and ac/dc converters ? or-ing and redundant power switches ? brushed and bldc motor drive applications ? battery powered circuits benefits ? improved gate, avalanche and dynamic dv/dt ruggedness ? fully characterized capacitance and avalanche soa ? enhanced body diode dv/d t and di/dt capability ? pb-free ; rohs compliant ; halogen-free base part number package type standard pack form quantity IRF250P224 to-247ac tube 25 IRF250P224 orderable part number v dss 250v r ds(on) typ. 9.0m ? max 12m ? i d 96a ? to-247ac IRF250P224 g d s d final datasheet please read the important notice and warnings at the end of this document v1.0 www.infineon.com 2017-02-27 IRF250P224 ir mosfet - strongirfet? ?? figure 1 typical on-resistance vs. gate voltage figure 2 maximum drain current vs. case temperature 2 4 6 8 10 12 14 16 18 20 v gs, gate -to -source voltage (v) 0 6 12 18 24 30 36 42 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ? ) i d = 58a t j = 25c t j = 125c 25 50 75 100 125 150 175 t c , case temperature (c) 0 20 40 60 80 100 i d , drain current (a)
final datasheet 2017-02-27 ir mosfet-strongirfet? IRF250P224 2 ? v1.0 ? table of contents table of contents applications ?..???????????????????????????...?????..?????1 benefits ?..???????????????????????????...?????..?????.1 ordering table ?.??????????????????????????????????????1 table of contents ?.????????????????????????????????????...2 1 parameters ????????????????????????????????????3 2 maximum ratings, therma l, and avalanche characteristics ???????????????4 3 electrical characteristics ??????????????????????????????5 4 electrical ch aracteristic diagrams ??????????????????????????6 package information ????????????????????????????????????14 qualification information ???????????????????????????????????15 revision history ??????????????????????????????????..????16
final datasheet 2017-02-27 ir mosfet-strongirfet? IRF250P224 3 ? v1.0 ? 1 parameters table1 key performance parameters parameter values units v ds ? 250 v r ds(on) max ? 12 m ? i d 96 a parameters
final datasheet 2017-02-27 ir mosfet-strongirfet? IRF250P224 4 ? v1.0 ? table 2 maximum ratings (at t j =25 c, unless otherwise specified) parameter symbol values unit continuous drain current i d 96 a continuous drain current i d 68 pulsed drain current ? i dm 384 maximum power dissipation p d 313 w linear derating factor 2.1 w/c gate-to-source voltage v gs 20 v operating junction and storage temperature range t j t stg -55 to + 175 c soldering temperature, for 10 seconds (1.6mm from case) - 300 mounting torque, 6-32 or m3 screw - 10 lbfin (1.1 nm) - conditions t c = 25c, v gs @ 10v t c = 100c, v gs @ 10v t c = 25c t c = 25c t c = 25c - - - - notes: ?? repetitive rating; pulse width limi ted by max. junction temperature. ? limited by t jmax , starting t j = 25c, l = 0.25mh, r g = 50 ? , i as = 58a, v gs =10v. ?? i sd ? 58a, di/dt ? 916a/s, v dd ?? v (br)dss , t j ? 175c. ?? pulse width ? 400s; duty cycle ? 2%. ? c oss e ff . (tr) is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss . ? c oss e ff . (er) is a fixed capacitance that gives the same energy as c oss while v ds is rising from 0 to 80% v dss . ? r ? is measured at t j approximately 90c. ? limited by t jmax , starting t j = 25c, l = 1mh, r g = 50 ? , i as = 32a, v gs =10v. table 4 avalanche characteristics parameter symbol values unit single pulse avalanche energy ? e as (thermally limited) 417 mj ? single pulse avalanche energy ? e as (thermally limited) 496 avalanche current ? i ar see fig 16, 17, 23a, 23b a repetitive avalanche energy ? e ar mj table 3 thermal characteristics parameter symbol conditions typ. max. unit junction-to-case ? r ? jc t j approximately 90c - 0.48 c/w case-to-sink, flat greased surface r ? cs - 0.24 - junction-to-ambient r ? ja - - 40 min. - - - 2 maximum ratings and thermal characteristics maximum ratings and thermal characteristics
final datasheet 2017-02-27 ir mosfet-strongirfet? IRF250P224 5 ? v1.0 ? d s g table 6 dynamic characteristics parameter symbol conditions values unit min. typ. max. forward trans co nductance gfs v ds = 50v, i d =58a 112 - - s total gate charge q g - 135 203 nc gate-to-source charge q gs - 48 - gate-to-drain charge q gd - 25 - total gate charge sync. (qg? qgd) q sync - 110 - turn-on delay time t d(on) v dd = 125v - 25 - ns rise time t r i d = 58a - 70 - turn-o ff delay time t d(o ff ) r g = 2.7 ? - 77 - fall time t f v gs = 10v ? - 58 - input capacitance c iss v gs = 0v - 9915 - pf output capacitance c oss v ds = 50v - 1026 - reverse transfer capacitance c rss ? = 1.0mhz, see fig.7 - 8.3 - e ff ective output capacitance (energy related) c oss e ff .(er) v gs = 0v, v ds = 0v to 200v ? - 725 - output capacitance (time related) c oss e ff .(tr) v gs = 0v, v ds = 0v to 200v ? - 1171 - i d = 58a v ds = 125v v gs = 10v table 7 reverse diode parameter symbol conditions values unit min. typ. max. continuous source current i s mosfet symbol - - 96 a (body diode) showing the pulsed source current integral reverse - - 384 (body diode) ? p-n junction diode. diode forward voltage v sd t j = 25c, i s = 58a,v gs = 0v ? - - 1.2 v peak diode recovery dv/dt ? dv/dt t j = 175c, i s = 58a,v ds = 250v - 24 - v/ns reverse recovery time t rr t j = 25c - 149 - ns t j = 125c ? - 227 - reverse recovery charge q rr t j = 25c - 487 - nc t j = 125c ? - 1289 - reverse recovery current i rrm t j = 25c - 4.8 - a i sm v dd = 125v i f = 58a, di/dt = 100a/s ? table 5 static characteristics parameter symbol conditions values unit min. typ. max. drain-to-source breakdown voltage v (br)dss v gs = 0v, i d = 1ma 250 - - v breakdown voltage temp. coe ff icient ?v (br)dss /?t j reference to 25c, i d = 2.5ma ? - 0.14 - v/c static drain-to-source on-resistance r ds(on) v gs = 10v, i d = 58a - 9.0 12 m ? gate threshold voltage v gs(th) v ds = v gs , i d = 270a 2.0 - 4.0 v drain-to-source leakage current i dss v ds =200v, v gs =0v - - 1.0 a v ds =200v,v gs = 0v,t j =125c - - 100 gate-to-source forward leakage i gss v gs = 20v - - 100 na ? gate resistance r g - 1.3 - ?? 3 electrical characteristics electrical characteristics
final datasheet 2017-02-27 ir mosfet-strongirfet? IRF250P224 6 ? v1.0 ? electrical characteristic diagrams 4 electrical characteristic diagrams figure 3 typical output characteristics figure 4 typical output characteristics figure 5 typical transfer characteristics figure 6 normalized on-resistance vs. temperature ?? ?? 0.1 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , drain-to-source current (a) vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v ? 60s pulse width tj = 25c 4.5v 0.1 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , drain-to-source current (a) vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v ? 60s pulse width tj = 175c 4.5v 2 3 4 5 6 7 8 v gs , gate-to-source voltage (v) 0.10 1.0 10 100 1000 i d , drain-to-source current (a) t j = 25c t j = 175c v ds = 50v ? 60s pulse width -60 -20 20 60 100 140 180 t j , junction temperature (c) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 r ds(on) , drain-to-source on resistance (normalized) i d = 58a v gs = 10v
final datasheet 2017-02-27 ir mosfet-strongirfet? IRF250P224 7 ? v1.0 ? electrical characteristic diagrams figure 7 typical capacitance vs. drain-to-source voltage figure 8 typical gate charge vs. gate-to-source voltage figure 9 typical source-drain diode forward voltage ? ?? 1 10 100 1000 v ds , drain-to-source voltage (v) 1 10 100 1000 10000 100000 1000000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0 20 40 60 80 100 120 140 160 180 q g , total gate charge (nc) 0 2 4 6 8 10 12 14 v gs , gate-to-source voltage (v) i d = 58a vds= 200v vds= 125v vds= 50v 0.0 0.4 0.8 1.2 1.6 2.0 2.4 v sd , source-to-drain voltage (v) 0.1 1 10 100 1000 i sd , reverse drain current (a) t j = 25c t j = 175c v gs = 0v
final datasheet 2017-02-27 ir mosfet-strongirfet? IRF250P224 8 ? v1.0 ? electrical characteristic diagrams figure 11 drain-to-source breakdown voltage figure 12 typical coss stored energy ?? -60 -40 -20 0 20 40 60 80 100 120 140 160 180 t j , temperature ( c ) 240 250 260 270 280 290 300 v ( b r ) d s s , d r a i n - t o - s o u r c e b r e a k d o w n v o l t a g e ( v ) id = 2.5ma 0 50 100 150 200 250 300 v ds, drain-to-source voltage (v) 0 3 6 9 12 15 18 21 energy (j) figure 10 maximum safe operating area ?? 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.01 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 175c single pulse 1msec 10msec operation in this area limited by r ds (on) 100sec dc
final datasheet 2017-02-27 ir mosfet-strongirfet? IRF250P224 9 ? v1.0 ? electrical characteristic diagrams figure 15 maximum e ff ective transient thermal impedance, junction-to-case ? 1e-006 1e-005 0.0001 0.001 0.01 0.1 t 1 , rectangular pulse duration (sec) 0.0001 0.001 0.01 0.1 1 t h e r m a l r e s p o n s e ( z t h j c ) c / w 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc figure 13 typical on-resistance vs. drain current ?? figure 14 threshold voltage vs. temperature 0 25 50 75 100 125 150 175 200 i d , drain current (a) 0 15 30 45 60 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ? ) vgs = 5.5v vgs = 6.0v vgs = 7.0v vgs = 8.0v vgs = 10v -75 -50 -25 0 25 50 75 100 125 150 175 t j , temperature ( c ) 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 v gs(th) , gate threshold voltage (v) i d = 270a id = 2.7ma i d = 1.0a
final datasheet 2017-02-27 ir mosfet-strongirfet? IRF250P224 10 ? v1.0 ? ? electrical characteristic diagrams figure 17 maximum avalanche energy vs. temperature notes on repetitive avalanche curves , figures 16, 17: (for further info, see an-1005 at www.infineon.com) 1.avalanche failures assumption: purely a thermal phenomenon and failure occurs at a temperature far in excess of t jmax . this is validated for every part type. 2. safe operation in avalanche is allowed as long ast jmax is not exceeded. 3. equation below based on circuit and waveforms shown in figures 23a, 23b. 4. p d (ave) = average power dissipation per single avalanche pulse. 5. bv = rated breakdown voltage (1 .3 factor accounts for voltage increase during avalanche). 6. i av = allowable avalanche current. 7. dt = allowable rise in juncti on temperature, not to exceed t jmax (assumed as 25c in figure 15, 16). t av = average time in avalanche. d = duty cycle in avalanche = tav f z thjc (d, t av ) = transient thermal resistance, see figures 14) pd (ave) = 1/2 ( 1.3bvi av ) = ? t/ z thjc i av = 2 ? t/ [1.3bvz th ] e as (ar) = p d (ave) t av 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 100 200 300 400 500 e ar , avalanche energy (mj) top single pulse bottom 1.0% duty cycle i d = 58a figure 16 avalanche current vs. pulse width ? 1.0e-06 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 tav (sec) 0.1 1 10 100 a v a l a n c h e c u r r e n t ( a ) allowed avalanche current vs avalanche pulsewidth, tav, assuming ? tj = 25c and tstart = 150c. allowed avalanche current vs avalanche pulsewidth, tav, assuming ? tj = 150c and tstart =25c (single pulse)
final datasheet 2017-02-27 ir mosfet-strongirfet? IRF250P224 11 ? v1.0 ? electrical characteristic diagrams figure 18 typical recovery current vs. dif/dt figure 19 typical recovery current vs. dif/dt figure 20 typical stored charge vs. dif/dt ?? figure 21 typical stored charge vs. dif/dt ?? 100 200 300 400 500 600 700 800 900 1000 di f /dt (a/s) 0 1000 2000 3000 4000 5000 q rr (nc) i f = 38a v r = 125v t j = 25c t j = 125c 100 200 300 400 500 600 700 800 900 1000 di f /dt (a/s) 0 1000 2000 3000 4000 5000 6000 q rr (nc) i f = 58a v r = 125v t j = 25c t j = 125c 100 200 300 400 500 600 700 800 900 1000 di f /dt (a/s) 0 10 20 30 40 50 60 70 i rrm (a) i f = 38a v r = 125v t j = 25c t j = 125c 100 200 300 400 500 600 700 800 900 1000 di f /dt (a/s) 0 10 20 30 40 50 60 70 80 i rrm (a) i f = 58a v r = 125v t j = 25c t j = 125c
final datasheet 2017-02-27 ir mosfet-strongirfet? IRF250P224 12 ? v1.0 ? electrical characteristic diagrams figure 22 peak diode recovery dv/dt test circuit for n-channel hexfet? power mosfets figure 23a unclamped inductive test circuit ? ? figure 23b unclamped inductive waveforms
final datasheet 2017-02-27 ir mosfet-strongirfet? IRF250P224 13 ? v1.0 ? electrical characteristic diagrams figure 24a switching time test circuit figure 24b switching time waveforms ? ? figure 25a gate charge test circuit figure 25b gate charge waveform
final datasheet 2017-02-27 ir mosfet-strongirfet? IRF250P224 14 ? v1.0 ? to-247ac package outline (dimensions are shown in millimeters (inches)) to-247ac package is not recommended for surface mount application. to-247ac part marking information year 1 = 2001 date code part number international logo rectifier assembly 56 57 irfpe30 135h line h indicates "lead-free" week 35 lot code in the assembly line "h" assembled on ww 35, 2001 note: "p" in assembly line position example: with assembly this is an irfpe30 lot code 5657 package information 5 package information
final datasheet 2017-02-27 ir mosfet-strongirfet? IRF250P224 15 ? v1.0 ? ? applicable version of jedec standa rd at the time of product release. qualification information qualification level industrial (per jedec jesd47f) ? moisture sensitivity level to-247ac n/a rohs compliant yes qualification information 6 qualification information
final datasheet 2017-02-27 ir mosfet-strongirfet? IRF250P224 16 ? v1.0 ? revision history revision history major changes since the last revision page or reference revision date description of changes all pages 1.0 2017-02-27 ?? first release data sheet.
trademarks of infineon technologies ag hvic?, ipm?, pfc?, au-convertir?, aurix?, c166?, canpak?, ci pos?, cipurse?, cooldp?, coolgan?, coolir?, coolmos?, coolset?, coolsic?, dave?, di-pol?, directfet?, drblade?, easyp im?, econobridge?, econodual?, econopack?, econopim?, eicedriver?, eupec?, fcos?, ga npowir?, hexfet?, hitfet?, hybridpack?, imotion?, ir am?, isoface?, isopack?, ledrivir?, litix?, mipaq?, modstack?, my-d?, novalithic?, o ptiga?, optimos?, origa?, powiraudio?, powirstage?, primepack?, primestack?, pr ofet?, pro-sil?, rasic?, real3?, smartlewis?, solid flas h?, spoc?, strongirfet?, supirbuck?, tempfet?, trenchstop?, tricore?, uhvic?, xhp?, xmc? trademarks updated november 2015 other trademarks all referenced product or service names and trademar ks are the property of their respective owners. important notice the information given in th is document shall in no event be regarded as a guarantee of conditions or characteristics (?bescha ff enheitsgarantie?) . with respect to any examples, hints or any typical values stated herein and/or any information regarding the application of the product, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. in addition, any information given in this document is subject to customer?s compliance with its obligations stated in this document and any applicable legal requirements, norms and standards concerning customer?s products and any use of the product of infineon technologies in customer?s applications. the data contained in th is document is exclusively intended for technically trained sta ff . it is the responsibility of customer?s technical departments to evaluate the suitability of the product for the intended application and the completeness of the product information given in this document with for further information on the product, technology, delivery terms and conditions and prices please contact your nearest infineon technologies o ff ice (www.infineon.com). warnings due to technical requirements products may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies o ff ice. except as otherwise explicitly approved by infineon technologies in a written document signed by authorized representatives of infineon technologies, infineon technologies? products may not be used in any applications where a failure of the product or any consequences of the use thereof can reasonably be expected to result in personal injury. edition 2015-05-06 published by infineon technologies ag 81726 munich, germany ?? ? 2016 infineon technologies ag. all rights reserved. ?? do you have a question about this document? email: erratum@infineon.com document reference


▲Up To Search▲   

 
Price & Availability of IRF250P224

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X