Part Number Hot Search : 
MP8712 90XS30D5 TMS15124 TSOP4133 1N3311RA SLA7026 2N2631 HEF4519B
Product Description
Full Text Search
 

To Download TQL9092 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TQL9092 ultra low noise, flat gain lna datasheet: rev e 1 2 - 23 - 15 - 1 of 9 - disclaimer: subject to change without notice ? 201 5 triquint semiconductor, inc www.triquint.com \ www. qorvo .com rfmd + triquint = qorvo product features ? ? ? ? ? ? dd ? ? ? ? ? functional block diagram applications ? ? ? ? ? 8 pin 2x2 mm dfn package ordering information part no. description tq l9092 ultra low noise, flat gain lna TQL9092 - pcb 0.6 - 4.2 ghz evaluation board standard t/r size = 25 0 0 pieces on a 7 reel general description the TQL9092 is a flat - gain, high - linearity, ultra - low noise amplifier in a small 2 x 2 mm surface - mount package. the lna provides a gain flatness of 2 db (peak - to - peak) over a wide bandwidth from 1.5 to 3. 6 ghz. at 2.6 ghz, the amplifier typically provides 2 2 . 6 db gain, +3 9 .5 dbm oip3 at a 65 ma bias setting , and 0. 6 db noise figure. th e lna can be biased from a single positive supply ranging from 3.3 to 5 volts. the device is housed in a green/rohs - complian t industry - standard 2x2 mm package. the tq l9092 is internally matched using a high performance e - phemt process and only requires five external components for operation from a single positive supply: an external rf choke and blocking/bypass capacitors and a bias resistor going to pin 1 . this lna integrates a shut - down biasing capability to allow for operation in tdd applications. the tq l9092 is optimized for linear performance across the 1.5 to 4. 2 ghz frequency band but can operate down to 6 00 mhz. pin configuration pin no. label 1 vbias 3, 4, 5, 8 no connect or gnd 2 rf in 6 shut d own 7 rf out backside paddle rf/dc gnd b a c k s i d e p a d d l e - r f / d c g n d p i n 1 r e f e r e n c e m a r k 8 7 6 5 1 2 3 4 n c r f o u t s h u t d o w n n c v b i a s r f i n n c n c
TQL9092 ultra low noise, flat gain lna datasheet: rev e 1 2 - 23 - 15 - 2 of 9 - disclaimer: subject to change without notice ? 201 5 triquint semiconductor, inc www.triquint.com \ www. qorvo .com rfmd + triquint = qorvo recommended operating conditions parameter min typ max units supply voltage (v dd ) 3.3 5.0 5.25 v t case ? 6 hours mttf + 190 c electrical specifications are measured at specified test conditions. specifications are not guaranteed over all recommended operating conditions. absolute maximum ratings parameter rating storage tem perature ? dd ) + 7 v rf input power, cw, 50, t=25 operation of this device outside the parameter ranges given above may cause permanen t damage. electrical specifications test conditions unless otherwise noted: v dd =+5v, temp= +25c, 50 system . parameter conditions min typ max units operational frequency range 6 00 4 2 00 mhz test frequency 2600 mhz gain 21 2 2 . 6 24. 5 db gai n flatness 1500 - 3 6 00mhz 2.0 db input return loss 1 1 db output return loss 1 7 db noise figure (1) 0. 6 5 0.95 db output p1db + 19 dbm output ip3 pout=+ 5 dbm/tone, f=1 mhz dd v current, i dd on state 45 6 5 85 ma off state (power down) 3 ma shutdown pin current, i sd v pd thermal resistance, jc channel to case 48 c/w note: 1) noise figure data has input trace loss de - embedded.
TQL9092 ultra low noise, flat gain lna datasheet: rev e 1 2 - 23 - 15 - 3 of 9 - disclaimer: subject to change without notice ? 201 5 triquint semiconductor, inc www.triquint.com \ www. qorvo .com rfmd + triquint = qorvo s - parameters test conditions: v dd = +5 v, i dd = 65 ma (typ.), t= +25 c, unmatched 50 ohm system, calibrated to device leads freq (ghz) s11 ( db ) s11 (ang) s21 ( db ) s21 (ang) s12 ( db ) s1 2 (ang) s22 ( db ) s22 (ang) 0.6 - 11.76 - 50.69 23.21 75.64 - 32.67 3.34 - 17.78 - 82.70 0.7 - 12.71 - 50.64 22.61 64.33 - 32.32 - 0.10 - 19.37 - 95.95 0.8 - 13.48 - 49.70 22.07 53.89 - 32.07 - 3.77 - 21.01 - 111.25 0.9 - 13.97 - 47.94 21.62 44.25 - 31.88 - 7.51 - 22.57 - 127 .54 1 - 14.17 - 46.01 21.24 35.23 - 31.74 - 11.34 - 24.09 - 146.47 1.1 - 14.12 - 44.61 20.95 26.72 - 31.66 - 15.27 - 25.21 - 170.38 1.2 - 13.85 - 44.30 20.72 18.67 - 31.60 - 19.21 - 25.32 163.93 1.3 - 13.51 - 45.93 20.57 10.97 - 31.58 - 23.13 - 24.42 142.26 1.4 - 13.22 - 48. 66 20.45 3.55 - 31.58 - 27.21 - 23.14 125.62 1.5 - 13.03 - 52.44 20.40 - 3.55 - 31.60 - 31.21 - 22.30 112.36 1.6 - 12.87 - 56.00 20.40 - 10.53 - 31.66 - 35.36 - 21.21 99.97 1.7 - 12.74 - 60.59 20.44 - 17.40 - 31.73 - 39.63 - 20.45 90.85 1.8 - 12.57 - 64.83 20.53 - 24.24 - 31.8 1 - 44.05 - 19.74 80.82 1.9 - 12.32 - 70.61 20.65 - 31.05 - 31.91 - 48.65 - 19.19 74.07 2 - 12.15 - 77.39 20.82 - 37.89 - 32.00 - 53.53 - 18.89 65.49 2.1 - 11.91 - 85.11 21.01 - 44.83 - 32.11 - 58.82 - 18.73 57.48 2.2 - 11.84 - 94.45 21.26 - 51.96 - 32.22 - 64.28 - 18.88 49.58 2.3 - 11.71 - 103.32 21.48 - 59.27 - 32.33 - 70.14 - 19.01 40.16 2.4 - 11.58 - 114.41 21.77 - 66.85 - 32.45 - 76.66 - 19.75 31.25 2.5 - 11.36 - 125.29 22.03 - 74.82 - 32.56 - 83.41 - 20.68 19.64 2.6 - 10.75 - 137.87 22.35 - 83.11 - 32.51 - 92.09 - 22.11 1.63 2.7 - 10.51 - 152. 17 22.54 - 92.23 - 32.96 - 100.23 - 25.45 - 16.73 2.8 - 9.95 - 166.24 22.71 - 101.40 - 33.19 - 109.01 - 29.13 - 56.17 2.9 - 9.36 179.27 22.86 - 111.02 - 33.45 - 118.56 - 27.48 - 118.31 3 - 8.79 164.95 22.88 - 121.01 - 33.76 - 128.78 - 22.59 - 154.88 3.1 - 8.27 150.82 22.83 - 13 1.17 - 34.10 - 139.39 - 19.03 - 173.88 3.2 - 7.79 137.73 22.61 - 141.31 - 34.47 - 150.14 - 16.31 170.67 3.3 - 7.41 124.99 22.32 - 151.26 - 34.84 - 160.90 - 14.19 158.49 3.4 - 7.15 113.98 21.90 - 160.90 - 35.23 - 171.42 - 12.59 146.44 3.5 - 6.96 103.20 21.40 - 169.96 - 35.60 178.70 - 11.16 137.22 3.6 - 6.82 94.04 20.87 - 178.58 - 35.91 169.44 - 10.25 128.56 3.7 - 6.79 85.65 20.27 173.50 - 36.16 161.01 - 9.49 120.64 3.8 - 6.81 77.65 19.67 166.05 - 36.31 153.47 - 8.97 113.48 3.9 - 6.92 70.51 19.02 159.20 - 36.36 146.55 - 8.48 106.15 4 - 7.10 63.84 18.40 152.87 - 36.34 140.32 - 8.08 99.85 noise parameters test conditions unless otherwise noted: v dd =+5 v, i dd = 65 ma (typ.), temp=+25c, 50 ohm system freq (ghz) nf min (db) gamma opt (mag) gamma opt (deg) rn ( ) 1.7 0.44 0.21 41.22 3.91 1.8 0.43 0.21 43.79 3.97 1.9 0.44 0.17 52.37 3.64 2 0.46 0.16 52.59 3.65 2.1 0.46 0.16 52.28 3.80 2.2 0.47 0.14 65.48 3.57 2.3 0.48 0.16 64.17 3.46 2.4 0.51 0.15 69.57 3.54 2.5 0.54 0.12 87.09 3.25 2.6 0.56 0.11 97.35 3.14 2.7 0.58 0.06 103.92 3.45
TQL9092 ultra low noise, flat gain lna datasheet: rev e 1 2 - 23 - 15 - 4 of 9 - disclaimer: subject to change without notice ? 201 5 triquint semiconductor, inc www.triquint.com \ www. qorvo .com rfmd + triquint = qorvo tq l9092 - pcb evaluation board notes: 1. see evaluation board pcb information section for material and stack - up. 2. r3 (0 jumper) is not shown on the schematic and may be replaced with copper trace in the target app lication layout. 3. all components are of 0402 size unless stated on the schematic. 4. for tdd applications: r1 = 20k & r2 = 0? 5. for fdd applications: r1 = 20k or pin 6 tied to ground. r2 = dnp/omitted 6. a through line is included on the evaluation board to de - em bed the board losses. 7. r4 sets the current draw. can be changed for the desired bias point. see table below. bill of material C tq l9092 - pcb reference des. value description manuf. part number n/a n/a printed circuit board qorvo u1 n/a ultra low nois e, flat gain lna qorvo tq l9092 r4 5.1k resistor, chip, 0402, 5%, 1/16w various r1 20k resistor, chip, 0402, 5%, 1/16w various r2, 3 0 resistor, chip, 0402, 5%, 1/16w various l1 18 nh inductor, 0603, 5%, ceramic various c4 1.0 uf cap., chip, 0402, 10%, 10v, x5r various c1, c2, c3, c5, c6 100 pf cap., chip, 0402, 5%, 50v, npo/cog various r4 resistor values for various i cq se ttings i cq (ma) 4 5 55 65 75 85 95 105 115 r4 9.2k 6.5k 5.1k 3.9k 3.1k 2.6k 2.2k 1.8k see notes 4 & 5. l 1 c 3 j 4 j 3 j 1 j 2 c 4 r 2 u 1 c 6 c 5 j 6 j 7 j 5 c 1 c 2 r 3 r 4 c 7 r 1 q 1 j 2 r f o u t p u t j 4 g n d j 3 v d d 2 3 , 4 , 5 , 8 7 j 1 r f i n p u t l 1 1 8 n h ( 0 6 0 3 ) c 2 1 0 0 p f c 1 1 0 0 p f c 3 1 0 0 p f c 4 1 u f r 2 0 ? r 1 2 0 k j 5 p d 6 r 4 c 7 1 0 0 p f 1
TQL9092 ultra low noise, flat gain lna datasheet: rev e 1 2 - 23 - 15 - 5 of 9 - disclaimer: subject to change without notice ? 201 5 triquint semiconductor, inc www.triquint.com \ www. qorvo .com rfmd + triquint = qorvo typical performance C tq l9092 - pcb test conditions unless otherwise noted: v d d =+5 v, i dd =65 ma (typ.), temp= +25c parameter conditions typical values uni ts frequency 900 1950 2600 3500 4200 mhz gain 22.8 21.3 22.6 22.6 18.3 db input return loss 13.5 10 10.5 11.8 9.2 db output return loss 33 27 17 18 10.2 db output p1db +20.1 +20.2 +19 +18.3 +17.2 dbm oip3 pout=+ 5 dbm/tone, ?f= 5 dbm/tone, ?f= dd = 80 ma +40 +35.7 +34.7 +32.8 dbm noise figure (1) 0.66 0.55 0.6 0.6 0.8 db note: 1) noise figure data has input trace loss de - embedded. performance plots C tq l9092 - pcb test conditions unless otherwise noted: v dd =+5 v, i dd = 65ma, temp= +25c . noise figure data has input trace loss de - embedded. 18 19 20 21 22 23 24 25 26 0 500 1000 1500 2000 2500 3000 3500 4000 4500 gain (db) frequency (mhz) gain vs. frequency +105 c +25 c ?40 c -30 -25 -20 -15 -10 -5 0 0 500 1000 1500 2000 2500 3000 3500 4000 4500 input return loss (db) frequency (mhz) input return loss vs. frequency +105 c +25 c ?40 c -30 -25 -20 -15 -10 -5 0 0 500 1000 1500 2000 2500 3000 3500 4000 4500 output return loss (db) frequency (mhz) output return loss vs. frequency +105 c +25 c ?40 c 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 700 1400 2100 2800 3500 4200 noise figure (db) frequency (mhz) noise figure vs. frequency +105 c +25 c ?40 c 25 30 35 40 45 700 1400 2100 2800 3500 4200 oip3 (dbm) frequency (mhz) oip3 vs frequency +105 c +25 c ?40 c pout/tone = 5 dbm 25 30 35 40 45 45 55 65 75 85 95 105 115 oip3 (dbm) i cq (ma) oip3 vs i cq 700 mhz 1500 mhz 1950 mhz 2600 mhz 3500 mhz temp.=+25 c pout/tone = +5 dbm 13 15 17 19 21 23 700 1400 2100 2800 3500 4200 p1db (dbm) frequency (mhz) p1db vs frequency +105 c +25 c ?40 c 0 5 10 15 20 25 30 -35 -30 -25 -20 -15 -10 -5 -10 -5 0 5 10 15 20 25 30 gain (db) pin (dbm) off state gain & current vs pin gain idd i dd (ma) 25 30 35 40 45 700 1400 2100 2800 3500 4200 oip3 (dbm) frequency (mhz) oip3 vs frequency pout/tone = +5 dbm temp.=+25 c v dd = +3.3 v r4 = 2.7k i cq = 65 ma
TQL9092 ultra low noise, flat gain lna datasheet: rev e 1 2 - 23 - 15 - 6 of 9 - disclaimer: subject to change without notice ? 201 5 triquint semiconductor, inc www.triquint.com \ www. qorvo .com rfmd + triquint = qorvo tq l9092 3.3v v dd operation this page provides performance data when operating at 3.3v v dd with 65ma and 80ma i dd . the current level was adjusted with the following resistor setting on the evaluation board. please refer to pg. 4 for pcb schematic and layout. r4 = 2.4k for i dd = 65ma r4 = 1.6k for i dd = 80ma performance plots C TQL9092 - pcb at v dd = 3.3v test conditions unless otherwise noted: v dd =+ 3.3 v , temp= +25c . noise figure data has input trace loss de - embedded. typical performance C vdd = 3.3v test conditions unless otherwise noted: v d d =+ 3.3 v, temp= +25c parameter conditions typical values units frequency 1950 2600 3500 mhz i dd 65 80 65 80 65 80 ma gain 21.5 21.5 22.4 22.3 22.2 22.4 db input return loss 10.5 10.5 10.5 11 10 11 db output return loss 26 26 18 18 18 20 db output p1db +18.5 +18.7 +17.4 +17.6 +16 +15.8 dbm oip3 pout=+5 dbm/tone, ?f=1 mhz (1) 0.43 0.42 0.52 0.51 0.74 0.74 db note: 1) noise figure data has input trace loss de - embedded. 18 19 20 21 22 23 24 25 26 0 500 1000 1500 2000 2500 3000 3500 4000 4500 gain (db) frequency (mhz) gain vs. frequency idd = 80 ma idd = 65 ma -30 -25 -20 -15 -10 -5 0 0 500 1000 1500 2000 2500 3000 3500 4000 4500 |s11| (db) frequency (mhz) input return loss vs. frequency idd = 80 ma idd = 65 ma -30 -25 -20 -15 -10 -5 0 0 500 1000 1500 2000 2500 3000 3500 4000 4500 |s22| (db) frequency (mhz) output return loss vs. frequency idd = 80 ma idd = 65 ma 25 30 35 40 45 3 4 5 6 7 oip3 (dbm) pout/tone (dbm) oip3 vs. pout/tone (i dd = 65ma) 1950 mhz 2600 mhz 3500 mhz 25 30 35 40 45 3 4 5 6 7 oip3 (dbm) pout/tone (dbm) oip3 vs. pout/tone (i dd = 80ma) 1950 mhz 2600 mhz 3500 mhz 0.0 0.2 0.4 0.6 0.8 1.0 1900 2100 2300 2500 2700 2900 3100 3300 3500 noise figure (db) frequency (mhz) noise figure vs frequency idd = 65 ma idd = 80 ma
TQL9092 ultra low noise, flat gain lna datasheet: rev e 1 2 - 23 - 15 - 7 of 9 - disclaimer: subject to change without notice ? 201 5 triquint semiconductor, inc www.triquint.com \ www. qorvo .com rfmd + triquint = qorvo pin configuration and description pin no. label description 1 vbias sets the icq bias point for the device. 2 rf i n rf input pin. a dc bloc k is required. 6 shut d own a high voltage (>1.17v) turns off the device. if the pin is pulled to ground or driven with a voltage less than 0.63 v, then the device will operate under lna on state. 7 rf o ut / dc b ias rf output pin. dc bias will also need to be injected through a rf bias choke/inductor for operation. 3, 4, 5, 8 n c no electrical connection. provide grounded land pads for pcb mounting integrity. backside paddle rf/dc gnd rf/dc ground. use recommended via pattern to minimize inductance and t hermal resistance; see pcb mounting pattern for suggested footprint. evaluation board pcb information qorvo pcb 1128449 material and stack - up 50 ohm line dimensions: width = 0.020, spacing = 0.032 b a c k s i d e p a d d l e - r f / d c g n d p i n 1 r e f e r e n c e m a r k 8 7 6 5 1 2 3 4 n c r f o u t s h u t d o w n n c v b i a s r f i n n c n c 1 o z . c u b o t t o m l a y e r r o g e r s 4 3 5 0 b r o g e r s 4 4 5 0 f r o g e r s 4 3 5 0 b r = 3 . 7 t y p . 1 o z . c u t o p l a y e r 1 o z . c u i n n e r l a y e r 1 o z . c u i n n e r l a y e r 0 . 0 1 0 " 0 . 0 1 0 " 0 . 0 6 2 " 0 . 0 0 6 " f i n i s h e d b o a r d t h i c k n e s s
TQL9092 ultra low noise, flat gain lna datasheet: rev e 1 2 - 23 - 15 - 8 of 9 - disclaimer: subject to change without notice ? 201 5 triquint semiconductor, inc www.triquint.com \ www. qorvo .com rfmd + triquint = qorvo mechanical information package ma rking and dimensions marking: part number C C n otes : 1. all dimensions are in millimeters. angles are in degrees. 2. except where noted, this part outline conforms to jedec standard mo - 220, issue e (variation vggc) for thermally enhanc ed plastic very thin fine pitch quad flat no lead package (qfn). 3. dimension and tolerance formats conform to asme y14.4m - 1994. 4. the terminal #1 identifier and terminal numbering conform to jesd 95 - 1 spp - 012. pcb mounting pattern n otes : 1. all dimension s are in millimeters. angles are in degrees. 2. use 1 oz. copper minimum for top and bottom layer metal. 3. vias are required under the backside paddle of this device for proper rf/dc grounding and thermal dissipation. we recommend a 0.35mm (#80/.0135") dia meter bit for drilling via holes and a final plated thru diameter of 0.25 mm (0.10). 4. ensure good package backside paddle solder attach for reliable operation and best electrical performance. 9092 xxxx
TQL9092 ultra low noise, flat gain lna datasheet: rev e 1 2 - 23 - 15 - 9 of 9 - disclaimer: subject to change without notice ? 201 5 triquint semiconductor, inc www.triquint.com \ www. qorvo .com rfmd + triquint = qorvo product compliance information esd sensitivity ratings caution! esd - sensitive device esd rating: class 1b value: 500v to <1000v test: human body model (hbm) standard: jedec standard jesd22 - a114 esd rating: class c3 value: >1000v test: charged device model (cdm) standard: jedec standard jesd22 - c101 solderability compatible with both lead - free (260 c max. reflow temperature) and tin/lead (245 c max. reflow temperature) soldering processes. contact plating: nipdau rohs compliance this part is compliant with eu 2002/95/ec rohs directive (restri ctions on the use of certain hazardous substances in electrical and electronic equipment). this product also has the following attributes: ? ? ? ? 15 h 12 br 4 0 2 ) free ? ? msl rating msl rating : level 1 test: 260c convection reflow standard: jedec standard ipc/jedec j - std - 020 contact information for the latest specifications, additional product information, worldwide sales and distribution locations : web: www.triquint.com tel: 8 77 - 800 - 8584 email: customer.support@qorvo.com for information about the merger of rfmd and triquint as qorvo: web: w ww.qorvo.com for technical questions and application information: email: sjcapplications.engineering@qorvo.com important notice the information contained herein is believed to be r eliable. qorvo makes no warranties regarding the information contained herein. qorvo assumes no responsibility or liability whatsoever for any of the information contained herein. qorvo assumes no responsibility or liability whatsoever for the use of th e information contained herein. the information contained herein is provided "as is, where is" and with all faults, and the entire risk associated with such information is entirely with the user. all information contained herein is subject to change without notice. customers should obtain and verify the latest relevant information before placing orders for qorvo products. the information contained herein or any use of such information does not gr ant, explicitly or implicitly, to any party any patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or anything described by such information. qorvo products are not warranted or authorized f or use as critical components in medical, life - saving, or life - sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal injury or death.


▲Up To Search▲   

 
Price & Availability of TQL9092

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X