Part Number Hot Search : 
LC75700T CN100 R6200250 PRODUCTS SMV2640L RM251 IRF740AL 3EZ120D1
Product Description
Full Text Search
 

To Download TFS550 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfs 550.doc version 1.4 09.05.2008 vi telefilter filter specification tfs 550 1/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the product(s) and/or information contained herein without notice. no liability is assumed as a result of their use or application. n o rights under any patent accompany the sale of any such product(s) or information. measurement condition ambient temperature: 23 c input power level: 0 dbm terminating impedance: input: 50  output: 50  characteristics remark: the maximum attenuation in the pass band is defined as the insertion loss a e . the nominal frequency f n is fixed at 550 mhz without any tolerance or limit . the values of absolute attenuation a abs are guaranteed for the whole operating temperature range. the frequency shift of the filter in the op erating temperature range is included in the production tol erance scheme. d a t a typ. value tolerance / limit insertion loss a e 1,6 db max. 3,0 db nominal frequency f n - 550,0 mhz passband pb - f n 12,0 mhz bandwidth bw 1 db 34,7 mhz min. 24,0 mhz absolute attenuation a abs 0,3 mhz ... 475 mhz 55 db min. 40 db 475 mhz ... 520 mhz 16 db min. 10 db 580 mhz ... 630 mhz 18 db min. 10 db 630 mhz ... 850 mhz 49 db min. 40 db 850 mhz ... 1000 mhz 61 db min. 50 db ip3 min. +30 dbm input power level - max. 10 dbm operating temperature range otr - - 45 c ... + 85 c storage temperature range - - 45 c ... + 85 c temperature coefficient of frequency tc f * -76 ppm/k - *) ? f(hz) =tc f (ppm/k) x(t-t 0 ) x f to (mhz) generated: checked / approved:
filename: tfs 550.doc version 1.4 09.05.2008 vi telefilter filter specification tfs 550 2/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the product(s) and/or information contained herein without notice. no liability is assumed as a result of their use or application. n o rights under any patent accompany the sale of any such product(s) or information. filter characteristic construction and pin connection (all dimensions in mm) date code sq 3,81 +0,2/-0,1 1 3 7 5 1,2 max. 0,6 1,78 0,1 1,78 2,54 1 2 0 % % d 1 3 5 7 50  test circuit l1 saw l2 2 6 1, 3, 4, 5, 7, 8 550 w19 1 ground 2 input 3 ground 4 ground 5 ground 6 output 7 ground 8 ground date code: year + week w 2008 x 2009 a 2010 ... 0 100 200 300 400 500 600 700 800 900 1000 -100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 frequency in mhz magnitude in db 530 535 540 545 550 555 560 565 570 -5 -4.5 -4 -3.5 -3 -2.5 -2 -1.5 -1 -0.5 0 frequency in mhz magnitude in db
filename: tfs 550.doc version 1.4 09.05.2008 vi telefilter filter specification tfs 550 3/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the product(s) and/or information contained herein without notice. no liability is assumed as a result of their use or application. n o rights under any patent accompany the sale of any such product(s) or information. stability characteristics, reliability after the following tests the filter shall meet the whole specification: 1. shock: 500g, 1 ms, half sine wave, 3 shocks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5 g respe ctively, 1 octave per min, 10 cycles per plan, 3 pl ans; din iec 68 t2 - 6 3. change of temperature: -55 c to 125c / 30 min. each / 1 0 cycles din iec 68 part 2 ? 14 test n 4. resistance to solder heat (reflow): reflow possible: three ti mes max.; for temperature conditions refer to the attached " air reflow temperature conditions" on page 4; this filter is rohs compliant (2002/95/eg, 2005/618 /eg) packing tape & reel: iec 286 ? 3, with exception of value f or n and minimum bending radius; tape type ii, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: 3000 reel of empty components at start: min. 300 mm reel of empty components at start including leader : min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao pull off direction pin marker typ date code ko t a c n w 1 w 2 the minimum bending radius is 45 mm. tape (all dimensions in mm) w : 12,00 0,3 po : 4,00 0,1 do : 1,50 +0,1/-0 e : 1,75 0,1 f : 5,50 0,05 g(min) : 0,75 p2 : 2,00 0,05 p1 : 8,00 0,1 d1(min) : 1,50 ao : 4,30 0,1 bo : 4,30 0,1 ct : 9,5 0,1 reel (all dimensions in mm) a : 330 w1 : 12,4 +2/-0 w2(max) : 18,4 n(min) : 50 c : 13,0 +0,5/-0,2
filename: tfs 550.doc version 1.4 09.05.2008 vi telefilter filter specification tfs 550 4/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the product(s) and/or information contained herein without notice. no liability is assumed as a result of their use or application. n o rights under any patent accompany the sale of any such product(s) or information. air reflow temperature conditions conditions exposure average ramp-up rate (30c to 217c) less than 3c/ second > 100c between 300 and 600 seconds > 150c between 240 and 500 seconds > 217c between 30 and 150 seconds peak temperature max. 260c time within 5c of actual peak temperature between 10 and 30 seconds cool-down rate (peak to 50c) less than 6c/second time from 30c to peak temperature no greater than 300 seconds temperature / c time / s max. 260c 217c 10 ... 30 s 30 ... 150 s max. 300 s chip-mount air reflow profile
filename: tfs 550.doc version 1.4 09.05.2008 vi telefilter filter specification tfs 550 5/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the product(s) and/or information contained herein without notice. no liability is assumed as a result of their use or application. n o rights under any patent accompany the sale of any such product(s) or information. history version reason of changes name date 1.0 generation of development specification strehl 15.01.2007 1.1 changing data section according to customer req uirement martens 28.03.2007 1.2 change absolute attenuation strehl 04.04.2007 1.3 change attenuation s. channaa 04.03.2008 1.4 change attenuation, add typical values add filter characteristic, generation of filter spe cification s. channaa 09.05.2008


▲Up To Search▲   

 
Price & Availability of TFS550

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X