Part Number Hot Search : 
THS4304 M51161 65003 106K0 LM385 BAM120 10011 MBR2515L
Product Description
Full Text Search
 

To Download PSF100-36S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver : a_3 update : 2015.05.15 led power psf100 series 100 watts http://www.archcorp.com.tw tel: +886-2-26989508 fax: +886-2-26981319 -1- electrical specifications all specifications valid at normal input vol tage, full load and +25c after warm-up time unless otherwise stated. model no. psf100-24s PSF100-36S psf100-48s psf100-54s max output wattage ( w ) 96w 96w 96w 95.58w voltage (note2) 90-295 vac frequency (hz) 50 / 60 hz power factor pf>0.9 at full load (115 vac / 230 vac) current (full load) 1.4a (115 vac) / 0.7a (230 vac) inrush current (at 230 vac) 60 a max. input leakage current < 0.7 ma max at 240 vac voltage (v.dc.) 24v 36v 48v 54v voltage adj range setup (cv mode) 22 ~ 26.5v 33 ~ 39.5v 44 ~ 51.5v 49 ~ 55v constant current operation voltage (max) (cc mode) (note3) 15.6~ 24 vdc 23.4~36 vdc 31.2~48 vdc 35.1~54 vdc voltage tolerance 10% preset current (ma) (cc mode) (fixed) (at 230 vac) 3500 (2600~4000) 2100 (1720~2650) 1750 (1300~2000) 1400 (1150~1770) minimum load (ma) 2600 1720 1300 1150 line regulation (typ.) (110-240 vac) 4% load regulation (min-max) (typ.) 5% ripple & noise (typ.) (note1) 2.7vp-p 5vp-p output efficiency (at 230vac / full load)(typ) 89% 90% 89% 90% over current protection auto recovery over voltage protection zener diode clamp protection short circuit protection auto recovery isolation input-output (v.ac) 3750v operating temperature -30c?+70c (with derating) storage temperature -40c?+85c temperature coefficient 0.02%/c humidity 95% rh environment mtbf >450,000 h @ 25c (mil-hdbk-217f) dimension (l x w x h) 5.67 x 2.76 x 1.48 inches ( 144.0 x 70.0 x 37.5 mm ) tolerance ? 2mm weight 640 g physical cooling method free air convection safety agency approvals ul8750 iec / en 61347-2-13 iec / en 61347-1 emi (conducted & radiated emission) en 55015 ems (noise immunity) en 61547 harmonic current en 61000-3-2(at full load) en 61000-3-3 emc surge 2kv l-n key features ? fully isolated plasti c case with ip67 level ? with constant current & constant voltage (c.c+c.v mode) ? with p.f.c. function, pf>0.9 ? high efficiency up to 90% ? free air convection ? protections: over load / over voltage / short circuit ? high reliability & double layered pcb ? suitable for led lighting and moving sign applications ? isolation class ii ? 3-yea r product warranty
ver : a_3 update : 2015.05.15 led power psf100 series 100 watts http://www.archcorp.com.tw tel: +886-2-26989508 fax: +886-2-26981319 -2- mechanical dimension ( top view ) derating block diagram note: 1. ripple & noise are measured at 20mhz of bandwidth with 0.1uf & 47uf parallel capacitor. 2. please check the derating curve for more details. 3. input voltage=115 or 230 vac this is the suitable operation region for led related applicat ion.but please reconfirm spec ial electrical requirements for some specific system design. 4. please contact us for more information. 5. it's recommended to add varistor 14s561k at l / n input side in parallel. 6. this driver is suggested for led application only. 7. direct connection to leds is suggested. connecting additiona l drivers would not be appropriate.


▲Up To Search▲   

 
Price & Availability of PSF100-36S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X