Part Number Hot Search : 
20M000 DDTC124 AZ7805D BT3904 C559C CMF211 S1500 UF5400
Product Description
Full Text Search
 

To Download ET-MWP100G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/6 product name : multi window processor s pec f ile product number : et- mwp100g as of july 2013. specifications and appearance are subject to change without notice. sfd13a007
s pec f ile multi window processor ET-MWP100G 2/6 as of july 2013 sfd13a007 dvi-u (digital) dvi-u (analog)/rgb yp b (c b )p r (c r ) video/s-video f h : 15.6?82.2 khz, f v : 24.0?85.1 hz, dot clock: 25.2?162 mhz f h : 15.6?82.2 khz, f v : 24.0?85.1 hz, dot clock: 162 mhz or lower 525i (480i): f h 15.75 khz; f v 60 hz, 625i (576i): f h 15.63 khz; f v 50 hz, 525p (480p): f h 31.50 khz; f v 60 hz, 625p (576p): f h 31.25 khz; f v 50 hz, 750 (720)/60p: f h 45.00 khz; f v 60 hz, 750 (720)/50p: f h 37.50 khz; f v 50 hz, 1125 (1080)/60i: f h 33.75 khz; f v 60 hz, 1125 (1080)/50i: f h 28.13 khz; f v 50 hz, 1125 (1080)/25p: f h 28.13 khz; f v 25 hz, 1125 (1080)/24p: f h 27.00 khz; f v 24 hz, 1125 (1080)/30p: f h 33.75 khz; f v 30 hz, 1125 (1080)/60p: f h 67.50 khz; f v 60 hz, 1125 (1080)/50p: f h 56.25 khz; f v 50 hz f h : 15.75 khz, f v : 60 hz [ntsc/ntsc4.43/pal-m/pal60] f h : 15.63 khz, f v : 50 hz [pal/secam/pal-n] scanning frequency sdi 3g-sdi signal (level a yp b p r 4:2:2 10-bit): smpte st 424 compliant: 1125(1080)/60p, 1125(1080)/50p hd-sdi signal (yp b p r 4:2:2 10-bit): smpte st 292 compliant: 750(720)/60p, 750(720)/50p, 1125(1035)/60i, 1125(1080)/60i, 1125(1080)/50i, 1125(1080)/25p, 1125(1080)/24p, 1125(1080)/24sf, 1125(1080)/30p sd-sdi signal (yc b c r 4:2:2 10-bit): smpte st 259 compliant: 525i(480i), 625i(576i) description this processor is a device which consists of slots for mounting optional i/o boards, and which synthesizes different input sign als for output to other equipment such as projectors. * this processor does not operate by itself. in order to use it, you must mount an optional i/o board onto the processor. * ask a properly-qualified technician or the place of purchase to mount any optional devices. specifications power supply power consumption 100?240 v ac, 50/60 hz 160 w max. (180 w with the et-rps100g) terminals serial in lan d-sub 9-pin (female) 1, for external control (rs-232c compliant) rj-45 1, for network connection, 100base-tx/10base-t usb type a (front), type b (rear) (for service) board mounting slots 16 slots (including two dedicated input slot and two dedicated output slot) (with the et-mcydv100) sdi (with the et-mcysd200/mcysd210) (with the et-mcysd200) sdi in (with the et-mcysd200) bnc x 2 3g-sdi signal: smpte st 424 compliant hd-sdi signal: smpte st 292 compliant sd-sdi signal: smpte st 259 compliant sdi in (with the et-mcysd210) bnc x 4 hd-sdi signal: smpte st 292 compliant sd-sdi signal: smpte st 259 compliant
s pec f ile multi window processor 3/6 ET-MWP100G as of july 2013 sfd13a007 weights and dimensions shown are approximate. specifications and appearance are subject to change without notice. * 3 average value. may differ depending on models. * 2 compatible with vesa cvt-rb (reduced blanking) signals only * 4 the operating temperature range is 0 c to 35 c (32 f to 95 f) when the processor used in high altitude of 1,400m (4,593 ft ) or more. supplied accessories optional accessories power cord ( 3) software cd-rom (control software for multi window processor) ( 1) power cord length dimensions (w h d) weight operating temperature o 3g-sdi signal 2 input board et- mcysd200 hd/sd-sdi signal 4 input board et- mcysd210 dvi-u signal 2 input board et- mcydv100 dvi-u signal 2 output board et- mcqdv150 digital link signal 2 output board et- mcqdl350 power supply unit (for backup) et- rps100g perating humidity 3.0 m (9 ft 10 in) 482 177 313 mm (18-31/32 6-31/32 12-5/16 inches) 4u rack size (including bosses, when rack mounting bracket is installed) approx. 9.6 kg (21.16 lbs)* 3 (when optional devices are mounted) 0 ? 40 c (32 ?104 f) * 4 10%? 85% (no condensation) * 1 only compatible with dot clock frequency of 27 mhz (pixel repetition signal) dvi-u (with the et-mcqdv150) out dvi-u 29-pin 2 dvi 1.0 compliant digital rgb/yp b p r (yc b c r ) (with the et-mcqdl350) digital link out rj-45 2 lan in rj-45 1 for network connection, 100base-tx/10base-t rgb s-video signal r: 0.7 vp-p, 75 ohms, g: 0.7 vp-p (g: 1.0 vp-p for sync on g), 75 ohms, b: 0.7 vp-p, 75 ohms hd, vd/sync: ttl, high impedance, positive/negative automatic y: 1.0 vp-p (including sync signal), p b /p r (c b /c r ): 0.7 vp-p, 75 ohms y: 1.0 vp-p, c: 0.286 vp-p, 75 ohms video signal y: 1.0 vp-p, 75 ohms yp b p r (yc b c r ) dvi-u (with the et-mcydv100) in dvi-u 29-pin 2 dvi 1.0 compliant, hdcp compatible, digital for single link only 525i(480i)* 1 , 625i(576i)* 1 , 525p(480p), 625p(576p), 750(720)/60p, 750(720)50p, 1125(1080)/60i, 1125(1080)/50i, 1125(1080)/25p, 1125(1080)/24p, 1125(1080)/30p, 1125(1080)/60p, 1125(1080)/50p vga (640 480) ? wuxga* 2 (1,920 1,200), dot clock: 25 mhz ?162 mhz note: compatible with non-interlaced signals only.
s pec f ile multi window processor 4/6 ET-MWP100G as of july 2013 sfd13a007 dimensions 1 4567 23 terminals 313 (12-5/16) 177 (6-31/32) 436 (17-5/32) 482 (18-31/32) 294 (11-9/16) 1 dedicated input board slots 2 dual i/o board slots 3 dedicated output board slots 4 lan 5 serial input 6 usb type b 7 power supply unit mount unit : mm (inch) note: this illustration is not drawn to scale.
s pec f ile multi window processor 5/6 ET-MWP100G as of july 2013 sfd13a007 list of compatible signals the signals that can be input to this projector are shown in the table below. horizontal scanning fre- quencies of 15.6 khz to 85.1 khz, vertical scanning frequencies of 24.0 hz to 85.1 hz, and a dot clock of 162 mhz maximum can be input. display mode display resolution (dots)* 1 scanning frequency h (khz) v (hz) dot clock frequency (mhz) format 720 480i 720 576i 720 480i 720 576i 720 483 720 576 1280 720 1920 1080i 1920 1080 640 480 800 600 1024 768 1280 768 1280 800 1280 960 1366 768 1400 1050 15.7 15.6 15.7 15.6 31.5 31.3 45.0 37.5 33.7 28.1 26.9 28.1 33.7 67.4 56.3 31.5 35.0 37.5 37.9 35.2 37.9 46.9 48.1 53.7 48.4 60.0 56.5 68.7 47.8 49.7 60.0 64.0 47.7 65.3 82.2 59.9 50.0 59.9 50.0 59.9 50.0 60.0 50.0 59.4 33.8 60.0 50.0 24.0 25.0 30.0 59.9 50.0 67.5 60.0 59.9 66.7 75.0 72.8 56.3 60.3 75.0 72.2 85.1 60.0 75.0 70.1 85.0 59.9 59.8 60.0 59.8 60.0 75.0 ? 13.5 74.3 74.3 50.0 59.4 74.2 74.2 74.3 74.2 74.2 27.0 74.3 33.8 74.3 148.3 148.5 25.2 30.2 31.5 36.0 40.0 49.5 50.0 56.3 65.0 78.8 75.0 94.5 63.0 71.6 74.9 84.9 106.5 122.5 79.5 83.5 108.0 84.8 121.8 155.9 ntsc pal 525i (480i) 625i (576i) 525p (480p) 625p (576p) 750p (720p)/60p 750p (720p)/50p 1125 (1080)/60i 1125 (1080)/50i 1125 (1080)/24p 1125 (1080)/25p 1125 (1080)/30p 1125 (1080)/60p 1125 (1080)/50p vga svga xga 1152 864 64.0 67.5 70.0 74.9 94.2 108.0 mxga 1280 768 1280 800 msxga 1280 1024 sxga 1366 768 1440 900 55.9 59.9 106.5 1440 900 1600 1200 75.0 162.0 uxga 1680 1050 65.3 60.0 146.3 wsxga+ 1920 1200 74.0 154.0 wuxga* 3 sxga+ video/s-video yp sd-sdi hd-sdi b p r /rgb 720 (1440) 480i* 2 720 (1440) 576i* 2 15.7 15.6 59.9 50.0 27.0 525i (480i) 625i (576i) dvi dvi/yp b p r /rgb 3g/hd-sdi dvi/yp b p r /rgb dvi/yp b p r /rgb dvi/rgb * the ?i? appearing after the resolution indicates an interlaced signal. * 3 1 * pixel repetition signal only. 2 compliant with vesa cvt-rb (coordinated video timing-reduced blanking).
s pec f ile multi window processor 6/6 ET-MWP100G as of july 2013 sfd13a007 output signal list the signals that can be output by this processor are as shown below. display mode display resolution (dots)* 1 scanning frequency h (khz) v (hz) dot clock frequency (mhz) format 720 480i 720 576i 720 483 720 576 1280 720 1920 1080i 1920 1080 640 480 800 600 1024 768 1280 768 1280 800 1280 960 1366 768 1400 1050 15.7 15.6 31.5 31.3 45.0 37.5 33.7 28.1 26.9 28.1 33.7 67.4 56.3 31.5 35.0 37.5 37.9 35.2 37.9 46.9 48.1 53.7 48.4 60.0 56.5 68.7 47.8 49.7 60.0 64.0 47.7 65.3 82.2 59.9 50.0 59.9 50.0 60.0 50.0 59.4 33.8 60.0 50.0 24.0 25.0 30.0 59.9 50.0 67.5 60.0 59.9 66.7 75.0 72.8 56.3 60.3 75.0 72.2 85.1 60.0 75.0 70.1 85.0 59.9 59.8 60.0 59.8 60.0 75.0 13.5 27.0 74.3 74.3 50.0 59.4 74.2 74.2 74.3 74.2 74.2 27.0 74.3 33.8 74.3 148.3 148.5 25.2 30.2 31.5 36.0 40.0 49.5 50.0 56.3 65.0 78.8 75.0 94.5 63.0 71.6 74.9 84.9 106.5 122.5 79.5 83.5 108.0 84.8 121.8 155.9 525i (480i) 625i (576i) 525p (480p) 625p (576p) 750p (720p)/60p 750p (720p)/50p: 1125 (1080)/60i 1125 (1080)/50i 1125 (1080)/24p 1125 (1080)/25p 1125 (1080)/30p 1125 (1080)/60p 1125 (1080)/50p vga svga xga 1152 864 64.0 67.5 70.0 74.9 94.2 108.0 mxga 1280 768 1280 800 msxga 1280 1024 sxga 1366 768 1440 900 55.9 59.9 106.5 1440 900 1600 1200 75.0 162.0 uxga 1680 1050 65.3 60.0 146.3 wsxga+ 1920 1200 74.0 154.0 wuxga60 sxga+ yc b c r /rgb digital link/ dvi/yc b c r /rgb digital link/ dvi/rgb * the ?i? appearing after the resolution indicates an interlaced signal.


▲Up To Search▲   

 
Price & Availability of ET-MWP100G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X