Part Number Hot Search : 
FW344 M38C81M2 C1602G 2U025 F0810NH EMB9N M25P40 FS10UM
Product Description
Full Text Search
 

To Download AML056P4511 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model number # AML056P4511 eccn # ear99 features: ? internal voltage regulator, reverse voltage protection, and dc filter feed through are included. ? amplifier is in hermetically sealed housing with field removable sma (f) connectors. ? atp (100%) testing includes gain, flatness, nf, psat, vswr, and dc current measurement at room temperature. electrical specifications: parameter min typ max units frequency range 0.5 6.0 ghz gain 45 db gain flatness vs. freq. ? 3.0 db noise figure 6.0 db psat 40 41 dbm psat 10 watts dc voltage 40 v dc current 1.5 a pae 25 % operating temperature -54 +85 c ttl control dc on/off switching speed 50% ttl C 90% rf/10% rf on: 250 ns nom off: 500 ns nom dc power in off condition <10% full rf specifications above are at +25c unless stated otherwise outline: microsemi-rfis (formerly aml) | camarillo, ca | 805-388-1345 | sales.support@microsemi.com | www.microsemi.com specifications are subject to change without notice downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of AML056P4511

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X