Part Number Hot Search : 
YD1028 SI9718CY B2412 BR2506 C3875 3N130 79L12 74VCX16
Product Description
Full Text Search
 

To Download LFUSCD10120A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2016 littelfuse, inc. specifcations are subject to change without notice. revised: 10/05/16 rohs pb LFUSCD10120A features applications ? positive temperature coeffcient for safe operation and ease of paralleling ? 175 c maximum operating junction temperature ? enhanced surge capability ? extremely fast, temperature-independent switching behavior ? dramatically reduced switching losses compared to si bipolar diodes ? boost diodes in power factor correction ? switch-mode power supplies ? uninterruptible power supplies ? solar inverters ? industrial motor drives maximum ratings characteristics symbol conditions value unit dc blocking voltage v r - 1200 v repetitive peak reverse voltage, tj = 25 c v rrm 1200 v maximum dc forward current i f t c = 142 c 10 a non-repetitive forward surge current i fsm t c = 25 c, 8.3 ms, half sine pulse 80 a power dissipation p to t t c = 25 c 136 w t c = 142 c 30 maximum operating junction temperature t j,max 175 c storage temperature t stg -55 to 175 c soldering temperatures, wavesoldering only allowed at leads t sold 1.6 mm from case for 10s 260 c circuit diagram description the lfuscd series of silicon carbide (sic) schottky di - odes has near-zero recovery current, high surge capability, and a maximum operating junction temperature of 175 c . the diode series is ideal for applications where improve - ments in effciency, reliability, and thermal management are desired. case 12 2 1 1 sic schottky diode LFUSCD10120A, 1200 v, 10 a, to-220 2-lead
? 2016 littelfuse, inc. specifcations are subject to change without notice. revised: 10/05/16 1.e-09 1.e-08 1.e-07 1.e-06 1.e-05 1.e-04 50 06 00 70 08 00 90 01 00 01 10 01 20 0 reverse current, i r (a ) reverse voltage, v r (v ) - 55 c 25 c 175 c 10 -4 10 -5 10 -6 10 -7 10 -8 10 -9 figure 2: typical foward characteristics figure 1: typical reverse characteristics 0 5 10 15 20 012345 forw ard current, i f (a ) forw ard voltage, v f (v ) - 55 c 25 c 100 c 150 c 175 c characteristics symbol conditions value unit min. typ. max. orard voltage v 1 t 5 c 1. 5 1. v 1 t 15 c .5 3 everse current v r r r r r r electrical characteristics footnote: t 25 c unless otherwise specifed thermal characteristics characteristics symbol conditions value unit min. typ. max. thermal esistance r jc sic schottky diode LFUSCD10120A, 1200 v, 10 a, to-220 2-lead
? 2016 littelfuse, inc. specifcations are subject to change without notice. revised: 10/05/16 figure 5: capacitance vs. reverse voltage 0 10 0 20 0 30 0 40 0 50 0 60 0 70 0 0. 11 10 10 01 00 0 capacitance, c (pf) reverse voltage, v r (v ) figure 6: transient thermal impedance 0.01 0. 1 1 1.e-05 1.e-04 1.e-03 1.e-02 1.e-01 th ermal impedance, z( c/w) ti me , t (s ) d = 0. 5 d = 0. 3 d = 0. 1 d = 0.05 d = 0.02 si ngle puls e jc 0 50 10 0 15 0 25 50 75 10 01 25 15 01 75 po we r disspiation, p to t (w ) t c ( c) figure 4: diode foward current figure 3: power disipation 0 20 40 60 80 10 0 12 0 25 50 75 10 01 25 15 01 75 forw ard current, i f (a ) t c ( c) d = 0. 1 d = 0. 3 d = 0. 5 d = 0. 7 d = 1. 0 sic schottky diode LFUSCD10120A, 1200 v, 10 a, to-220 2-lead
? 2016 littelfuse, inc. specifcations are subject to change without notice. revised: 10/05/16 dimensions-package to-220 2-lead packing specifcation ( tube for to-220 2-lead ) symbol inches millimeters min max min max a 0.165 0.185 4.19 4.70 a1 0.048 0.052 1.22 1.32 a2 0.094 0.098 2.39 2.49 b 0.025 0.035 0.64 0.89 b2 0.045 0.055 1. 14 1.40 c 0.018 0.025 0.46 0.64 d 0.595 0.615 15.11 15.62 d1 0.355 0.365 9.02 9.27 e 0.381 0.391 9.68 9.93 e1 0.198 0.202 5.03 5.13 l 0.500 0.510 12.70 12.95 l1 0.120 0.150 3.05 3.81 p 0.143 0.147 3.63 3.73 q 0.100 0.120 2.54 3.05 part marking system packing options part number marking packing mode m.o.q LFUSCD10120A LFUSCD10120A 50 pcs / tube 500 mounting m3/m3.5 1nm torque screw 8.8 lbf-in note: all units in millimeters. t olerances 0.25mm unless otherwise specified. lfuscd 10120a pywxx zzz scd = sic diode 10 = current rating (10 a) 120 = voltage rating (1200 v) a = to-220-2 package lfu = littelfuse pywxx = date code zzz = lot number date code notes: p = assembly code y = year w = week xx = sequencial build numbe r sic schottky diode LFUSCD10120A, 1200 v, 10 a, to-220 2-lead


▲Up To Search▲   

 
Price & Availability of LFUSCD10120A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X