Part Number Hot Search : 
A221MHA0 P3055 2451B ATMEGA16 167BZXC 4000G 1650479 W24258H
Product Description
Full Text Search
 

To Download FEC15-12S05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wide 2 : 1 input range high effciency regulated outputs 1600v isolation full emi shielding standard pinouts model number output voltage output amps input range single output fec15-12s33 3.3 vdc 4 9-18 vdc fec15-24s33 4 18-36 vdc fec15-48s33 4 36-72 vdc FEC15-12S05 5 vdc 3 9-18 vdc fec15-24s05 3 18-36 vdc fec15-48s05 3 36-72 vdc fec15-12s12 12 vdc 1.25 9-18 vdc fec15-24s12 1.25 18-36 vdc fec15-48s12 1.25 36-72 vdc fec15-12s15 15 vdc 1 9-18 vdc fec15-24s15 1 18-36 vdc fec15-48s15 1 36-72 vdc dual output fec15-12d05 +/-5 vdc +/-1.5 9-18 vdc fec15-24d05 +/-1.5 18-36 vdc fec15-48d05 +/-1.5 36-72 vdc fec15-12d12 +/-12 vdc +/-0.635 9-18 vdc fec15-24d12 +/-0.635 18-36 vdc fec15-48d12 +/-0.635 36-72 vdc fec15-12d15 +/-15 vdc +/-0.5 9-18 vdc fec15-24d15 +/-0.5 18-36 vdc fec15-48d15 +/-0.5 36-72 vdc unit measures 1w x 2l x 0.375h isolated and regulated 15 watt modular dc/dc converters fec15 series www.astrodynetdi.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458
input specifications input voltage ranges: 12 vdc nominal 9-18 vdc 24 vdc nominal 18-36 vdc 48 vdc nominal 36-72 vdc input filter pi type output specifications voltage and current see selection chart load regulation singles: +/-1% 10% - fl duals: +/-2% line regulation +/-1% temperature coeffcient +/-0.02%/degc ripple/noise(single/dual) (50 / 75) mv pk-pk, typ voltage stability +/- 1% transient response recovery 25% load step change 500 microseconds short circuit protection continuous, self-recovering overvoltage protection threshold: 3.3v output 3.9volts 5v output 6.2volts 12v output 15volts 15v output 18volts general specifications input-out isolation 1600vdc in/out capacitance 1000 pf isolation resistance 10000 m ohms effciency 84%, typ switching frequency 500khz, single typ 300khz, dual typ environmental specifications oper. temperature -40 to +71 degc(see derate) storage temperature -55 to +125 degc * maximum case temp 110 degc * mtbf 2.04 mhrs mil-hdbk-217f ta=25c fl physical specifications case material nickel-coated copper non-conductive base construction fully encapsulated weight 1.14 oz, (32g) * these are stress ratings. exposure of the devices to any of these conditions may adversely affect long term reliability. proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. all specifcations are typical at nominal input, full load, and 25degc unless otherwise noted isolated and regulated 15 watt modular dc/dc converters fec15 series www.astrodynetdi.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458
output derating curve mechanical dimensions 0.40 (10.2) 0.40 (10. 2) 0.50 (12.7) 1.00(25.4) 0.40 (10.2) ) 0 . 1 ( 4 0 . 0 . a i d 1. al l dimensions in inches (mm) to lerance x.xx 0.02(x.x 0.5) 2. pin pitch tolerance 0.01 4 ( 0.35 ) ) 8 . 0 5 ( 0 0 . 2 0.10(2.5) 0.20(5.1) ) 3 . 0 2 ( 0 8 . 0 ) 2 . 5 1 ( 0 6 . 0 0.22(5.6 ) 12 34 5 bo ttom vi ew pin # single outputs dual outputs input input input input output output no pin common output output 50 60 70 80 90 10 0 -40 -25 0 -10 25 50 75 100 0 a mbie nt te mper at ur e (oc) ) % ( r e w o p t u p t u o fe c15-48s05 de rating curve nature convection isolated and regulated 15 watt modular dc/dc converters fec15 series www.astrodynetdi.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458


▲Up To Search▲   

 
Price & Availability of FEC15-12S05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X