mechanical data epoxy:ul94-v0 rated flame retardant ? case : molded plastic, do-214ac / sma-s ? terminals : solder plated, solderable per mil-std-750, method 2026 ? polarity : indicated by cathode band ? mounting position : any ? weight : approximated 0.05 gram ? package outline features batch process design, excellent power dissipation offers better reverse leakage current and thermal resistance. low power loss, high efficiency. high current capability, low forward voltage drop. high surge capability. guardring for overvoltage protection. ultra high-speed switching. silicon epitaxial planar chip, metal silicon junction. lead-free parts meet environmental standards of mil-std-19500 /228 ? ? ? ? ? ? ? ? ? pfm220-s pfm230-s pfm240-s 20 30 40 14 21 28 20 30 40 -55 to +125 symbols v rrm (v) v rms v r (v) (v) *1 *2 *3 *1 repetitive peak reverse voltage *2 rms voltage *3 continuous reverse voltage *4 maximum forward voltage @i f =2.0a v f (v) *4 pfm250-s pfm260-s 50 60 35 42 50 60 0.70 0.50 -55 to +150 0.85 pfm280-s pfm2100-s 80 100 56 70 80 100 o ( c) operating temperature t , j 0.213(5.4) 0.197(5.0) 0.012(0.3) typ. 0.106(2.7) 0.091(2.3) 0.071(1.8) 0.060(1.5) 0.040 (1.0) typ. 0.040(1.0) typ. 0.055(1.4) 0.063(1.6) dimensions in inches and (millimeters) sma-s PFM2150-S pfm2200-s 150 105 150 200 140 200 0.92 pfm245-s 45 31.5 45 0.90 thru 2 .0a surface mount schottky barrier rectifiers -20v- 2 00v parameter conditions forward rectified current forward surge current reverse current diode junction capacitance storage temperature see fig.1 8.3ms single half sine-wave (jedec methode) f=1mhz and applied 4v dc reverse voltage symbol min. typ. max. unit i o i fsm i r c j t stg a a ma o c pf 2.0 50 0.5 +1 -65 o v = v t = 25 c r rrm j o v = v t = 1 2 5 c r rrm j 160 10 maximum ratings and electrical characteristics (at t =25 a o c unless otherwise noted) thermal resistance r ja o c/w 64 junction to ambient r jc o c/w 32 junction to case pfm220-s pfm2200-s 1 www.paceleader.tw
0.1 1.0 .01 10 50 rating and characteristic curves (pfm220-s thru pfm2200-s) fig.1-typical forward current derating curve average forward current,(a) fig.4-typical junction capacitance reverse voltage,(v) junction capacitance,(pf) instantaneous forward current,(a) forward voltage,(v) pulse width 300us 1% duty cycle 0.4 0.8 1.2 1.6 2.0 2.4 700 600 500 400 300 200 100 0 .01 .05 .1 .5 1 5 10 50 100 .1 .3 .5 .7 .9 1.1 1.3 1.5 3.0 pfm220-s~pfm245-s pfm250-s~pfm2200-s t =25 c j lead temperature,( c) 0 0 20 40 60 80 100 120 140 160 180 200 fig.2-typical forward characteristics fig.3-maximum non-repetitive forward surge current 0 20 10 30 50 40 number of cycles at 60hz 1 10 5 50 100 t =25 c j 8.3ms single half sine wave jedec method peak forward surge current,(a) 20v ~ 45v 50v ~ 60v 80v ~ 100v 150v~200v fig.5 - typical reverse characteristics reverse leakage current, (ma) 0.001 0.01 0.1 1.0 100 10 0 percent of rated peak reverse voltage,(%) 20 40 60 80 100 20v~45v 50v~200v t j = 25 c t j = 1 25 c thru 2 .0a surface mount schottky barrier rectifiers -20v- 2 00v pfm220-s pfm2200-s 2 www.paceleader.tw
pinning information pin1 cathode pin2 anode pin simplified outline symbol marking type number marking code pfm220 -s sk22 pfm230-s sk23 pfm240-s sk24 pfm245-s sk24 pfm250-s sk25 pfm260-s sk26 pfm280-s sk28 pfm2100-s s210 PFM2150-S s215 pfm2200-s s220 suggested solder pad layout dimensions in inches and (millimeters) a c b b 0.059 (1.50) a 0.063 (1.60) c 0.110 (2.80) package sma-s 1 2 2 1 reel packing sma-s 2,000 4.0 20,000 183*170*183 178 382*356*387 160,000 15.5 package reel size reel component spacing box inner box reel dia, carton size carton approx. gross weight (kg) (pcs) (m/m) (m/m) (m/m) (pcs) (m/m) (pcs) 7" 13" 7,500 4.0 15,000 337*337*37 330 350*330*360 120,000 14.2 thru 2 .0a surface mount schottky barrier rectifiers -20v- 2 00v pfm220-s pfm2200-s 3 www.paceleader.tw
packing information item tolerance sma-s carrier width carrier length carrier depth sprocket hole 13" reel outside diameter 7" reel outside diameter 13" reel inner diameter 7" reel inner diameter feed hole diameter sprocket hole position punch hole position punch hole pitch sprocket hole pitch embossment center reel width overall tape thickness tape width p 0 p 1 e b c d f t w p a d d d 1 d 1 d 2 w 1 symbol 0.1 0.1 0.1 min min 0.5 0.1 0.3 1.0 0.1 0.1 0.1 0.1 0.1 0.1 2.0 2.0 unit:mm 1.50 330.00 178.00 50.00 62.00 13.00 1.75 5.50 4.00 4.00 2.00 0.23 12.00 18.00 p 0 p 1 e b d f w p a d d 1 d 2 w 1 c t note:devices are packed in accor dance with eia standar rs-481-a and specifications listed above. 2.90 5.50 2.10 thru 2 .0a surface mount schottky barrier rectifiers -20v- 2 00v pfm220-s pfm2200-s 4 www.paceleader.tw
|