Part Number Hot Search : 
ZN448E 03209806 LPC2927 OP490 10005 KA2511B ML60171C 24001
Product Description
Full Text Search
 

To Download PFM2150-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ratings at 25 ambient temperature unless otherwise specified. single phase half wave, 60hz, resistive of inductive load. for capacitive load, derate current by 20% unit marking code maximum recurrent peak reverse voltage v rrm volts maximum rms voltage v rms volts maximum dc blocking voltage v dc volts maximum average forward rectified current peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) typical thermal resistance (note 2) r ja /w typical junction capacitance (note 1) c j p f operating temperature range t j storage temperature range tstg symbol unit maximum forward voltage at 2.0a dc v f volts maximum average reverse current at @t j =25 rated dc blocking voltage @t j =100 characteristics amps amps i o i fsm 2.0 -55 to +150 50 85 160 i r mamps 0.5 10 pfm220-m thru pfm2200-m * case: molded plastic, sod-123-l epoxy: ul 94v-o rate flame retardant mounting position: any weight: approximated 0.018 gram. * rohs product for packing code suffix "g" halogen free product for packing code suffix "h" maximum ratings and electrical characteristics notes: 1- measured at 1 mhz and applied reverse voltage of 4.0 vdc. 2- thermal resistance from junction to ambient 2.0a surface mount schottky barrier rectifiers -20v- 200v batch process design,excellent power dissipation offers better reverse leakage current and thermal resistance. * low profile surface mounted application in order to optimize board space. * low power loss,high efficiency. * high current capability, low forward voltage drop. * high surge capability. * ultra high-speed switching. * lead-free parts meet environmental standars of mil-std-19500/228 features terminals: solder plated, solderable per mil-std-750, method 2026. mechanical data pfm220-m 0.50 0.70 0.85 l o b mys sgnit a r pfm230-m pfm240-m pfm250-m pfm260-m pfm280-m pfm2200-m -55 to +150 -55 to +125 0.154(3.9) 0.138(3.5) 0.012(0.3) typ. 0.075(1.9) 0.060(1.5) 0.067(1.7) 0.051(1.3) 0.028(0.7) typ. 0.028(0.7) typ. dimensions in inches and (millimeters) sod-123-l pfm2100-m PFM2150-M 22 23 24 25 26 28 20 215 220 20 30 40 50 60 80 100 150 200 20 30 40 50 60 80 100 150 200 14 21 28 35 42 56 70 105 140 0.92 pfm220-m pfm230-m pfm240-m pfm250-m pfm260-m pfm280-m pfm2200-m pfm2100-m PFM2150-M pfm220-m pfm230-m pfm240-m pfm250-m pfm260-m pfm280-m pfm2200-m pfm2100-m PFM2150-M pfm220-m pfm230-m pfm240-m pfm250-m pfm260-m pfm280-m pfm2200-m pfm2100-m PFM2150-M 1 www.paceleader.tw
rating and characteristic curves fig.1-typical forward current derating curve average forward current,(a) fig.4-typical junction capacitance reverse voltage,(v) junction capacitance,(pf) 0.4 0.8 1.2 1.6 2.0 2.4 700 600 500 400 300 200 100 0 .01 .05 .1 .5 1 5 10 50 100 .1 1.0 10 100 fig.5 - typical reverse characteristics reverse leakage current, (ma) 0 20 40 60 80 100 120 140 .01 t =75 c j pfm220-m~pfm240-m pfm250-m~pfm2200-m t =25 c j lead temperature,( c) 0 0 20 40 60 80 100 120 140 160 180 200 percent of rated peak reverse voltage,(%) fig.3-maximum non-repetitive forward surge current 0 20 10 30 50 40 number of cycles at 60hz 1 10 5 50 100 t =25 c j 8.3ms single half sine wave jedec method peak forward surge current,(a) 0.1 1.0 .01 10 50 instantaneous forward current,(a) forward voltage,(v) pulse width 300us 1% duty cycle .1 .3 .5 .7 .9 1.1 1.3 1.5 3.0 t =25 c j fig.2-typical forward characteristics 20v ~ 40v 50v ~ 60v 80v ~ 100v 200v 150v 2.0a surface mount schottky barrier rectifiers -20v- 200v 2 www.paceleader.tw pfm220-m thru pfm2200-m


▲Up To Search▲   

 
Price & Availability of PFM2150-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X