Part Number Hot Search : 
120DC YDH200 1N4732 2SC3354 FTVFIA 2SK1313S 1N4716 CY7C145
Product Description
Full Text Search
 

To Download WLP4958124A02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spe-13-8-023/a/wy | page 1 of 11 wlp.4958.12.4.a.02 specifcation part no. wlp.4958.12.4.a.02 product name 12mm*12mm*4mm 4.9~5.8ghz patch pin fed embedded high gain antenna features for wi-fi/wlan/ism/public safety/zigbee industrial and consumer applications high gain 6dbi rohs compliant front view underside view
spe-13-8-023/a/wy | page 2 of 11 this 12mm*12mm*4mm 6dbi high gain 4.9~5.8ghz patch pin fed antenna is ideally suited for high performance industrial and consumer applications in wi-f, ism, public safety, and zigbee bands. it can also be placed anywhere on the device ground-plane, unlike most chip or loop antennas which need to be edge mounted. the antenna can be matched by a pi matching circuit, or by creating a custom tuned part for a specifc layout confguration on a board. 1. introduction 2. specifcation* specifcation range of receiving frequency 4900mhz to 5825mhz center frequency 5180mhz5.0mhz bandwidth 450 mhz @ return loss -10db polarization rhcp vswr 1.5 max @ center frequency peak gain +6.0dbic typ. @ center frequency impedance 50 ohms dimensions 12mm x 12mm x 4mm frequency temperature coeffcient ( t f) 0 20ppm / -40 to +85 operating temperature -40 to +85 *original patch specifcation measured on evb 70*70mm, actual value depends on ground-plane and housing
spe-13-8-023/a/wy | page 3 of 11 3. antenna characteristics 3.1 return loss 3.2 effciency chart 0 -5 -10 -15 -20 -25 -30 -35 -40 -45 100 80 60 40 20 0 4500 5000 5500 6000 (mhz) 4500 5000 5500 6000 (mhz) (db) (%) wlp.4958.12.4.a.02 wlp.4958.12.4.a.02
spe-13-8-023/a/wy | page 4 of 11 3.3 average gain 3.4 peak gain 10 8 6 4 2 0 -2 -4 -6 -8 -10 10 9 8 7 6 5 4 3 2 1 0 -1 -2 -3 -4 -5 4500 5000 5500 6000 (mhz) 4500 5000 5500 6000 (mhz) (dbi) (dbi) wlp.4958.12.4.a.02 wlp.4958.12.4.a.02 3. antenna characteristics
spe-13-8-023/a/wy | page 5 of 11 4. 2d radiation patterns 4.1 antenna setup (70*70mm ground plane) 4.2 xy plane radiation y x z 5150mhz 5550mhz 5850mhz x y
spe-13-8-023/a/wy | page 6 of 11 4.4 yz plane radiation 4.3 xz plane radiation 5150mhz 5550mhz 5850mhz 5150mhz 5550mhz 5850mhz z z y x
spe-13-8-023/a/wy | page 7 of 11 5. drawing name material finish qty 1 wlp.5180 patch 12x12x4 ceramic clear 1 2 double sided adhesive tesa 5015 n/a 1
spe-13-8-023/a/wy | page 8 of 11 5.1 layout dimensions 5.2 test jig and dimension
spe-13-8-023/a/wy | page 9 of 11 5.3 test fixture antenna setup & measurement
spe-13-8-023/a/wy | page 10 of 11 6. packaging pieces per inner carton: 400
spe-13-8-023/a/wy | page 11 of 11 taoglas makes no warranties based on the accuracy or completeness of the contents of this document and reserves the right to make changes to specifcations and product descriptions at any time without notice. taoglas reserves all rights to this document and the information contained herein. reproduction, use or disclosure to third parties without express permission is strictly prohibited. copyright ? taoglas ltd.


▲Up To Search▲   

 
Price & Availability of WLP4958124A02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X