Part Number Hot Search : 
REA471 BYZ50A33 41GH55FI TDE1897C OP07CZ 038720 STM8L152 2230011
Product Description
Full Text Search
 

To Download PBM300PQ08-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  acdc 300 watts ? worldwide medical approvals ? single, dual, triple and quad outputs ? power fail detect ? remote on/off ? u channel and enclosed versions ? 150 watt convectioncooled rating ? 3 year warranty pbm300 series input input voltage ? 90-264 vac input frequency ? 47-63 hz input current ? 4.7 a rms at 115 vac, 2.3 a rms for 230 vac inrush current ? 30 a at 115 vac, 60 a at 230 vac cold start +25 c power factor ? 0.98 typical earth leakage current ? 100 a max at 115 vac/60 hz 220 a max at 230 vac/50 hz input protection ? internal f6.3 a/250 v in line and neutral lines output output voltage ? see table output voltage trim ? 5% for outputs 1 & 2 initial set accuracy ? 2% minimum load ? see table and note 5 start up delay ? 2 s max start up rise time ? 18 ms typical hold up time ? 12 ms min at full load and 110 vac drift ? 0.2% line regulation ? 0.2% max load regulation ? see note 6 transient response ? 4% max deviation, recovery to within 1% in 500 s for a 25% load change ripple & noise ? 2% max pk-pk, 20 mhz bandwidth, with a 22 f electrolytic & a 0.47 f tantalum capacitor overvoltage protection ? 115-140% vnom output 1 only, recycle input to reset overtemperature ? shutdown at +95 c (singles) or +105 c protection (multi-outputs) with auto recovery, measured internally overload protection ? 110-150% typical, auto recovery short circuit protection ? trip and restart (hiccup mode) temperature ? 0.04%/c coefficient remote sense ? compensates for up to 0.5 v drop remote on/off ? on = logic low or open circuit off = logic high xppower.com general efficiency ? 80% maximum isolation ? 4000 vac input to output 1500 vac input to ground 500 vac output to ground switching frequency ? 70 khz 10 khz signals ? power fail detect, remote on/off power density ? 5.08 w/in 3 power fail detect ? ac ok = ttl logic high ac not ok = ttl logic low mtbf ? 300 khrs to mil-hdbk-217f at +25 c, gb environmental operating temperature ? 0 c to +70 c, derate linearly from 100% power at +50 c to 50% power at +70 c cooling ? c versions have internal fan, b versions are derated with convection cooling or require 35 cfm (see note 4) operating humidity ? up to 95% rh, non-condensing storage temperature ? -40 c to +85 c operating altitude ? 2500 m shock ? half sine pulse. acceleration 50 g, 11 ms duration, 3 shocks in each direction, unpackaged, non-operating vibration ? sinusoidal 10-50 hz, amplitude 0.15 mm, 30 min/axis, unpackaged, non-operating emc & safety emissions ? en55011 and fcc class b conducted & radiated harmonic currents ? en61000-3-2, class a voltage flicker ? en61000-3-3 esd immunity ? en61000-4-2, level 3 perf criteria a radiated immunity ? en61000-4-3, level 3 perf criteria a eft/burst ? en61000-4-4, level 3 perf criteria a surge ? en61000-4-5, level 3 perf criteria a conducted immunity ? en61000-4-6, 3 v perf criteria a dips & interruptions ? en61000-4-11, 30% 10 ms, 60% 100 ms, >95% 5000 ms, perf criteria a, a, b safety approvals ? en60601-1, ul60601-1, csa22.2 no. 601-1 per cul specification
06-may-09 acdc notes pbm300 models and ratings 1. for u-bracket format replace suffix -c with suffix -b . 2. all auxiliary outputs are floating and can be connected externally for either positive or negative output. 3. output 1 & 2 can be adjusted within 5% of their nominal voltage. 4. 300 w for c version with cover and fan assembly. 150 watts for b version with convection cooling (maximum current of output 1 & 2 derated by 50%). 300 w for b version with 35 cfm forced air provided by user. pbm300ps03 is rated 200 w with 35 cfm forced air cooling or 100 w convection-cooled. pbm300pq01 is rated 250 w with 35 cfm forced air cooling or 125 w with convection cooling. 5. zero minimum load for outputs 3 & 4. 10% minimum load required on out- put 1 for all outputs to meet regulation. 6. total regulation includes initial tolerance, line regulation and load regulation. 10 1 pcb p4 p4 p2 p3 p5 p6 b a b a 5.70 (144.8) 0.95 (24.1) b a l n g 1 p1 3 b a 1.34 (34.2) 0.94 (24.0) voltage adj., multi voltage adj., single 1.80 (45.7) 2.60 (66.0) 4.50 (114.3) 1.00 (25.4) 0.63 (16.0) 1.75 (44.45) b a a b 1.00 (25.4) 0.63 (16.0) 0.25 (6.35) 7.00 (177.8) 7.50 (190.5) 1.75 (44.45) b a b a fan p6 p3 p5 p2 p4 multi output models p7 1 single output models notes me l7:3;@7<;@ @6


▲Up To Search▲   

 
Price & Availability of PBM300PQ08-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X