Part Number Hot Search : 
V285ME10 01900 6V8BC UM3433 K2744 C5121 M1MA15 TLGE62
Product Description
Full Text Search
 

To Download MBR1090 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2004 september, 2004 ? rev. 4 1 publication order number: mbr1060/d mbr1060, mbr1080, MBR1090, mbr10100 mbr1060 and mbr10100 are preferred devices switchmode ? power rectifiers this series of switchmode power rectifiers uses the schottky barrier principle with a platinum barrier metal. these state?of?the?art devices have the following features: features ? pb?free packages are available* ? guard?ring for stress protection ? low forward voltage ? 150 c operating junction temperature ? epoxy meets ul 94, v?0 @ 0.125 in ? low power loss/high efficiency ? high surge capacity ? low stored charge majority carrier conduction mechanical characteristics ? case: epoxy, molded ? weight: 1.9 grams (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead temperature for soldering purposes: 260 c max. for 10 seconds *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. schottky barrier rectifiers 10 amperes 60 to 100 volts preferred devices are recommended choices for future use and best overall value. 3 1, 4 to?220ac case 221b plastic 3 4 1 marking diagram ay ww b10x0 device package shipping ordering information mbr1060 to?220 50 units/rail mbr1080 to?220 50 units/rail mbr1060g to?220 (pb?free) 50 units/rail mbr10100g to?220 (pb?free) 50 units/rail http://onsemi.com MBR1090 to?220 50 units/rail mbr10100 to?220 50 units/rail MBR1090g to?220 (pb?free) 50 units/rail a = assembly location y = year ww = work week b10x0 = device code x = 6, 8, 9 or 10
mbr1060, mbr1080, MBR1090, mbr10100 http://onsemi.com 2 maximum ratings rating symbol mbr unit rating symbol 1060 1080 1090 10100 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 60 80 90 100 v average rectified forward current (rated v r ) t c = 133 c i f(av) 10 a peak repetitive forward current (rated v r , square wave, 20 khz) t c = 133 c i frm 20 a nonrepetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 150 a peak repetitive reverse surge current (2.0  s, 1.0 khz) i rrm 0.5 a operating junction temperature t j  65 to +150 c storage temperature t stg  65 to +175 c voltage rate of change (rated v r ) dv/dt 10,000 v/  s maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual str ess limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation i s not implied, damage may occur and reliability may be affected. thermal characteristics maximum thermal resistance, junction?to?case r  jc 2.0 c/w maximum thermal resistance, junction?to?ambient r  ja 60 c/w electrical characteristics maximum instantaneous forward voltage (note 1) (i f = 10 amps, t c = 125 c) (i f = 10 amps, t c = 25 c) (i f = 20 amps, t c = 125 c) (i f = 20 amps, t c = 25 c) v f 0.7 0.8 0.85 0.95 v maximum instantaneous reverse current (note 1) (rated dc voltage, t c = 125 c) (rated dc voltage, t c = 25 c) i r 6.0 0.10 ma 1. pulse test: pulse width = 300  s, duty cycle 2.0%.
mbr1060, mbr1080, MBR1090, mbr10100 http://onsemi.com 3 figure 1. typical forward voltage figure 2. typical reverse current figure 3. current derating, case figure 4. current derating, ambient figure 5. forward power dissipation 0.6 0 v f , instantaneous voltage (volts) 20 50 10 v r , reverse voltage (volts) 0 110 t c , case temperature ( c) 7.0 3.0 4.0 0 t a , ambient temperature ( c) 20 0 10 8.0 6.0 3.0 0 40 2.0 4.0 0 i f(av) , average current (amps) 10 4.0 3.0 2.0 1.0 0 3.0 i f , instantaneous forward current (amps) i i i f(av) , average forward current (amps) 5.0 3.0 0.2 0.4 0.8 20 40 60 80 0.1 1.0 120 130 140 150 60 80 160 p 5.0 10 6.0 7.0 1.0 0.5 1.0 140 , reverse current (ma) r 10 , average forward current (amps) f(av) 1.0 7.0 8.0 9.0 5.0 6.0 dc square wave dc t j = 25 c 150 c t j = 150 c 125 c 100 c 0.01 25 c 6.0 5.0 8.0 10 9.0 9.0 7.0 5.0 4.0 100 120 140 , average power dissipation (watts) f(av) rated voltage applied square wave dc rated voltage applied r  jc = 2 c/w (heatsink) r  ja = 16 c/w (no heatsink) r  ja = 60 c/w square wave dc t a = 25 c 125 c 100 c 0.5 0.1 0.3 0.7 0.9 100 120 160 1.0 2.0 1.0 2.0 180 200 9.0 8.0 i pk /i av =  i pk /i av = 5.0 i pk /i av = 10 i pk /i av = 20
mbr1060, mbr1080, MBR1090, mbr10100 http://onsemi.com 4 package dimensions to?220 plastic case 221b?04 issue d b r j d g l h q t u a k c s 4 13 dim min max min max millimeters inches a 0.595 0.620 15.11 15.75 b 0.380 0.405 9.65 10.29 c 0.160 0.190 4.06 4.82 d 0.025 0.035 0.64 0.89 f 0.142 0.147 3.61 3.73 g 0.190 0.210 4.83 5.33 h 0.110 0.130 2.79 3.30 j 0.018 0.025 0.46 0.64 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.14 1.52 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.045 0.055 1.14 1.39 t 0.235 0.255 5.97 6.48 u 0.000 0.050 0.000 1.27 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. f on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 mbr1060/d switchmode is a trademark of semiconductor components industries, llc. literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MBR1090

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X