Part Number Hot Search : 
32200 2SK22 5KE11 MT160 245MT HAB080 9Z24N 8830N
Product Description
Full Text Search
 

To Download HER101-DO41 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  her101 thru her108 1.0 amp high efficient rectifiers 50 to 1000 volts features ? high surge current capability ? high reliability ? low forward voltage drop ? high current capability maximum ratings ? operating temperature: -55 c to +125 c ? storage temperature: -55 c to +150 c ? for capcitive load, derate current by 20% catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage her101 --- 50v 35v 50v her102 --- 100v 70v 100v her103 --- 200v 140v 200v her104 --- 300v 210v 300v her105 --- 400v 280v 400v her106 --- 600v 420v 600v her107 --- 800v 560v 800v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1.0 a t a = 55 c peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage her101-104 her105 v f 1.0v 1.3v i fm = 1.0a; t a = 25 c reverse current at rated dc blocking voltage ( maximum dc ) i r 5.0 a 100 a t a = 25 c t a = 100 c maximum reverse recovery time her101-105 her106-108 t rr 50ns 75ns i f =0.5a, i r =1.0a, i rr =0.25a typical junction capacitance her101-105 her106-108 c j 20pf 15pf measured at 1.0mhz, v r =4.0v notes: 1. 300 us pulse width, 1% duty cycle. do-41 dimensions inches mm dim min max min max note a .166 ..205 4.2 5.2 b .08 .107 2.0 2.7 c .028 .034 .71 .86 d 1.000 --- 25.40 --- a b c d d cathode mark her106-108 1.7v her108 --- 1000v 700v 1000v www.yfwdiode.com
fig.2- maximum average forward current derating fig.1- reverse recovery time characteristic and test circuit diagram average forw ard current . (a) 25 50 75 100 125 150 175 1.0 2.0 ambient temperature. ( c) o 50  noninductive  non inductive oscilloscope (note 1) pulse generator (note 2) dut (+) 50vdc (approx) (-) notes: 1. rise time=7ns max. input impedance= 1 megohm 22pf 2. rise time=10ns max. sourse impedance= 50 ohms (-) (+) 10  noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm single phase half wave 60hz resistive or inductive load 0.375" (9.5mm) lead length ratings and characteristic curves 0 0 fig.5- maximum non-repetitive forward surge current peak forward surge current . (a) 1 2 5 10 20 100 50 10 0 15 20 30 25 35 number of cycles at 60hz 8.3ms single half sine wave jedec method fig.3- typical reverse characteristics instantaneous reverse current .( a) 0 20 40 60 80 100 120 140 0.1 1 10 100 1000 percent of rated peak reverse voltage. (%) tj=25 c 0 tj=100 c 0 fig.4- typical forward characteristics instant aneous forward current . (a) .2 .4 .6 .8 1.0 1.2 1.4 0.001 0.01 0.1 1.0 10 forward voltage. (v) her101~her104 her105 her106~her108 fig.6- typical junction capacitance junction capacit ance.(pf) .1 .5 1 5 2 10 20 50 100 200 500 1000 10 0 20 30 40 50 60 70 reverse voltage. (v) her101~her105 her106~her108 her101 thru her108 www.yfwdiode.com


▲Up To Search▲   

 
Price & Availability of HER101-DO41

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X