Part Number Hot Search : 
ENA0966B BU405 11014 21555 FE200 1N527 IH5050C 650FAV
Product Description
Full Text Search
 

To Download LBAT54DW1T1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings (t j = 125 c unless otherwise noted) rating symbol v alue unit reverse voltage v r 30 v olts forward power dissipation @ t a = 25 c derate above 25 c p d 225 2.0 mw mw/ c forward current (dc) i f 200 max ma junction temperature t j 125 max c storage temperature range t stg ? 55 to +150 c electrical characteristics (t a = 25 c unless otherwise noted) (each diode) characteristic symbol min ty p max unit reverse breakdown v oltage (i r = 10 a) v (br)r 30 ? ? v olts t otal capacitance (v r = 1.0 v, f = 1.0 mhz) c t ? ? 10 pf reverse leakage (v r = 25 v) i r ? 0.5 2.0 adc forward voltage (i f = 0.1 madc) v f ? 0.22 0.24 vdc forward voltage (i f = 30 madc) v f ? 0.41 0.5 vdc forward voltage (i f = 100 madc) v f ? 0.52 1.0 vdc reverse recovery t ime (i f = i r = 10 madc, i r(rec) = 1.0 madc) figure 1 t rr ? ? 5.0 ns forward voltage (i f = 1.0 madc) v f ? 0.29 0.32 vdc forward voltage (i f = 10 madc) v f ? 0.35 0.40 vdc forward current (dc) i f ? ? 200 madc repetitive peak forward current i frm ? ? 300 madc non?repetitive peak forward current (t < 1.0 s) i fsm ? ? 600 madc these schottky barrier diodes are designed for high speed switching applications, circuit protection, and voltage clamping. extremely low forward voltage reduces conduction loss. miniature surface mount package is excellent for hand held and portable applications where space is limited. ? extremely fast switching speed ? low forward voltage ? 0.35 volts (typ) @ i f = 10 madc ? device marking and ordering information device marking shipping 3000/tape&reel 10000/tape&reel leshan radio comp any, ltd. we declare that the material of product compliance with rohs requirements. s-lbat54dw1t1g 1 3 2 sc-88/sot-363 6 4 5 surface mount schottky barrier diode array rev.b 1/3 lbat54dw1t1g lbat54dw1t3g sv3 sv3 lbat54dw1t1g s-lbat54dw1t1g s-lbat54dw1t3g ? s - prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable.
leshan radio comp any, ltd. lbat54dw1t1g , s-lbat54dw1t1g rev.b 2/3 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.1 1 10 100 0 5 10 15 20 25 30 35 0 2 4 6 8 10 12 0 5 10 15 20 25 30 35 f=1mhz forward current:if(ma) forward voltage:vf(v) reverse voltage:vr(v) reverse current :ir(ua) terminal capacitance : ct (pf) reverse voltage:vr(v) fig.2 forward characteristics fig.3 reverse characteristics fig.4 vr-ct characteristics 0.01 -55 25 75 100 125 -55 25 75 100 125 notes: 1. a 2.0 k ? variable resistor adjusted for a forward current (i f ) of 10 ma. notes: 2. input pulse is adjusted so i r(peak) is equal to 10 ma. notes: 3. t p ? t rr +10 v 2 k 820 ? 0.1 f dut v r 100 h 0.1 f 50 ? output pulse generator 50 ? input sampling oscilloscope t r t p t 10% 90% i f i r t rr t i r(rec) = 1 ma output pulse (i f = i r = 10 ma; measured at i r(rec) = 1 ma) i f input signal fig.1 recovery time equivalent test circuit
no tes: 1 . dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. inches millimeters dim min max min max a 0.071 0.087 1.80 2.20 b 0.045 0.053 1.15 1.35 c 0.031 0.043 0.80 1.10 d 0.004 0.012 0.10 0.30 g 0.026 bsc 0.65 bsc h --- 0.004 --- 0.10 j 0.004 0.010 0.10 0.25 k 0.004 0.012 0.10 0.30 n 0.008 ref 0.20 ref s 0.079 0.087 2.00 2.20 pin 1. emitter 2 2. base 2 3. collector 1 4.emitter 1 5. base 1 6.collector 2 b 0.2 (0.008) a g s h c n j k d 6 p l 6 5 4 1 2 3 - b - m m 0.5 mm (min) 0.4 mm (min) 0.65 mm 0.65 mm 1.9 mm sc - 88/so t - 363 leshan radio comp any, ltd. rev.b 3/3 lbat54dw1t1g , s-lbat54dw1t1g


▲Up To Search▲   

 
Price & Availability of LBAT54DW1T1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X