Part Number Hot Search : 
IMP1834 ER1001A C1906 78M20 C0603 D200LC4B S102S11 IMP1834
Product Description
Full Text Search
 

To Download V23990-P630-A44-P1-19 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  v23990-p630-a44-pm preliminary datasheet flow 90pim 1 1200v/25a v geon 15 v v geof f -15 v r g on 32 ? r goff 32 ? figure 1 igbt figure 2 fwd typical average static loss as a functi on of output current typical average static loss as a function of output current p loss = f(i out )p loss = f(i out ) at at t j = 150 c t j = 150 c mi*cos from -1 to 1 in steps of 0,2 mi*cos from -1 to 1 in steps of 0,2 figure 3 igbt figure 4 fwd typical average switching loss typical average switching loss as a function of output current p loss = f(i out ) as a function of output current p loss = f(i out ) at at t j = 150 c t j = 150 c dc link = 600 v dc link = 600 v f sw from 2 khz to 16 khz in steps of factor 2 f sw from 2 khz to 16 khz in steps of factor 2 = = 3phase spwm general conditions output inverter application = = mi*cosfi = -1 mi*cosfi = 1 0 20 40 60 80 100 0 1020304050 i out (a) p loss (w) mi*cosf i= -1 mi*cosfi = 1 0 10 20 30 40 50 0 1020304050 i out (a) p loss (w) fsw = 2khz fsw = 16khz 0 20 40 60 80 0 1020304050 i out (a) p loss (w) fsw = 2khz fsw = 16khz 0 5 10 15 20 25 0 1020304050 i out (a) p loss (w) copyright vincotech 1 revision: 1
v23990-p630-a44-pm preliminary datasheet flow90pim 1 1200v/25a figure 5 phase figure 6 phase typical available 50hz output current typical available 50hz output current as a function mi*cos i out = f(mi*cos ) as a function of switching frequency i out = f(f sw ) at at t j = 150 c t j = 150 c dc link = 600 v dc link = 600 v f sw = 4khz mi*cos = 0,8 t h from 60 c to 100 c in steps of 5 c t h from 60 c to 100 c in steps of 5 c figure 7 phase figure 8 phase typical available 50hz output current as a function of typical available 0hz output current as a function mi*cos and switching frequency i out = f(f sw , mi*cos ) of switching frequency i outpeak = f(f sw ) at at t j = 150 c t j = 150 c dc link = 600 v dc link = 600 v t h = 80 c t h from 60 c to 100 c in steps of 5 c mi = 0 output inverter application th = 60c th = 100c 0 10 20 30 40 -1,0 -0,6 -0,2 0,2 0,6 1,0 mi*cos i out (a) th = 60c th = 100c 0 10 20 30 40 1 10 100 f sw (khz) i out (a) 1 2 4 8 16 32 64 -1,00 -0,80 -0,60 -0,40 -0,20 0,00 0,20 0,40 0,60 0,80 1,00 i out (a) 31,0-36,0 26,0-31,0 21,0-26,0 16,0-21,0 11,0-16,0 6,0-11,0 mi*cos fi fsw (khz) th = 60c th = 100c 0 10 20 30 40 1 10 100 f sw (khz) iout (apeak) copyright vincotech 2 revision: 1
v23990-p630-a44-pm preliminary datasheet flow90pim 1 1200v/25a figure 9 inverter figure 10 inverter typical available peak output power as a function of typical efficiency as a function of output power heatsink temperature p out =f(t h ) efficiency=f(p out ) at at t j = 150 c t j = 150 c dc link = 600 v dc link = 600 v mi = 1 mi = 1 cos =0,80 cos =0,80 f sw from 2 khz to 16 khz in steps of factor 2 f sw from 2 khz to 16 khz in steps of factor 2 figure 11 inverter typical available overload factor as a function of motor power and switching frequency p peak / p nom =f(p nom ,f sw ) at t j = 150 c dc link = 600 v mi = 1 cos =0,8 f sw from 1 khz to 16khz in steps of factor 2 t h = 80 c motor eff = 0,85 output inverter application 2khz 16khz 0 4 8 12 16 20 60 70 80 90 100 th ( o c) p out (kw) 2khz 16khz 95 96 97 98 99 100 0 5 10 15 20 25 p out (kw) efficiency (%) switching frequency (khz) 100 150 200 250 300 350 400 motor nominal power (hp/kw) overload (%) 1 374 250 187 125 0 0 2 374 250 187 125 0 0 4 352 234 176 117 0 0 8 302 202 151 0 0 0 16 227 151 113 0 0 0 5,00 / 3,68 7,50 / 5,52 10,00 / 7,36 15,00 / 11,03 20,00 / 14,71 25,00 / 18,39 copyright vincotech 3 revision: 1


▲Up To Search▲   

 
Price & Availability of V23990-P630-A44-P1-19

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X