Part Number Hot Search : 
08HT58CP SI7148DP T52C4V T52C4V SI7148DP K100310 0469PWR PST9136
Product Description
Full Text Search
 

To Download V23990-P630-A40-P1-19 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  v23990-p630-a40-pm preliminary datasheet flow 90pim 1 1200v/15a v geon 15 v v geof f -15 v r g on 32 ? r goff 32 ? figure 1 igbt figure 2 fwd typical average static loss as a functi on of output current typical average static loss as a function of output current p loss = f(i out )p loss = f(i out ) at at t j = 150 c t j = 150 c mi*cos from -1 to 1 in steps of 0,2 mi*cos from -1 to 1 in steps of 0,2 figure 3 igbt figure 4 fwd typical average switching loss typical average switching loss as a function of output current p loss = f(i out ) as a function of output current p loss = f(i out ) at at t j = 150 c t j = 150 c dc link = 600 v dc link = 600 v f sw from 2 khz to 16 khz in steps of factor 2 f sw from 2 khz to 16 khz in steps of factor 2 output inverter application = = = = 3phase spwm general conditions mi*cosfi = -1 mi*cosfi = 1 0 10 20 30 40 50 60 70 0 5 10 15 20 25 30 35 i out (a) p loss (w) mi*cosf i= -1 mi*cosfi = 1 0 5 10 15 20 25 30 35 0 5 10 15 20 25 30 35 i out (a) p loss (w) fsw = 2khz fsw = 16khz 0 10 20 30 40 50 0 5 10 15 20 25 30 35 i out (a) p loss (w) fsw = 2khz fsw = 16khz 0 4 8 12 16 0 5 10 15 20 25 30 35 i out (a) p loss (w) copyright vincotech 1 revision: 1
v23990-p630-a40-pm preliminary datasheet flow90pim 1 1200v/15a figure 5 phase figure 6 phase typical available 50hz output current typical available 50hz output current as a function mi*cos i out = f(mi*cos ) as a function of switching frequency i out = f(f sw ) at at t j = 150 c t j = 150 c dc link = 600 v dc link = 600 v f sw = 4khz mi*cos = 0,8 t h from 60 c to 100 c in steps of 5 c t h from 60 c to 100 c in steps of 5 c figure 7 phase figure 8 phase typical available 50hz output current as a function of typical available 0hz output current as a function mi*cos and switching frequency i out = f(f sw , mi*cos ) of switching frequency i outpeak = f(f sw ) at at t j = 150 c t j = 150 c dc link = 600 v dc link = 600 v t h = 80 c t h from 60 c to 100 c in steps of 5 c mi = 0 output inverter application th = 60c th = 100c 0 5 10 15 20 25 -1,0 -0,6 -0,2 0,2 0,6 1,0 mi*cos i out (a) th = 60c th = 100c 0 5 10 15 20 25 1 10 100 f sw (khz) i out (a) 1248163264 -1,00 -0,80 -0,60 -0,40 -0,20 0,00 0,20 0,40 0,60 0,80 1,00 i out (a) 20,0-22,0 18,0-20,0 16,0-18,0 14,0-16,0 12,0-14,0 10,0-12,0 8,0-10,0 6,0-8,0 mi*cosf i fsw (khz) th = 60c th = 100c 0 5 10 15 20 25 1 10 100 f sw (khz) i out (apeak) copyright vincotech 2 revision: 1
v23990-p630-a40-pm preliminary datasheet flow90pim 1 1200v/15a figure 9 inverter figure 10 inverter typical available peak output power as a function of typical efficiency as a function of output power heatsink temperature p out =f(t h ) efficiency=f(p out ) at at t j = 150 c t j = 150 c dc link = 600 v dc link = 600 v mi = 1 mi = 1 cos =0,80 cos =0,80 f sw from 2 khz to 16 khz in steps of factor 2 f sw from 2 khz to 16 khz in steps of factor 2 figure 11 inverter typical available overload factor as a function of motor power and switching frequency p peak / p nom =f(p nom ,f sw ) at t j = 150 c dc link = 600 v mi = 1 cos =0,8 f sw from 1 khz to 16khz in steps of factor 2 t h = 80 c motor eff = 0,85 output inverter application 2khz 16khz 0 2 4 6 8 10 12 60 70 80 90 100 th ( o c) p out (kw) 2khz 16khz 95 96 97 98 99 100 0 5 10 15 20 p out (kw) efficiency (%) switching frequency (khz) 100 150 200 250 300 350 400 450 500 motor nominal power (hp/kw) overload (%) 1 562 374 225 150 112 0 2 562 374 225 150 112 0 4 562 374 225 150 112 0 8 562 374 225 150 112 0 16 462 308 185 123 0 0 2,00 / 1,47 3,00 / 2,21 5,00 / 3,68 7,50 / 5,52 10,00 / 7,36 15,00 / 11,03 copyright vincotech 3 revision: 1


▲Up To Search▲   

 
Price & Availability of V23990-P630-A40-P1-19

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X