Part Number Hot Search : 
91381 SA120 50150 T1621 MB91F587 ST24C16 30122 PAC73
Product Description
Full Text Search
 

To Download AVC-15S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver : a_4 update : 2016.04.19 ac-dc power module avc series 15 watts http://www.archcorp.com.tw tel: +886-2-26989508 fax: +886-2-26981319 -1- electrical specifications all specifications valid at normal in put voltage, full load and +25c after warm-up time unless otherwise stated. model no. ( single output ) avc-5s avc-12s AVC-15S avc-24s max output wattage (w) 13.5w 15w voltage 90-264 vac or 120-370 vdc ( n connect +vin ; l connect ?vin ) frequency (hz) 47-63 hz current (full load) 340 ma max. (115 vac) / 220 ma max. (230 vac) inrush current 25 a max. (115 vac) / 45 a max. (230 vac) ) (cold start) leakage current 0.25 ma max. (at <240 vac). input external fuse (mandatory) 2 a slow blow type voltage (v.dc.) 5v 12v 15v 24v voltage accuracy 2% current (ma) max 2700 1250 1000 625 line regulation (ll-hl) (typ.) 0.5% load regulation (10-100%) (typ.) 1%. minimum load 0% maximum capacitive load 7000uf 1500uf 1000uf 470uf ripple & noise (typ.) 100mv (vp-p) 120mv (vp-p) 150mv (vp-p) 240mv (vp-p) efficiency (at 230 vac) 80% 84% 84% 85% output hold-up time (at 230 vac) 35 ms min. over power protection hicc up technique, auto-recovery over voltage protection zener diode clamp protection short circuit protection hiccup mode, indefinite (automatic recovery) isolation input-output (v.ac) 4000v operating temperature -40c?+70c ( with derating ) storage temperature -40c?+85c temperature coefficient 0.05%/c humidity 95% rh environment mtbf >450,000 h @ 25c (mil-hdbk-217f) dimension (l x w x h) 1.62 x 1.07 x 0.75 inches ( 41.2 x 27.2 x 19.1 mm ) tolerance ? 0.5 mm case material plastic resin (flammability to ul 94v-0) weight 40 g physical cooling method free air convection safety agency approvals ce, ul, cul emi (conducted & radiated emission) en 55022 class b emc ems (noise immunity) en 55024 key features ? switching power module for pcb mountable ? fully encapsulated plastic case ? universal input range 90-264vac, 47-63 hz ? no-load watts < 0.1w ? ultra compact size: 1.62? x 1.07? x 0.75? inches ? isolation class ii ? ce, cb, ul approval ? 3-year product warranty
ver : a_4 update : 2016.04.19 ac-dc power module avc series 15 watts http://www.archcorp.com.tw tel: +886-2-26989508 fax: +886-2-26981319 -2- note 1. ripple & noise are measured at 20mhz of bandwidth with 0.1uf & 47uf parallel capacitor. 2. it's necessary varistor 14s471k at l / n input side in parallel. 3. it's necessary 10r / 15 thermistor at l input side in series connection. 4. safety approvals cover frequency 47-63 hz. 5. that ?natural convection? is about 20lfm but is not equal to still air (0 lfm). 6. please refer to our pdf file "ac-dc applic ation" on our website: www.archcorp.com.tw output noise the output noise is measured with 47 ? f tantalum capacitor and 0.1 ? f ceramic capacitor across output. block diagram derating mechanical dimension ( top view ) pin# single 1 ac in (l) 2 ac in (n) 3 -dc out 4 +dc out


▲Up To Search▲   

 
Price & Availability of AVC-15S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X