Part Number Hot Search : 
25LC080 1T368A BFT44 F1215 ECCM1 PS104C 4071B T3004
Product Description
Full Text Search
 

To Download 60S05-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  60s05 thru 60s10 rectifier 50 - 1000 volts features high surge current capability and low leakage glass passivated chip electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 6.0a t a = 100 c peak forward surge current i fsm 200a 8.3ms, half sine maximum instantaneous forward voltage v f 1.0v i fm = 6.0a; t j = 25 c* maximum dc reverse current at rated dc blocking voltage i r 5 m a 100 m a t j = 25 c t j = 100 c typical junction capacitance c j 150pf measured at 1.0mhz, v r =4.0v mcc operating junction temperature: -55 c to +150c storage temperature: -55c to +150c mcc catalog number device marking maximum reccurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage 60 s0 5 60s05 50v 35v 50v 6 0s 1 60s1 100v 70v 100v 6 0s 2 60s2 200v 140v 200v 6 0s 4 60s4 400v 280v 400v 6 0s 6 60s6 600v 420v 600v 6 0s 8 60s8 800v 560v 800v 6 0s 10 60s10 1000v 700v 1000v 6 amp axial-lead glass passivated do-201ad a b c d d cathode mark dimensions inches mm dim min max min max note c .048 .052 1.20 1.30 d 1.000 --- 25.40 ---         
 omp onents 20736 marilla street chatsworth               !  " #   $
%         !   " #    revision: b 2013/01/01 tm micro commercial components a .287 .374 7.30 9.50 b .189 .208 4.80 5.30 www. mccsemi .com 1 of 3 ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) notes:1.high temperature solder exemption applied, see eu directive annex 7. 2.pulse test: pulse width 300 sec, duty cycle 1% epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 ? halogen free available upon request by adding suffix "-hf" maximum ratings
60s05 thru 60s10 200 100 amps .4 .6 0.8 1.0 1.2 1.4 .1 .2 .4 .6 1 2 4 6 10 20 25 c volts mcc instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 40 60 figure 4 typical reverse characteristics instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts volts 4 6 20 10 m amps 20 120 40 60 80 100 .01 .02 .04 .06 .1 .2 .4 .6 1 2 t j =25 c 40 60 100 140 t j =100 c 1 100 4 0 50 5 100 150 8 figure 3 maximum non-repetitive forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 200 250 300 revision: b 2013/01/01 average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 0 175 50 75 100 125 0 1 2 3 single phase, half wave 60hz resistive or inductive load amps c 150 4 5 6 tm micro commercial components www. mccsemi .com 2 of 3
mcc www.mccsemi .com revision: b 2013/01/01 tm micro commercial components www. mccsemi .com 3 of 3 device packing part number-tp tape&reel: 1.2kpcs/reel part number-ap ammo packing: 1.2kpcs/ammo box part number-bp bulk: 12kpcs/carton ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of 60S05-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X