Part Number Hot Search : 
AD835 MC10113 07500 GB7NB6 KRC407 KRC407 UPA831TF W30N60
Product Description
Full Text Search
 

To Download T020-001-PSF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  multi-function optical fiber cable tester with power meter, light source and visual fault locator model number: T020-001-PSF description the all-in-one T020-001-PSF multi-function optical fiber cable tester is an essential tool for cable installers or anyone working in telecom or lan environments. the combination power meter/light source/visual fault locator allows you to test fiber optic cables for breaks, insertion loss and optical power loss. it features fc connectors with optional sc, st and lc adapters available. the power meter supports 850 nm, 1300 nm, 1310 nm, 1490 nm, 1550 nm and 1625 nm wavelengths, while the light source supports 1310 nm and 1550 nm wavelengths. the visual fault locator features multiple frequency settings for continuous and flashing modes. the easy-to-read lcd interface displays power loss measurement data, wavelength, frequency, battery capacity and battery charge status. three aa batteries are included, and the auto-off function preserves battery power. if youre using rechargeable aa batteries, the usb micro-b port charges them via connection to a usb wall charger or a computers usb port. when not in use, the T020-001-PSF can be stored in its handy carrying case. features all-in-one unit tests fiber optic cables determines optical power loss finds visual faults in cable with multiple frequency settings for continuous and flashing modes light source supports 1310 and 1550 nm power meter supports 850, 1300, 1310, 1490, 1550 and 1625 nm fc connectors with optional sc, st and lc adapters available stores away in convenient carrying case powered by included aa batteries auto-off function preserves battery power usb micro-b port for charging rechargeable batteries easy-to-read lcd interface displays power loss measurement data, wavelength, frequency, battery capacity and battery charge status highlights fc connectors with optional sc, st and lc adapters available light source supports 1310 and 1550 nm wavelengths power meter supports 850, 1300, 1310, 1490, 1550 and 1625 nm auto-off function saves battery power usb micro-b port for charging rechargeable aa batteries package includes T020-001-PSF multi-function optical fiber cable tester (3) aa batteries cleaning swabs carrying case owners manual 1 / 2
displays power loss measurement data, wavelength, frequency, battery capacity and battery charge status specifications overview accessories type cable tester warranty product warranty period (worldwide) 1-year limited warranty ? 2016 tripp lite. all rights reserved. all product and company names are trademarks or registered trademarks of their respective holders. use of them does not imply any affiliation with or endorsement by them. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. tripp lite uses primary and third-party agencies to test its products for compliance with standards. see a list of tripp lite's testing agencies: http://www.tripplite.com/products/product-certification-agencies 2 / 2


▲Up To Search▲   

 
Price & Availability of T020-001-PSF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X