Part Number Hot Search : 
MC1488 J3353K AD7685 MTD502E 20N06 MSM82C43 20N06 1N4596R
Product Description
Full Text Search
 

To Download LBAW56DW1T1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings (each diode) rating symbol value unit reverse voltage v r 70 vdc forward current i f 200 madc peak forward surge current i fm(surge) 500 madc thermal characteristics device marking lbaw56dw1t1g = a1 electrical characteristics (t a = 2 5 c unless otherwise noted) (each diode) characteristic symbol min max unit off characteristics reverse breakdown voltage v (br) 70 ? vdc (i (br) = 100 adc) reverse voltage leakage current i r adc (v r = 25 vdc, t j = 150 c) ? 30 (v r = 70 vdc) ? 2.5 (v r = 70 vdc, t j = 150 c) ? 50 diode capacitance c d ? 3 pf (v r = 0, f = 1.0 mhz) forward voltage v f mvdc (i f = 1.0 madc) ? 715 (i f = 10 madc) ? 855 (i f = 50 madc) ? 1000 (i f = 150 madc) ? 1250 reverse recovery time t rr ? 6.0 ns (i f = i r = 10 madc, i r(rec) = 1.0 madc) (figure 1) r l = 100 ? 1. fr-5 = 1.0 x 0.75 x 0.062 in. 2. alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. monolithic dual switching diode common anode device package shipping lbaw56dw1t1g lbaw56dw1t3g sc88 3000 tape & reel 10000 tape & reel ordering information sc88 leshan radio company, ltd. ? we declare that the material of product compliance with rohs requirements. features characteristic symbol ma x unit total device dissipation fr? 4 board, (1) p d 200 mw t a = 25c derate above 25c 1.6 mw/c thermal resistance, junction to ambient r ja 600 c/w total device dissipation p d 300 mw fr-4 board(2), t a = 25c derate above 25c 2.4 mw/c thermal resistance, junction to ambient r ja 400 c/w junction and storage temperature t j ,t stg ?55 to +150 c 6 4 1 3 5 2 1 3 2 sot - 363/sc-88 6 4 5 rev.a 1/3 s-lbaw56dw1t1g lbaw56dw1t1g s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable. z s-lbaw56dw1t1g s-lbaw56dw1t3g
100 10 1.0 0.1 0.2 0.4 0.6 0.8 1.0 1.2 t a = 150c t a = 125c t a = 85c t a = 25c 01020304050 10 1.0 0.1 0.01 0.001 02 4 6 8 1.75 1.5 1.25 1.0 0.75 i f , forward current (ma) v f , forward voltage (volts) figure 2. forward voltage v r , reverse voltage (volts) figure 3. leakage current v r , reverse voltage (volts) figure 4. capacitance i r , reverse current ( a) c d ,diode capacitance (pf) t a = 85c t a = 25c t a = ? 40c t a = 55c curves applicable to each cathode lbaw56dw1t1g, notes: 1. a 2.0 k ? variable resistor adjusted for a forward current (i f ) of 10 ma. notes: 2. input pulse is adjusted so i r(peak) is equal to 10 ma. notes: 3. t p ? t rr +10 v 2 k 820 ? 0.1 f dut v r 100 h 0.1 f 50 ? output pulse generator 50 ? input sampling oscilloscope t r t p t 10% 90% i f i r t rr t i r(rec) = 1.0 ma output pulse (i f = i r = 10 ma; measured at i r(rec) = 1.0 ma) i f input signal figure 1. recovery time equivalent test circuit leshan radio company, ltd. rev.a 2/3 s-lbaw56dw1t1g
leshan radio company, ltd. package dimensions sc88 (sot363) 0.5 mm (min) 0.4 mm (min) 0.65 mm 0.65 mm 1.9 mm notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. dim a min max min max millimeters 1.80 2.20 0.071 0.087 inches b 1.15 1.35 0.045 0.053 c 0.80 1.10 0.031 0.043 d 0.10 0.30 0.004 0.012 g 0.65 bsc 0.026 bsc h --- 0.10 --- 0.004 j 0.10 0.25 0.004 0.010 k 0.10 0.30 0.004 0.012 n 0.20 ref 0.008 ref s 2.00 2.20 0.079 0.087 v 0.30 0.40 0.012 0.016 b 0.2 (0.008) mm 123 a g v s h c n j k 654 b d 6 pl rev.a 3/3 lbaw56dw1t1g, s-lbaw56dw1t1g


▲Up To Search▲   

 
Price & Availability of LBAW56DW1T1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X