Part Number Hot Search : 
MAX68 6KE30A IMD3A DMF09RF 54ACT174 DTC14 ZX84C10 120EI
Product Description
Full Text Search
 

To Download 2SD2420A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power transistors 1 publication date: november 2004 sjd00267ced 2sd2420, 2SD2420A silicon npn triple diffusion planar type darlington for power amplification complementary to 2sb1623, 2sb1623a features ? high forward current transfer ratio h fe ? dielectric breakdown voltage of the package: > 5 kv absolute maximum ratings t c = 25 c electrical characteristics t a = 25 c 3 c parameter symbol rating unit collector-base voltage 2sd2420 v cbo 60 v (emitter open) 2SD2420A 80 collector-emitter voltage 2sd2420 v ceo 60 v (base open) 2SD2420A 80 emitter-base voltage (collector open) v ebo 5v collector current i c 4a peak collector current i cp 8a collector power p c 30 w dissipation t a = 25 c 2.0 junction temperature t j 150 c storage temperature t stg ? 55 to + 150 c 1.4 0.2 1.6 0.2 0.8 0.1 0.55 0.15 2.54 0.30 5.08 0.50 123 2.6 0.1 2.9 0.2 4.6 0.2 3.2 0.1 3.0 0.5 9.9 0.3 15.0 0.5 13.7 0.2 4.2 0.2 solder dip unit: mm 1: base 2: collector 3: emitter to-220d-a1 package internal connection b c e parameter symbol conditions min typ max unit collector-emitter voltage (base open) v ceo i c = 30 ma, i b = 060v base-emitter voltage v be v ce = 3 v, i c = 3 a 2.5 v collector-base cutoff 2sd2420 i cbo v cb = 60 v, i e = 0 200 a current (emitter open) 2SD2420A v cb = 80 v, i e = 0 200 collector-emitter cutoff 2sd2420 i ceo v ce = 30 v, i b = 0 500 a current (base open) 2SD2420A v ce = 40 v, i b = 0 500 emitter-base cutoff current (collector open) i ebo v eb = 5 v, i c = 02ma forward current transfer ratio h fe1 v ce = 3 v, i c = 0.5 a 1 000 ? h fe2 * v ce = 3 v, i c = 3 a 2 000 10 000 collector-emitter saturation voltage v ce(sat)1 i c = 3 a, i b = 12 ma 2.0 v v ce(sat)2 i c = 5 a, i b = 20 ma 4.0 transition frequency f t v ce = 10 v, i c = 0.5 a, f = 1 mhz 20 mhz turn-on time t on i c = 3 a, i b1 = 12 ma, i b2 = ? 12 ma 0.5 s storage time t stg v cc = 50 v 4.0 s fall time t f 1.0 s note) 1. measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. 2. * : rank classification rank q p h fe2 2 000 to 5 000 4 000 to 10 000
request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technical information described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. it neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) the products described in this material are intended to be used for standard applications or general elec- tronic equipment (such as office equipment, communications equipment, measuring instruments and house- hold appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combus- tion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifica- tions satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maximum rat- ing, the range of operating power supply voltage, and heat radiation characteristics. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2003 sep


▲Up To Search▲   

 
Price & Availability of 2SD2420A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X