Part Number Hot Search : 
SIR158DP LD1117 TLE8264E BDY46 LM2931XX 144TS NJW4141 D9526A
Product Description
Full Text Search
 

To Download MAX9209EUMCB5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the max9209/max9213 serialize 21 bits of lvttl/lvcmos parallel input data to three lvds outputs. a parallel rate clock on a fourth lvds output provides timing for deserialization. the max9209/max9213 feature programmable dc bal- ance, which allows isolation between the serializer and deserializer using ac-coupling. the dc balance circuits on each channel code the data, limiting the imbalance of transmitted ones and zeros to a defined range. the companion max9210/max9214 deserializers decode the data. when dc balance is not programmed, the serializers are compatible with non-dc-balanced, 21-bit serializers such as the ds90cr215 and ds90cr217. two frequency ranges and two dc-balance default conditions are available for maximum replacement flexi- bility and compatibility with existing non-dc-balanced serializers. the max9209/max9213 are available in tssop and space-saving tqfn packages. applications automotive navigation systemsautomotive dvd entertainment systems digital copiers laser printers features ? programmable dc-balanced or non-dc-balanced operation ? dc balance allows ac-coupling for ground-shift tolerance ? as low as 8mhz operation ? pin compatible with ds90cr215 and ds90cr217 in non-dc-balanced mode ? integrated 110 ? (dc-balanced) and 410 ? (non- dc-balanced) output resistors ? 5v tolerant lvttl/lvcmos data inputs ? pll requires no external components ? up to 1.785gbps throughput ? lvds outputs meet iec 61000-4-2 and iso 10605 requirements ? lvds outputs conform to ansi tia/eia-644 lvds standard ? low-profile 48-lead tssop and space-saving tqfn packages ? -40c to +85c operating temperature range ? +3.3v supply max9209/max9213 programmable dc-balanced 21-bit serializers ___________________________________________________ _____________ maxim integrated products 1 ordering information 19-2828; rev 5; 3/12 for pricing, delivery, and ordering information, please contact maxim direct at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. + denotes a lead(pb)-free/rohs-compliant package. /v denotes an automotive qualified part. *ep = exposed pad. evaluation kit available part temp. range pin-package max9209 eum+ -40? to +85? 48 tssop max9209eum/v+ -40? to +85? 48 tssop max9209gum+ -40? to +105? 48 tssop max9213 etm+ -40? to +85? 48 tqfn-ep* max9213eum+ -40? to +85? 48 tssop pin configurations appear at end of data sheet. txin 0 - 20 21 timing control parallel-to- serial converter and dc-balance logic clock generator pll 7x or 9x lvds driver 0 lvds driver 1 lvds driver 2 lvds clk txout0+txout0- txout1+ txout1- txout2+ txout2- txclk out+ txclk out- dcb/nc txclk in max9209 max9213 functional diagram downloaded from: http:///
max9209/max9213 programmable dc-balanced 21-bit serializers 2 __________________________________________________ _____________________________________ absolute maximum ratings dc electrical characteristics (v cc = +3.0v to +3.6v, r l = 100 ? 1%, pwrdwn = high, dcb/nc = high or low, unless otherwise noted. typical values are at v cc = +3.3v, t a = +25 c.) (notes 1, 2) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. v cc to gnd ...........................................................-0.5v to +4.0v lvds outputs (txout_, txclk out_) to gnd ...-0.5v to +4.0v 5v tolerant lvttl/lvcmos inputs (txin_, txclk in, pwrdwn ) to gnd ..............-0.5v to +6.0v (dcb/nc) to gnd ......................................-0.5v to (v cc + 0.5v) lvds outputs (txout_, txclk out_) short to gnd and differential short .......................continuous continuous power dissipation (multilayer board, t a = +70?) 48-pin tssop (derate 16mw/? above +70?) ....... 1282mw 48-pin tqfn (derate 40mw/? above +70?) ..........3200mw storage temperature range .............................-65? to +150? junction temperature ......................................................+150? esd protection human body model (r d = 1.5k ? , c s = 100pf) all pins to gnd.............................................................. 2kv iec 61000-4-2 (r d = 330 ? , c s = 150pf) contact discharge (txout_, txclk out_) to gnd .... 8kv air gap discharge (txout_, txclk out_) to gnd .. 15kv iso 10605 (r d = 2k ? , c s = 330pf) contact discharge (txout_, txclk out_) to gnd .... 8kv air gap discharge (txout_, txclk out_) to gnd .. 25kv lead temperature (soldering, 10s) .................................+300? soldering temperature (reflow) .......................................+260? parameter symbol conditions min typ max units single-ended inputs (txin_, txclk in, pwrdwn , dcb/nc) txin_, txclk in, pwrdwn 2.0 5.5 high-level input voltage v ih dcb/nc 2.0 v cc + 0.3 v low-level input voltage v il -0.3 +0.8 v input current i in v in = hi g h or l ow , p wrdwn = hi g h or l ow -20 +20 ? input clamp voltage v cl i cl = -18ma -0.9 -1.5 v lvds outputs (txout_, txclk out) differential output voltage v od figure 1 250 350 450 mv change in v od between complementary output states ? v od figure 1 2 25 mv output offset voltage v os figure 1 1.125 1.25 1.375 v change in v os between complementary output states ? v os figure 1 10 30 mv v out+ or v out- = 0v or v cc, non-dc-balanced mode -10 ?.7 +10 output short-circuit current i os v out+ or v out- = 0v or v cc , dc-balanced mode -15 ?.2 +15 ma v od = 0v, non-dc-balanced mode (note 3) 5.7 10 magnitude of differential outputshort-circuit current i osd v od = 0v, dc-balanced mode (note 3) 8.2 15 ma 78 110 147 dc-balanced mode -40? to +105? 78 110 150 292 410 547 differential output resistance r o non-dc-balancedmode -40? to +105? 292 410 564 ? downloaded from: http:///
max9209/max9213 programmable dc-balanced 21-bit serializers ___________________________________________________ ____________________________________ 3 parameter symbol conditions min typ max units output high-impedance current i oz pwrdwn = low or v cc = 0v, v out+ = 0v or 3.6v, v out- = 0v or 3.6v -0.5 ?.1 +0.5 a 8mhz max9209 40 54 16mhz max9209 48 68 34mhz max9209 71 90 16mhz max9213 46 64 34mhz max9213 59 87 dc-balanced mode,worst-case pattern, c l = 5pf, figure 2 66mhz max9213 94 108 10mhz max9209 30 39 20mhz max9209 37 53 33mhz max9209 49 70 40mhz max9209 56 75 20mhz max9213 36 49 33mhz max9213 45 62 40mhz max9213 49 70 66mhz max9213 68 89 worst-case supply current i ccw non-dc-balancedmode, worst-case pattern, c l = 5pf, figure 2 85mhz max9213 83 100 ma power-down supply current i ccz pwrdwn = low 17 50 ? dc electrical characteristics (continued) (v cc = +3.0v to +3.6v, r l = 100 ? 1%, pwrdwn = high, dcb/nc = high or low, unless otherwise noted. typical values are at v cc = +3.3v, t a = +25 c.) (notes 1, 2) downloaded from: http:///
max9209/max9213 programmable dc-balanced 21-bit serializers 4 __________________________________________________ _____________________________________ ac electrical characteristics (v cc = +3.0v to +3.6v, r l = 100 ? 1%, c l = 5pf, pwrdwn = high, dcb/nc = high or low, unless otherwise noted. typical values are at v cc = +3.3v, t a = +25 c.) (notes 4, 5) parameter symbol conditions min typ max units max9209 150 280 400 lvds low-to-high transitiontime llht figure 3 max9213 150 260 350 ps max9209 150 280 400 lvds high-to-low transitiontime lhlt figure 3 max9213 150 260 350 ps txclk in transition time tcit figure 4 4 ns 10mhz max9209 n/7 x tcip - 0.25 n/7 x tcip n/7 x tcip + 0.25 20mhz max9209 n/7 x tcip - 0.15 n/7 x tcip n/7 x tcip + 0.15 40mhz max9209 n/7 x tcip - 0.1 n/7 x tcip n/7 x tcip + 0.1 20mhz max9213 n/7 x tcip - 0.25 n/7 x tcip n/7 x tcip + 0.25 40mhz max9213 n/7 x tcip - 0.15 n/7 x tcip n/7 x tcip + 0.15 n = 0, 1, 2, 3,4, 5, 6 non-dc- balanced mode, figure 5 (note 6) 85mhz max9213 n/7 x tcip - 0.1 n/7 x tcip n/7 x tcip + 0.1 8mhz max9209 n/9 x tcip - 0.25 n/9 x tcip n/9 x tcip + 0.25 16mhz max9209 n/9 x tcip - 0.15 n/9 x tcip n/9 x tcip + 0.15 34mhz max9209 n/9 x tcip - 0.1 n/9 x tcip n/9 x tcip + 0.1 16mhz max9213 n/9 x tcip - 0.25 n/9 x tcip n/9 x tcip + 0.25 34mhz max9213 n/9 x tcip - 0.15 n/9 x tcip n/9 x tcip + 0.15 output pulse position tpposn n = 0, 1, 2, 3,4, 5, 6, 7, 8 dc-balanced mode, figure 6 (note 6) 66mhz max9213 n/9 x tcip - 0.1 n/9 x tcip n/9 x tcip + 0.1 ns downloaded from: http:///
max9209/max9213 worst-case pattern and prbs supply current vs. frequency max9209 toc01 frequency (mhz) supply current (ma) 40 30 20 10 40 60 80 100 20 05 0 worst-casepattern 2 7 - 1 prbs max9209 dc-balanced mode worst-case pattern and prbs supply current vs. frequency max9209 toc02 frequency (mhz) supply current (ma) 50 40 30 20 10 40 60 80 100 20 06 0 worst-casepattern 2 7 - 1 prbs max9209 non-dc-balanced mode worst-case and prbs supply current vs. frequency max9209 toc03 frequency (mhz) supply current (ma) 75 60 45 30 40 60 80 100 120 20 15 90 worst-casepattern 2 7 - 1 prbs max9213 non-dc-balanced mode typical operating characteristics (v cc = +3.3v, r l = 100 ? 1%, c l = 5pf, pwrdwn = high, t a = +25 c, unless otherwise noted.) ac electrical characteristics (continued) (v cc = +3.0v to +3.6v, r l = 100 ? 1%, c l = 5pf, pwrdwn = high, dcb/nc = high or low, unless otherwise noted. typical values are at v cc = +3.3v, t a = +25 c.) (notes 4, 5) parameter symbol conditions min typ max units txclk in high time tcih figure 7 0.3 x tcip 0.7 x tc ip ns txclk in low time tcil figure 7 0.3 x tcip 0.7 x tc ip ns txin to txclk in setup tstc figure 7 2.2 ns txin to txclk in hold thtc figure 7 0 ns non-dc-balanced mode, figure 8 3.5 4.5 6.0 txclk in to txclk out delay tccd dc-balanced mode, figure 8 4.7 5.9 7.2 ns serializer phase-locked loop set tplls figure 9 32800 x tcip ns serializer power-down delay tpdd figure 10 14 50 ns txclk in cycle-to-cycle jitter(input clock requirement) tjit 2n s magnitude of differential outputvoltage v od 595mbps data rate, worst-casepattern 250 mv note 1: current into a pin is defined as positive. current out of a pin is defined as negative. all voltages are referenced to ground except v od , ? v od , and ? v os . note 2: maximum and minimum limits over temperature are guaranteed by design and characterization. devices are production tested at t a = +25?. note 3: guaranteed by design. note 4: tcip is the period of txclk in. note 5: ac parameters are guaranteed by design and characterization, and are not production tested. limits are set at 6 sigma. note 6: pulse position tpposn is characterized using 2 7 - 1 prbs data. programmable dc-balanced 21-bit serializers ___________________________________________________ ____________________________________ 5 downloaded from: http:///
max9209/max9213 programmable dc-balanced 21-bit serializers 6 __________________________________________________ _____________________________________ max9213 eye diagram?dc-balanced mode max9209 toc08 100mv/div 300ps/div 0v differential txclk in = 66mhz ac-coupledusing 0.1 f capacitors 2m of cat-5utp cable 2 7 - 1 prbs pattern 100 ? termination all-channels switching max9213 eye diagram?non-dc-balanced mode max9209 toc07 100mv/div 300ps/div txclk in = 85mhzdc-coupled 0v differential 10m of cat-5utp cable all-channels switching 2 7 - 1 prbs pattern 100 ? termination max9213 eye diagram?dc-balanced mode max9209 toc09 100mv/div 300ps/div 0v differential txclk in = 66mhz ac-coupled using 0.1 f capacitors 5m of cat-5utp cable all-channels switching 2 7 - 1 prbs pattern 100 ? termination max9213 eye diagram?dc-balanced mode max9209 toc10 100mv/div 300ps/div 0v differential txclk in = 66mhz ac-coupledusing 0.1 f capacitors 10m of cat-5utp cable all-channels switching 2 7 - 1 prbs pattern 100 ? termination worst-case pattern and prbs supply current vs. frequency frequency (mhz) supply current (ma) 60 45 30 40 60 80 100 120 20 15 75 worst-casepattern 2 7 - 1 prbs max9213dc-balanced mode max9209 toc04 max9213 eye diagram?non-dc-balanced mode max9209 toc05 100mv/div 300ps/div txclk in = 85mhzdc-coupled 2 7 - 1 prbs pattern 100 ? termination 0v differential all-channels switching 2m of cat-5utp cable max9213 eye diagram?non-dc-balanced mode max9209 toc06 100mv/div 300ps/div txclk in = 85mhzdc-coupled 2 7 - 1 prbs pattern 100 ? termination 0v differential all-channels switching 5m of cat-5utp cable typical operating characteristics (continued) (v cc = +3.3v, r l = 100 ? 1%, c l = 5pf, pwrdwn = high, t a = +25 c, unless otherwise noted.) downloaded from: http:///
max9209/max9213 programmable dc-balanced 21-bit serializers ___________________________________________________ ____________________________________ 7 pin description pin tssop tqfn name function 1, 3, 4, 44, 45, 47, 48, 38, 39, 41, 42, 43, 45, 46 txin0?xin6 5v tolerant lvttl/lvcmos channel 0 data inputs.internally pulled down to gnd. 2, 8, 14, 21 2, 8, 15, 44 v cc digital supply voltage 5, 11, 17, 24, 46 5, 11, 18, 40, 47 gnd ground 6, 7, 9, 10, 12, 13, 15 1, 3, 4, 6, 7, 9, 48 txin7?xin13 5v tolerant lvttl/lvcmos channel 1 data inputs. internally pulled down to gnd. 16, 18, 19, 20, 22, 23, 25 10, 12, 13, 14, 16, 17, 19 txin14?xin20 5v tolerant lvttl/lvcmos channel 2 data inputs.internally pulled down to gnd. 26 20 txclk in 5v tolerant lvttl/lvcmos parallel rate clock input.internally pulled down to gnd. 27 21 pwrdwn 5v tolerant lvttl/lvcmos power-down input. internallypulled down to gnd. outputs are high impedance when pwrdwn = low or open. 28, 30 22, 24 pll gnd pll ground 29 23 pll v cc pll supply voltage 31, 36, 42 25, 30, 36 lvds gnd lvds ground 32 26 txclk out+ noninverting lvds parallel rate clock output 33 27 txclk out- inverting lvds parallel rate clock output 34 28 txout2+ noninverting channel 2 lvds serial data output 35 29 txout2- inverting channel 2 lvds serial data output 37 31 lvds v cc lvds supply voltage 38 32 txout1+ noninverting channel 1 lvds serial data output 39 33 txout1- inverting channel 1 lvds serial data output 40 34 txout0+ noninverting channel 0 lvds serial data output 41 35 txout0- inverting channel 0 lvds serial data output 43 37 dcb/nc lvttl/lvcmos dc-balance programming input:max9209: pulled up to v cc max9213: pulled up to v cc see table 1. ep exposed paddle (tqfn only). solder to ground. downloaded from: http:///
max9209/max9213 programmable dc-balanced 21-bit serializers 8 __________________________________________________ _____________________________________ vos(-) vos(+) vos(-) vod(+) vod(-) vod(-) txout_- or txclk out- txout_+ or txclk out+ ? vos = |vos(+) - vos(-)| (txout_+) - (txout_-) or (txclk out+) - (txclk out-) ? vod = |vod(+) - vod(-)| 0v tcip txclk in odd txin even txin txout_+ or txclk out+ c l c l r l txout_- or txclk out- 80% 80% 20% 20% llht lhlt (txout_+) - (txout_-) or (txclk out+) - (txclk out-) figure 2. worst-case test pattern figure 3. lvds output load and transition times figure 1. lvds output dc parameters 90% 10% 90% 10% v ih txclk in v il tcit tcit figure 4. clock transition time waveform downloaded from: http:///
max9209/max9213 programmable dc-balanced 21-bit serializers ___________________________________________________ ____________________________________ 9 detailed description the max9209 operates at a parallel clock frequency of8mhz to 34mhz in dc-balanced mode and 10mhz to 40mhz in non-dc-balanced mode. the max9213 oper- ates at a parallel clock frequency of 16mhz to 66mhz in dc-balanced mode and 20mhz to 85mhz in non- dc-balanced mode. dc-balanced or non-dc-balanced operation is con- trolled by the dcb/nc pin (see table 1). in non-dc- balanced mode, each channel serializes 7 bits every cycle of the parallel clock. in dc-balanced mode, 9 bits are serialized every clock cycle (7 data bits + 2 dc-bal- ance bits). the highest data rate in dc-balanced mode for the max9213 is 66mhz x 9 = 594mbps. in non-dc- balanced mode, the maximum data rate is 85mhz x 7 = 595mbps. a bit time is 1 divided by the data rate, for example, 1 / 595mbps = 1.68ns. dc balance through data coding, the dc-balance circuits limit theimbalance of ones and zeros transmitted on each chan- nel. if +1 is assigned to each binary one transmitted and -1 is assigned to each binary zero transmitted, thevariation in the running sum of assigned values is called the digital sum variation (dsv). the maximum dsv for the max9209/max9213 data channels is 10. at most, 10 more zeros than ones, or 10 more ones than zeros, are transmitted. the maximum dsv for the clock channel is 5. limiting the dsv and choosing the correct coupling capacitors maintain differential signal amplitude and reduce jitter due to droop on ac-coupled links. txin15 txin14 txin20 txin19 txin18 txin17 txin16 txin15 txin14 txin8 txin7 txin13 txin12 txin11 txin10 txin9 txin8 txin7 txin1 txin0 txin6 txin5 txin4 txin3 txin2 txin1 txin0 cycle n - 1 cycle n tppos0 tppos1 tppos2 tppos3 tppos4 tppos5 tppos6 txclk out (differential) txout2 (single ended) txout1 (single ended) txout0 (single ended) figure 5. non-dc-balanced mode lvds output pulse position measurement device dcb/nc operating mode operating frequency (mhz) high or open dc balanced 8 to 34 max9209 low non-dc balanced 10 to 40 high or open dc balanced 16 to 66 max9213 low non-dc balanced 20 to 85 table 1. dc-balance programming downloaded from: http:///
max9209/max9213 programmable dc-balanced 21-bit serializers 10 _________________________________________________ _____________________________________ dca2 dcb2 txin20 txin19 txin18 txin17 txin16 txin15 txin14 dca1 dcb1 txin13 txin12 txin11 txin10 txin9 txin8 txin7 dca0 dcb0 txin6 txin5 txin4 txin3 txin2 txin1 txin0 cycle n - 1 cycle n tppos0 tppos1 tppos2 tppos3 tppos4 tppos5 tppos6 txclk out (differential) txout2 (single ended) txout1 (single ended) txout0 (single ended) dca2 dcb2 dca1 dcb1 dca0 dcb0 tppos7 tppos8 tcip tcih tcil thtc tstc setup 1.5v 1.5v hold 2.0v 1.5v 0.8v txin 0:20 txclk in txclk out+ txclk in tccd txclk out- 1.5v differential 0 figure 6. dc-balanced mode lvds output pulse position measurement figure 7. setup and hold, high and low times figure 8. clock-in to clock-out delay downloaded from: http:///
max9209/max9213 programmable dc-balanced 21-bit serializers ___________________________________________________ ___________________________________ 11 to obtain dc balance on the data channels, the paral-lel input data is inverted or not inverted, depending on the sign of the digital sum at the word boundary. two complementary bits are appended to each group of 7 parallel input data bits to indicate to the max9210/ max9214 deserializers whether the data bits are invert- ed (figure 11). the deserializer restores the original state of the parallel data. the lvds clock signal alter-nates duty cycles of 4/9 and 5/9, which maintains dc balance. figure 12 shows the non-dc-balanced mode inputs mapped to lvds outputs. dca0 dcb1 dca1 dcb2 dca2 cycle n + 1 cycle n cycle n - 1 txin2 txin6 txin3 txin4 txin5 txin9 txin13 txin10 txin11 txin12 txin2 txin3 txin4 dca0 txin5 txin6 dcb0 txin9 txin10 txin11 dca1 txin12 txin13 dcb1 txin16 txin17 txin18 dca2 txin19 txin20 dcb2 txin0 txin1 txin7 txin8 txin14 txin15 txin16 txin20 txin17 txin18 txin19 dcb0 txclk out- txout1 txout0 txout2 txin1 txin8 txin15 txin0 txin7 txin14 txclk out+ figure 11. dc-balanced mode inputs mapped to lvds outputs 2.0v3.0v high-z differential 0 3.6v v od = 0 v cc txout_, txclk out txclk in pwrdwn tppls figure 9. pll set time txout_, txclk out txclk in pwrdwn high-z 0.8v tpdd figure 10. power-down delay downloaded from: http:///
max9209/max9213 programmable dc-balanced 21-bit serializers 12 _________________________________________________ _____________________________________ ac-coupling benefits bit errors experienced with dc-coupling can be elimi-nated by increasing the receiver common-mode volt- age range by ac-coupling. ac-coupling increases the common-mode voltage range of an lvds receiver to nearly the voltage rating of the capacitor. the typical lvds driver output is 350mv centered on an offset volt- age of 1.25v, making single-ended output voltages of1.425v and 1.075v. an lvds receiver accepts signals from 0v to 2.4v, allowing approximately 1v common- mode difference between the driver and receiver on adc-coupled link (2.4v - 1.425v = 0.975v and 1.075v - 0v = 1.075v). figure 13 shows the dc-coupled link, non-dc-balanced mode. txin1 txin7 txin8 txin14 txin15 cycle n + 1 cycle n cycle n - 1 txin2 txin6 txin3 txin4 txin5 txin9 txin13 txin10 txin11 txin12 txin0 txin1 txin2 txin6 txin3 txin4 txin5 txin7 txin8 txin9 txin13 txin10 txin11 txin12 txin14 txin15 txin16 txin20 txin17 txin18 txin19 txin0 txin1 txin7 txin8 txin14 txin15 txin16 txin20 txin17 txin18 txin19 txclk out+ txin0 txclk out- txout1 txout0 txout2 figure 12. non-dc-balanced mode inputs mapped to lvds outputs 1:7 7 7 r t = 100 ? r t = 100 ? r t = 100 ? r t = 100 ? 7:1 7:1 1:7 7 7 7:1 1:7 7 7 pll pll max9209max9213 max9210max9214 txout txclk out rxin rxclk in 21:3 serializer 3:21 deserializer pwrdwn rxclk out rxout pwrdwn txclk in txin transmission line r o r o r o r o figure 13. dc-coupled link, non-dc-balanced mode downloaded from: http:///
max9209/max9213 programmable dc-balanced 21-bit serializers ___________________________________________________ ___________________________________ 13 common-mode voltage differences may be due toground potential variation or common-mode noise. if there is more than 1v of difference, the receiver is not guaranteed to read the input signal correctly and maycause bit errors. ac-coupling filters low-frequency ground shifts and common-mode noise and passes high-frequency data. a common-mode voltage differ- ence up to the voltage rating of the coupling capacitor (minus half the differential swing) is tolerated. dc-bal- anced coding of the data is required to maintain the dif- ferential signal amplitude and limit jitter on an ac-coupled link. a capacitor in series with each output of the lvds driver is sufficient for ac-coupling. however, two capacitors?ne at the serializer output and one atthe deserializer input?rovide protection in case either end of the cable is shorted to a high voltage. 5v tolerant inputs all signal and control inputs except dcb/nc are 5v tol-erant and are internally pulled down to gnd. the dcb/nc pin has a pullup on the max9209/max9213. dcb/nc pin default conditions the max9209/max9213 have programmable dc bal-ance/non-dc balance. see table 1 for dcb/nc default settings and operating modes. (7 + 2):1 1:(9 - 2) 7 7 r t = 100 ? r t = 100 ? r t = 100 ? r t = 100 ? (7 + 2):1 1:(9 - 2) 7 7 (7 + 2):1 1:(9 - 2) 7 7 pll pll max9209max9213 max9210max9214 txouttxclk out rxin rxclk in 21:3 serializer 3:21 deserializer pwrdwn rxclk out rxout pwrdwn txclk in txin high-frequency ceramic surface-mount capacitors can also be placed at serializer instead of deserializer. r o r o r o r o figure 14. two capacitors per link, ac-coupled, dc-balanced mode downloaded from: http:///
max9209/max9213 programmable dc-balanced 21-bit serializers 14 _________________________________________________ _____________________________________ applications information selection of ac-coupling capacitors voltage droop and the dsv of transmitted symbolscause signal transitions to start from different voltage levels. because the transition time is finite, starting the signal transition from different voltage levels causes timing jitter. the time constant for an ac-coupled link needs to be chosen to reduce droop and jitter to an acceptable level. the rc network for an ac-coupled link consists of the lvds receiver termination resistor (r t ), the lvds driver output resistor (r o ), and the series ac-coupling capac- itors (c). the rc time constant for two equal-valueseries capacitors is (c x (r t + r o )) / 2 (figure 14). the rc time constant for four equal-value series capacitorsis (c x (r t + r o )) / 4 (figure 15). r t is required to match the transmission line imped- ance (usually 100 ? ) and r o is determined by the lvds driver design, with a minimum value of 78 ? (see the dc electrical characteristics table). this leaves the capaci- tor selection to change the system time constant.in the following example, the capacitor value for a droop of 2% is calculated. jitter due to this droop is then calculated assuming a 1ns transition time: c = -(2 x t b x dsv) / (ln (1 - d) x (r t + r o )) (eq 1) where:c = ac-coupling capacitor (f) t b = bit time (s) dsv = digital sum variation (integer)ln = natural log d = droop (% of signal amplitude) r t = termination resistor ( ? ) (7 + 2):1 1:(9 - 2) 7 7 r t = 100 ? r t = 100 ? r t = 100 ? r t = 100 ? (7 + 2):1 1:(9 - 2) 7 7 (7 + 2):1 1:(9 - 2) 7 7 pll pll max9209max9213 max9210max9214 txouttxclk out rxin rxclk in 21:3 serializer 3:21 deserializer pwrdwn rxclk out rxout pwrdwn txclk in txin high-frequency ceramic surface-mount capacitors r o r o r o r o figure 15. four capacitors per link, ac-coupled, dc-balanced mode downloaded from: http:///
max9209/max9213 programmable dc-balanced 21-bit serializers ___________________________________________________ ___________________________________ 15 r o = output resistance ( ? ) equation 1 is for two series capacitors (figure 14). thebit time (t b ) is the period of the parallel clock divided by 9. the dsv is 10. see equation 3 for four series capaci-tors (figure 15). the capacitor for 2% maximum droop at 8mhz parallel rate clock is: c = -(2 x t b x dsv) / (ln (1 - d) x (r t + r o )) c = -(2 x 13.9ns x 10) / (ln (1 - .02) x (100 ? + 78 ? )) c = 0.0773? jitter due to droop is proportional to the droop andtransition time: t j = t t x d (eq 2) where:t j = jitter (s) t t = transition time (s) (0% to 100%) d = droop (% of signal amplitude)jitter due to 2% droop and assumed 1ns transition time is: t j = 1ns x 0.02 t j = 20ps the transition time in a real system depends on the fre-quency response of the cable driven by the serializer. the capacitor value decreases for a higher frequency parallel clock and for higher levels of droop and jitter. use high-frequency, surface-mount ceramic capacitors. equation 1 altered for four series capacitors (figure 15) is: c = -(4 x t b x dsv) / (ln (1 - d) x (r t + r o )) (eq 3) integrated termination the max9209/max9213 have an integrated output ter-mination resistor across each of the four lvds outputs. these resistors damp reflections from induced noise and mismatches between the transmission line impedance and termination resistor at the deserializer input. in dc- balanced mode, the differential output resistance is part of the rc time constant. in non-dc-balanced mode, the output termination is increased to 410 ? (typ) to reduce power. in power-down mode ( pwrdwn = low) or when the power supply is off, the output resistor is switchedout and the lvds outputs are high impedance. pwrdwn and power-off driving pwrdwn low stops the pll, switches out the integrated output termination resistors, puts the lvdsoutputs in high impedance, and reduces supply current to 50? or less. driving pwrdwn high starts the pll lock to the input clock and switches in the output termi-nation resistors. the lvds outputs are not driven until the pll locks. the differential output resistance pulls the outputs together and the lvds outputs are high impedance to ground. if the power supply is turned off, the output resistors are switched out and the lvds out- puts are high impedance. pll lock time the pll lock time is set by an internal counter. the maxi-mum time to lock is 32,800 clock periods. power and clock should be stable to meet the lock-time specifica- tion. when the pll is locking, the lvds outputs are not active and have a differential output resistance of r o . power-supply bypassing there are separate power domains for lvds, pll, and digital circuits. bypass each lvds v cc , pll v cc , and v cc pin with high-frequency surface-mount ceramic 0.1? and 0.001? capacitors in parallel as close to thedevice as possible, with the smallest value capacitor closest to the supply pin. lvds outputs the lvds outputs are current sources. the voltageswing is proportional to the load impedance. the out- puts are rated for a differential load of 100 ? 1%. cables and connectors interconnect for lvds typically has a differential imped-ance of 100 ? . use cables and connectors that have matched differential impedance to minimize impedancediscontinuities. twisted-pair and shielded twisted-pair cables offer superior signal quality compared to ribbon cable and tend to generate less emi due to magnetic field cancel- ing effects. balanced cables pick up noise as common mode, which is rejected by the lvds receiver. board layout keep the lvttl/lvcmos input and lvds output sig-nals separated to prevent crosstalk. a four-layer pcb with separate layers for power, ground, lvds outputs, and digital signals is recommended. downloaded from: http:///
max9209/max9213 programmable dc-balanced 21-bit serializers 16 _________________________________________________ _____________________________________ esd protection the max9209/max9213 esd tolerance is rated for iec61000-4-2, human body model and iso 10605 stan- dards. iec 61000-4-2 and iso 10605 specify esd toler- ance for electronic systems. the iec 61000-4-2 discharge components are c s = 150pf and r d = 330 ? (figure 16). for iec 61000-4-2, the lvds outputs are rated for ?kv contact and ?5kv air discharge. thehuman body model discharge components are c s = 100pf and r d = 1.5k ? (figure 17). for the human body model, all pins are rated for ?kv contact discharge. theiso 10605 discharge components are c s = 330pf and r d = 2k ? (figure 18). for iso 10605, the lvds outputs are rated for ?kv contact and ?5kv air discharge. c s 150pf storage capacitor high- voltage dc source device under test charge-current- limit resistor discharge resistance 50 ? to 100 ? r d 330 ? figure 16. iec 61000-4-2 contact discharge esd test circuit storage capacitor high- voltage dc source device under test charge-current- limit resistor discharge resistance 1m ? r d 1.5k ? c s 100pf figure 17. human body esd test circuit storage capacitor high- voltage dc source device under test charge-current- limit resistor discharge resistance 50 ? to 100 ? r d 2k ? c s 330pf figure 18. iso 10605 contact discharge esd test circuit downloaded from: http:///
max9209/max9213 programmable dc-balanced 21-bit serializers ___________________________________________________ ___________________________________ 17 lvds gnd txout0-txout1- txout1+ txout2- txout2+ txclk out- lvds gnd txclk out+ lvds v cc lvds gnd txout0+ txin9 txin10 gnd txin11txin12 v cc txin13txin15 txin14 v cc txin8 12 3 4 5 6 7 8 9 1011 12 3635 34 33 32 31 30 29 28 27 26 25 txin19 gnd txin20 pwrdwn pll gnd pll v cc pll gnd txin18 v cc txin17 txin16 gndtxin6 txin5 v cc txin4txin3 txin2 gnd txin1 dcb/nc txin0 txin7 tqfn max9209 max9213 txclk in 4847 46 45 44 43 42 41 40 39 38 37 1314 15 16 17 18 19 20 21 22 23 24 4847 46 45 44 43 42 41 4039 12 3 4 5 6 7 8 9 10 txin3 txin2gnd txin1 txin6 txin5 v cc txin4 top view max9209 max9213 txin0dcb/nc lvds gnd txout0- v cc txin8 txin7 gnd txout0+txout1- txin10 txin9 3837 36 35 34 33 32 31 30 29 txout1+lvds v cc lvds gndtxout2- txout2+ txclk out- txclk out+ lvds gnd pll gnd pll v cc 1112 13 14 15 16 17 18 19 v cc txin12 txin11 gnd txin15 gnd txin14 txin13 txin17 txin16 20 21 txin18 v cc 22 28 27 pll gndpwrdwn tssop 23 gnd txin19 24 26 25 txclk intxin20 gnd exposed pad + + pin configurations chip information process: cmos package information for the latest package outline information and land patterns(footprints), go to www.maxim-ic.com/packages . note that a ?? ?? or ??in the package code indicates rohs status only.package drawings may show a different suffix character, but the drawing pertains to the package regardless of rohs status. package type package code outline no. land pattern no. 48 tssop a48+1 21-0155 90-0124 48 tqfn t4877+6 21-0144 90-0132 downloaded from: http:///
max9209/max9213 programmable dc-balanced 21-bit serializers maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circuit patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. the parametric values (min and max limits) shown in the electrical characteristics table are guaranteed. other parametric values quoted in this data sheet are provided for guidance. 18 ____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 2012 maxim integrated products maxim is a registered trademark of maxim integrated products, inc. revision number revision date description pages changed 3 6/07 1?, 9, 14, 15, 18, 19, 20 4 10/07 removed all references to max9211 and max9215. 1?0 5 3/12 updated ordering information 1 revision history downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of MAX9209EUMCB5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X