Part Number Hot Search : 
2SD1929 BD4850G 645ETTTS B0824 3EZ15D5 D5FB10 IRG7PH BA221
Product Description
Full Text Search
 

To Download ST2N5400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2n5400 / 2n5401 pnp silicon epitaxial planar transistors for general purpose, high volt age amplifier applications. as complementary types the npn transistors st 2n5550 and st 2n5551 are recommended. on special request, thes e transistors can be manufactured in different pin configurations. to-92 plastic package weight approx. 0.19g absolute maximum ratings (t a = 25 o c) symbol value unit collector emitter voltage st 2n5400 st 2n5401 -v ceo -v ceo 120 150 v v collector base voltage st 2n5400 st 2n5401 -v cbo -v cbo 130 160 v v emitter base voltage -v ebo 5 v collector current -i c 600 ma power dissipation p tot 625 1) mw junction temperature t j 150 o c storage temperature range t s -55 to +150 o c 1) valid provided that leads are kept at ambient temperature at a distance of 2 mm from case.
2n5400 / 2n5401 characteristics at t amb =25 o c symbol min. typ. max. unit dc current gain at-v ce =5v, -i c =1ma at -v ce =5v, -i c =10ma at -v ce =5v, -i c =50ma st 2n5400 st 2n5401 st 2n5400 st 2n5401 st 2n5400 st 2n5401 h fe h fe h fe h fe h fe h fe 30 50 40 60 40 50 - - - - - - - - 180 240 - - - - - - - - collector emitter breakdown voltage at -i c =1ma st 2n5400 st 2n5401 -v (br)ceo -v (br)ceo 120 150 - - - - v v collector base breakdown voltage at -i c =100 a st 2n5400 st 2n5401 -v (br)cbo -v (br)cbo 130 160 - - - - v v emitter base breakdown voltage at -i e =10 a -v (br)ebo 5 - - v collector cutoff current at -v cb =100v at -v cb =120v st 2n5400 st 2n5401 -i cbo -i cbo - - - - 100 50 na na emitter cutoff current at -v eb =3v -i ebo - - 50 na collector saturation voltage at -i c =10ma, -i b =1ma at -i c =50ma, -i b =5ma -v ce sat -v ce sat - - - - 0.2 0.5 v v base saturation voltage at -i c =10ma, -i b =1ma at -i c =50ma, -i b =5ma -v besat -v besat - - - - 1 1 v v gain bandwidth product at -v ce =10v,-i c =10ma,f=100mhz st 2n5400 st 2n5401 f t f t 100 100 - - 400 400 mhz mhz collector base capacitance at -v cb =10v, f=1mhz c cbo - - 6 pf noise figure at -v ce =5v,-i c =200 a,r g =2k ,f=30h z ?15kh z f - - 8 db thermal resistance junction to ambient r tha - - 200 1) k/w 1) valid provided that leads are kept at ambient temperature at a distance of 2 mm from case.
2n5400 / 2n5401 ambient temperature ta ( ) p o w e r d i s s i p a t i o n p t o t ( m w ) p tot - t a c o l l e c t o r c u r r e n t i c ( m a ) base emitter voltage v be (v) i c - v be v ce(sat) c o l l e c t o r c u r r e n t i c ( m a ) v be(sat) v c e ( s a t ) , v b e ( s a t ) - i c c o l l e c t o r e m i t t e r s a t u r a t i o n b a s e e m i t t e r s a t u r a t i o n v o l t a g e v c e ( s a t ) , v b e ( s a t ) ( m v ) c o l l e c t o r o u t p u t c a p a c i t a n c e c o b ( p f ) collector base voltage v cb (v) c ob - v cb t r a n s i t i o n f r e q u e n c y c o l l e c t o r c u r r e n t i c ( m a ) f t - i c


▲Up To Search▲   

 
Price & Availability of ST2N5400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X