![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
this is information on a product in full production. april 2014 docid17367 rev 4 1/37 m54hcxxx, m54hctxxx rad-hard high speed 2 to 6 v cmos logic series datasheet - production data features ? 2 to 6 v operating voltage ? low power dc dissipation: 1 a max. at 25 c ? high speed t pd = 8 ns typ. at 25 c ? symmetrical outputs characteristics ? high noise immunity: 28 % of min. v cc ? hermetic packages ? rad-hard 50 krad (si) ? sel immune up to 110 mev/mg/cm2 ? escc qualified ? same die and electrical specification for engineering and flight models ? the complete specificat ion of each type is available from the escc web site: https://escies.org using its escc part number. stmicroelectronics ? guarantees full compliance of qualified parts with these escc specifications. description the m54hcxxx and m54hctxxx series are composed of 90 types of high speed cmos functions specifically designed to meet the radiation requirements of the aerospace industry. they include a large set of gates, flip-flops, multiplexers, counters, bus interface and several other functions. the radiation hardness, the single event latch-up (sel) immunity and the housing in hermetic packages of all types of both series make them ideally suited for use in the most difficult environmental conditions. flat-14 flat-16 flat-20 dil-14 dil-16 dil-20 flat-24 dil-24 the upper metallic lid is not el ectrically connected to any pins, nor to the ic die inside the package. www.st.com
contents m54hcxxx, m54hctxxx 2/37 docid17367 rev 4 contents 1 m54hc and m54hct families over view . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 input and output equivalent ci rcuit diagram . . . . . . . . . . . . . . . . . . . . . 9 3 maximum rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 3.1 absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 3.1.1 m54hc series . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 3.1.2 m54hct series . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 3.2 recommended operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11 3.2.1 m54hc series . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 3.2.2 m54hct series . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 4 radiation data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 5 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 6 order codes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 7 other information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 7.1 date code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 7.2 documentation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 8 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 m54hcxxx, m54hctxxx m54hc and m54hct families overview docid17367 rev 4 3/37 1 m54hc and m54hct families overview table 1. device summary part number description radiation level agency qualification eppl escc specification package v cc v in range other features temp. range min. max. m54hc00 rad-hard quad 2-input nand gate 50 krad (si) escc y 9201/105 flat-14 - dil-14 2.0 6.0 0 to v cc - -55 c to 125 c m54hc02 rad-hard quad 2-input nor gate y 9201/113 flat-14 - dil-14 2.0 6.0 m54hc03 rad-hard quad 2-input nand open drain y 9201/114 flat-14 - dil-14 2.0 6.0 m54hc04 rad-hard hex inverter y 9401/033 flat-14 - dil-14 2.0 6.0 m54hc08 rad-hard quad 2-input and gate y 9201/106 flat-14 - dil-14 2.0 6.0 m54hc10 rad-hard triple 3-input nand gate y 9201/107 flat-14 - dil-14 2.0 6.0 m54hc11 rad-hard triple 3-input and gate y 9201/117 flat-14 - dil-14 2.0 6.0 m54hc14 rad-hard hex sc hmitt inverter y 9409/007 flat-14 - dil-14 2.0 6.0 m54hc20 rad-hard dual 4-input nand gate y 9201/118 flat-14 - dil-14 2.0 6.0 m54hc21 rad-hard dual 4-input and gate y 9201/108 flat-14 - dil-14 2.0 6.0 m54hc27 rad-hard triple 3-input nor gate y 9201/109 flat-14 - dil-14 2.0 6.0 m54hc30 rad-hard 8-input nand gate - 9201/110 flat-14 - dil-14 2.0 6.0 m54hc and m54hct families overview m54hcxxx, m54hctxxx 4/37 docid17367 rev 4 m54hc32 rad-hard quad 2-input or gate 50 krad (si) escc y 9201/111 flat-14 - dil-14 2.0 6.0 0 to v cc - -55 c to 125 c m54hc73 rad-hard dual j-k flip-flop with clear - 9203/071 flat-14 - dil-14 2.0 6.0 negative edge m54hc74 rad-hard dual d-type flip-flop with preset and clear y 9203/050 flat-14 - dil-14 2.0 6.0 positive edge m54hct74 rad-hard dual d-type flip-flop with preset and clear y 9203/070 flat-14 - dil-14 4.5 5.5 positive edge ttl compatible m54hc75 rad-hard 4-bit d-type latch - 9203/065 flat-16 - dil-16 2.0 6.0 - m54hc85 rad-hard 4-bit magnitude comparator y 9209/004 flat-16 - dil-16 2.0 6.0 m54hc86 rad-hard quad exclusive or gate y 9201/119 flat-14 - dil-14 2.0 6.0 pinout 1 m54hc109 rad-hard dual j-k flip-flop with preset and clear y 9306/048 flat-16 - dil-16 2.0 6.0 positive edge m54hc123 rad-hard dual retrigg. monostable multivibrator with clear - 9207/006 flat-16 - dil-16 2.0 6.0 - m54hc125 rad-hard quad bus buffer 3-state y 9401/039 flat-14 2.0 6.0 inverted enables m54hc132 rad-hard quad 2-input schmitt nand gate y 9201/120 flat-14 - dil-14 2.0 6.0 - m54hc137 rad-hard 3-to-8 line decoder latch inverter - 9205/013 flat-16 - dil-16 2.0 6.0 m54hc138 rad-hard 3-to-8 line decoder inverter y 9408/046 flat-16 - dil-16 2.0 6.0 table 1. device summary (continued) part number description radiation level agency qualification eppl escc specification package v cc v in range other features temp. range min. max. m54hcxxx, m54hctxxx m54hc and m54hct families overview docid17367 rev 4 5/37 m54hc139 rad-hard dual 2-to-4 line decoder/demultiplexer 50 krad (si) escc y 9205/017 flat-16 - dil-16 2.0 6.0 0 to v cc - -55 c to 125 c m54hc148 rad-hard 8-to-3 line priority encoder - 9410/017 flat-16 - dil-16 2.0 6.0 m54hc151 rad-hard 8-channel multiplexer y 9408/054 flat-16 - dil-16 2.0 6.0 m54hc153 rad-hard dual 4-channel multiplexer - 9408/038 flat-16 - dil-16 2.0 6.0 m54hc154 rad-hard 4-to-16 line decoder/demultiplexer y 9205/023 flat-24 - dil-24 2.0 6.0 m54hc157 rad-hard quad 2-channel multiplexer y 9408/057 flat-16 - dil-16 2.0 6.0 m54hc158 rad-hard quad 2-channel multiplexer inverter y 9408/059 flat-16 - dil-16 2.0 6.0 m54hc160 rad-hard synchronous decade counter with async. clear - 9204/062 dil-16 2.0 6.0 m54hc161 rad-hard synchronous binary counter with async. clear y 9204/059 flat-16 - dil-16 2.0 6.0 m54hc164 rad-hard 8-bit sipo shift register y 9306/041 flat-14 - dil-14 2.0 6.0 m54hc165 rad-hard 8-bit piso shift register y 9306/042 flat-16 - dil-16 2.0 6.0 m54hc166 rad-hard 8-bit piso shift register with clear y 9306/043 flat-16 - dil-16 2.0 6.0 m54hc174 rad-hard hex d-type flip-flop with clear y 9306/052 flat-16 - dil-16 2.0 6.0 m54hc175 rad-hard quad d-type flip-flop with clear y 9203/052 flat-16 - dil-16 2.0 6.0 table 1. device summary (continued) part number description radiation level agency qualification eppl escc specification package v cc v in range other features temp. range min. max. m54hc and m54hct families overview m54hcxxx, m54hctxxx 6/37 docid17367 rev 4 m54hc191 rad-hard 4-bit synchronous binary up/down counter 50 krad (si) escc y 9204/066 flat-16 - dil-16 2.0 6.0 0 to v cc - -55 c to 125 c m54hc193 rad-hard synchronous up/down binary counter y 9204/065 flat-16 - dil-16 2.0 6.0 m54hc194 rad-hard 4-bit pipo shift register - 9306/047 flat-16 - dil-16 2.0 6.0 4 shift modes m54hc237 rad-hard 3-to-8 line decoder latch y 9205/021 flat-16 - dil-16 2.0 6.0 - m54hc240 rad-hard octal bus buffer 3-state inverter y 9401/034 flat-20 - dil-20 2.0 6.0 independent enables ttl compatible m54hct240 rad-hard octal bus buffer 3-state inverter y 9401/045 flat-20 - dil-20 4.5 5.5 - m54hc244 rad-hard octal bus buffer 3-state y 9401/048 flat-20 - dil-20 2.0 6.0 inverted enables m54hct244 rad-hard octal bus buffer 3-state y 9402/009 flat-20 - dil-20 4.5 5.5 inverted enables ttl compatible m54hc245 rad-hard octal bus transceiver 3-state y 9405/013 flat-20 - dil-20 2.0 6.0 - m54hct245 rad-hard octal bus transceiver 3-state y 9405/014 flat-20 - dil-20 4.5 5.5 ttl compatible m54hc251 rad-hard 8-channel multiplexer 3-state - 9408/048 flat-16 - dil-16 2.0 6.0 - m54hc257 rad-hard quad 2-channel multiplexer 3-state y 9408/047 flat-16 2.0 6.0 m54hc259 rad-hard 8-bit addressable latch - 9203/073 flat-16 - dil-16 2.0 6.0 table 1. device summary (continued) part number description radiation level agency qualification eppl escc specification package v cc v in range other features temp. range min. max. m54hcxxx, m54hctxxx m54hc and m54hct families overview docid17367 rev 4 7/37 m54hc273 rad-hard octal d-type flip-flop with clear 50 krad (si) escc y 9203/053 flat-20 - dil-20 2.0 6.0 0 to v cc - -55 c to 125 c m54hc283 rad-hard 4-bit binary full adder y 9202/075 flat-16 - dil-16 2.0 6.0 m54hc367 rad-hard hex bus buffer 3-state - 9401/044 flat-16 - dil-16 2.0 6.0 independent enables m54hc373 rad-hard octal d-type latch 3-state y 9203/059 flat-20 - dil-20 2.0 6.0 - m54hct373 rad-hard octal d-type latch 3-state y 9203/064 flat-20 - dil-20 4.5 5.5 ttl compatible m54hc374 rad-hard octal d-type flip-flop 3-state y 9203/060 flat-20 - dil-20 2.0 6.0 - m54hc393 rad-hard dual binary counter - 9204/074 flat-14 - dil-14 2.0 6.0 m54hc540 rad-hard octal bus buffer 3-state inverter y 9401/049 flat-20 - dil-20 2.0 6.0 m54hc541 rad-hard octal bus buffer 3-state y 9401/047 flat-20 - dil-20 2.0 6.0 non inverted enables m54hc573 rad-hard octal d-type latch 3-state y 9202/072 flat-20 - dil-20 2.0 6.0 through chip pinout m54hc574 rad-hard octal d-type flip-flop 3-state y 9203/054 flat-20 - dil-20 2.0 6.0 through chip pinout m54hc590 rad-hard 8 bit binary counter register 3-state y 9204/071 flat-16 - dil-16 2.0 6.0 - m54hc595 rad-hard 8 bit shift register output latch 3-state y 9306/051 flat-16 - dil-16 2.0 6.0 m54hc597 rad-hard 8 bit latch/shift register y 9306/054 flat-16 - dil-16 2.0 6.0 table 1. device summary (continued) part number description radiation level agency qualification eppl escc specification package v cc v in range other features temp. range min. max. m54hc and m54hct families overview m54hcxxx, m54hctxxx 8/37 docid17367 rev 4 note: contact st sales office fo r information about the specific conditions for other 54hc or 54hct part numbers and for product s in die form. m54hc688 rad-hard 8 bit equality comparator 50 krad (si) escc y 9209/005 flat-20 - dil-20 2.0 6.0 0 to v cc - -55 c to 125 c m54hc4020 rad-hard 14-stage binary counter - 9204/070 flat-16 - dil-16 2.0 6.0 m54hc4040 rad-hard 12-stage binary counter y 9204/069 flat-16 - dil-16 2.0 6.0 m54hc4049 rad-hard hex buffer/converter inverter y 9401/037 flat-16 - dil-16 2.0 6.0 m54hc4050 rad-hard hex buffer/converter y 9401/038 flat-16 - dil-16 2.0 6.0 m54hc4051 rad-hard single 8-channel analog mux/demux - 9408/064 flat-16 - dil-16 2.0 6.0 m54hc4053 rad-hard triple 2-channel analog mux/demux - 9408/065 flat-16 - dil-16 2.0 6.0 m54hc4060 rad-hard 14-stage binary counter/oscillator - 9204/076 flat-16 - dil-16 2.0 6.0 m54hc4066 rad-hard quad bilateral switch - 9408/052 flat-14 - dil-14 2.0 6.0 m54hc4078 rad-hard 8-input nor/or gate - 9201/123 flat-14 - dil-14 2.0 6.0 m54hc4094 rad-hard 8-bit sipo shift register 3-state - 9306/050 flat-16 - dil-16 2.0 6.0 m54hc4514 rad-hard 4-to-16 line decoder latch - 9205/019 flat-24 - dil-24 2.0 6.0 table 1. device summary (continued) part number description radiation level agency qualification eppl escc specification package v cc v in range other features temp. range min. max. docid17367 rev 4 9/37 m54hcxxx, m54hctxxx input and output equivalent circuit diagram 37 2 input and output equivalent circuit diagram figure 1. input and output equivalent circuit diagram 1. for the 54hc4049 input equivalent circ uit, there is no diode connected to v cc . , q s x w 9 & |