Part Number Hot Search : 
X9221AWS FQP16N15 MS8GE LPQ152 13000 CPH3104 CDRH73 JDH2S01T
Product Description
Full Text Search
 

To Download CDBT-54S-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s m a l l s i g n a l s c h o t t k y d i o d e s reverse v oltage: 30 v olts forward current: 200 ma rohs device page 1 rev :c circuit diagram cdbt -54/s/c/a-g maximum ratings and electrical characteristics (at t a=25c unless otherwise noted) qw -ba002 comchip t echnology co., l td. repetitive peak reverse voltage reverse voltage forward current peak surge forward current power dissipation maximum forward voltage maximum reverse current maximum reverse recovery time maximum diode capacitance maximum junction temperature storage temperature units symbol parameter v rrm v r i f i fsm p d v f i r t rr c j t j t stg cdbt -54-g 1 2 3 cdbt -54s-g 1 2 3 cdbt -54c-g 1 2 3 cdbt -54a-g 1 2 3 conditions v alue t<1.0 sec @i f =0.1ma @i f =1ma @i f =10ma @i f =30ma @i f =100ma @v r =25v i f =i r =10ma, r l =100 v r =1v , f=1.0mhz 30 30 200 600 225 0.24 0.32 0.40 0.50 1.00 2 5 10 125 -55 to +125 v v ma ma mw v a ns pf c c company reserves the right to improve product design , functions and reliability without notice. d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) s o t - 2 3 3 1 2 0.122(3.10) 0.106(2.70) 0.055(1.40) 0.047(1.19) 0.083(2.10) 0.067(1.70) 0.045(1.15) 0.035(0.90) 0.020(0.51) 0.014(0.35) 0.010(0.25) 0.003(0.08) 0.1 18(3.00) 0.083(2.10) 0.005(0.13)max 0.012(0.30) 0.020(0.50) features -design for mounting on small surface. -high speed switching application, circuit protection. -low forward voltage drop. mechanical data -case: sot -23, molded plastic. -t erminals: solderable per mil-std-750, method 2026. -approx. weight: 0.008 grams -packing 3,000 pieces per 7 reel.
qw -ba002 ra ting and characteristic cur ves (cdbt -54/s/c/a-g) forward voltage, (v) 1.0 0.6 0.4 0.8 0 fig.1- forward characteristics 0.1 1 10 100 1000 f o r w a r d c u r r e n t , ( m a ) reverse voltage, (v) 0 fig.2- reverse characteristics 0.001 0.01 0.1 1 100 20 reverse voltage, (v) 0 fig.3- capacitance between terminals characteristics 0 2 4 8 10 15 30 ambient temperature, ( c ) fig.4- power derating curve 0 200 400 comchip t echnology co., l td. page 2 rev :c 30 50 6 0 100 175 0.2 10 40 100 10 25 50 75 150 125 300 s m a l l s i g n a l s c h o t t k y d i o d e s 10 o t a =125 c o t a =0 c o t a =25 c o t a =75 c 5 25 20 o t j =25 c f=1mhz mounted on glass epoxy pcbs o t a =125 c o t a =-25 c o t a =0 c o t a =25 c o t a =75 c 12 14 r e v e r s e c u r r e n t , ( a ) p o w e r d i s s i p a t i o n , ( m w ) c a p a c i t a n c e b e t w e e n t e r m i n a l s , ( p f ) company reserves the right to improve product design , functions and reliability without notice.
page 3 rev :c comchip t echnology co., l td. qw -ba002 smd esd protection diode reel t aping specification xxx b c d d d 2 d 1 s o t - 2 3 s y m b o l a ( m m ) ( i n c h ) 2 . 1 4 2 0 . 0 3 9 4 . 0 0 0 . 1 0 1 . 5 0 + 0 . 1 0 5 4 . 4 0 1 . 0 0 1 3 . 0 0 1 . 0 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 1 7 8 2 . 0 0 0 . 0 5 9 0 . 0 0 4 + 7 . 0 0 8 0 . 0 7 9 0 . 5 1 2 0 . 0 3 9 s y m b o l ( m m ) ( i n c h ) 0 . 0 . 0 0 4 1 5 7 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 3 . 5 0 0 . 1 0 0 . 1 3 8 0 . 0 0 4 s o t - 2 3 3 . 1 5 0 . 1 0 0 . 1 2 4 0 . 0 0 4 2 . 7 7 0 . 1 0 0 . 1 0 9 0 . 0 0 4 1 . 2 2 0 . 1 0 0 . 0 4 8 0 . 0 0 4 1 2 . 3 0 1 . 0 0 . 4 8 4 0 . 0 3 9 8 . 0 0 0 . 3 0 / + C 0 . 1 0 0 . 3 1 5 0 . 0 1 2 / + C 0 . 0 0 4 d f e b p 1 p 0 o 1 2 0 d 1 d 2 d w 1 company reserves the right to improve product design , functions and reliability without notice.
page 4 rev :c comchip t echnology co., l td. qw -ba002 smd esd protection diode standard packaging c a s e t y p e 3 , 0 0 0 r e e l ( p c s ) reel size (inch) 7 r e e l p a c k s o t - 2 3 suggested p ad layout company reserves the right to improve product design , functions and reliability without notice. a c b d e size (inch) 0.031 (mm) 0.80 1.90 2.02 0.075 0.080 sot -23 2.82 0.1 1 1 a b c d 0.80 0.031 e marking code 3 1 2 xxx m ? or ?? or C :t raceablity code product marking code : month code xx x part number cdbt - 54-g marking code cdbt -54a-g cdbt - 54c-g cdbt - 54s-g kl1 kl2 kl3 kl4 month code : e v e n y e a r 1 2 3 4 5 6 e f h j k l o d d y e a r m o n t h j a n f e b w e r a p r m a y j u n ( p e r a . d . ) ( p e r a . d . ) e v e n y e a r 7 8 9 t v c n p u x y z o d d y e a r m o n t h j u l a u g s e p o c t n o v d e c ( p e r a . d . ) ( p e r a . d . ) jv3 m b6 m 5c m ld3 m


▲Up To Search▲   

 
Price & Availability of CDBT-54S-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X