Part Number Hot Search : 
103SHCBE H11N1TVM 74LS14N TGA1055 CX06B227 E100A 683ML KT933
Product Description
Full Text Search
 

To Download TFS1220N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfs 1220n.doc version 2.1 16.12.2013 vectron international filter specification tfs 1220 n 1/5 vectron international gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@vectron.com vectron international gmbh reserves the right to ma ke changes to the product(s) and/or information con tained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information. measurement condition ambient temperature: 22 c input power level: 0 dbm terminating impedance: input: 50  output: 50  characteristics remark: the maximum attenuation in the pass band is defined as the insertion loss a e . the nominal frequency f n is fixed at 1220.0 mhz without any tolerance or li mit. the values of absolute attenuation a abs are guaranteed for the whole operating temperature range. the frequency shift of the filter in the op erating temperature range is included in the production tol erance scheme. d a t a typ. value tolerance / limit insertion loss a e 3.8 db max. 8.0 db nominal frequency f n 1220.0 mhz passband passband ripple 0.2 db f n max. 100 1.5 khz db absolute attenuation a abs 0.3 mhz ... 1180 mhz 53 db min. 45 db 1180 mhz ... 1200 mhz 45 db min. 30 db 1200 mhz ... 1207 mhz 43 db min. 16 db 1207 mhz ... 1209 mhz 40 db min. 9 db 1231 mhz ... 1233 mhz 24 db min. 9 db 1233 mhz ... 1242 mhz 32 db min. 16 db 1242 mhz ... 1400 mhz 50 db min. 45 db 1400 mhz ... 1700 mhz 46 db min. 40 db 1700 mhz ... 2000 mhz 41 db min. 35 db group delay ripple within pb 10 ns max. 100 ns operating temperature range otr -55 c ? +100 c storage temperature range -55 c ... +100 c temperature coefficient of frequency tc f * -36 ppm/k - input power level - max. 10 dbm *) ? fc(hz) = t c f (ppm/k) x (t-t a ) x f cat (mhz) generated: checked / approved:
filename: tfs 1220n.doc version 2.1 16.12.2013 vectron international filter specification tfs 1220 n 2/5 vectron international gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@vectron.com vectron international gmbh reserves the right to ma ke changes to the product(s) and/or information con tained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information. filter characteristic filter characteristic construction and pin connection (all dimensions in mm) 1 2 3 4 5 6 1,2 max. 0,6 0,75 3 ,0 +/-0,15 0,6 0,30x0,30 1 3 6 4 date code 50  test circuit l1 saw l2 2 5 1, 3, 4, 6 c20n d50 1 ground 2 input 3 ground 4 ground 5 output 6 ground date code: year + week d 2013 e 2014 f 2015 ... 0 200 400 600 800 1000 1200 1400 1600 1800 2000 -70 -63 -56 -49 -42 -35 -28 -21 -14 -7 0 frequency in mhz magnitude in db 1210 1212 1214 1216 1218 1220 1222 1224 1226 1228 1230 -20 -18 -16 -14 -12 -10 -8 -6 -4 -2 0 frequency in mhz magnitude in db
filename: tfs 1220n.doc version 2.1 16.12.2013 vectron international filter specification tfs 1220 n 3/5 vectron international gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@vectron.com vectron international gmbh reserves the right to ma ke changes to the product(s) and/or information con tained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information. stability characteristics, reliability after the following tests the filter shall meet the whole specification: 1. shock: 500g, 1 ms, half sine wave, 3 shocks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0.35 mm or 5 g respe ctively, 1 octave per min, 10 cycles per plane, 3 planes; din iec 68 t2 - 6 3. change of temperature: -55 c to 125c / 15 min. each / 1 00 cycles din iec 68 part 2 ? 14 test n 4. resistance to solder heat (reflow): reflow possible: three ti mes max.; for temperature conditions refer to the attached " air reflow temperature conditions" on page 4; this filter is rohs compliant (2011/65/eu) packing tape & reel: iec 286 ? 3, with exception of value f or n and minimum bending radius; tape type ii, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: 3000 reel of empty components at start: min. 300 mm reel of empty components at start including leader : min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao pull off direction pin marker typ date code ko t a c n w 1 w 2 the minimum bending radius is 45 mm. tape (all dimensions in mm) w : 8,00 0,3 po : 4,00 0,1 do : 1,50 +0,1/-0 e : 1,75 0,1 f : 3,50 0,05 g(min) : 0,75 p2 : 2,00 0,05 p1 : 4,00 0,1 d1(min) : 1,50 ao : 3,25 0,1 bo : 3,25 0,1 ct : 5,3 0,1 reel (all dimensions in mm) a : 180 w1 : 8,4 +1,5/-0 w2(max) : 14,4 n(min) : 60 c : 13,0 0,2
filename: tfs 1220n.doc version 2.1 16.12.2013 vectron international filter specification tfs 1220 n 4/5 vectron international gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@vectron.com vectron international gmbh reserves the right to ma ke changes to the product(s) and/or information con tained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information. air reflow temperature conditions conditions exposure average ramp-up rate (30c to 217c) less than 3c/ second > 100c between 300 and 600 seconds > 150c between 240 and 500 seconds > 217c between 30 and 150 seconds peak temperature max. 260c time within 5c of actual peak temperature between 10 and 30 seconds cool-down rate (peak to 50c) less than 6c/second time from 30c to peak temperature no greater than 300 seconds temperature / c time / s max. 260 c 217c 10 ... 30 s 30 ... 150 s max. 300 s chip-mount air reflow profile
filename: tfs 1220n.doc version 2.1 16.12.2013 vectron international filter specification tfs 1220 n 5/5 vectron international gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@vectron.com vectron international gmbh reserves the right to ma ke changes to the product(s) and/or information con tained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information. history version reason of changes name date 1.0 generation of filter specification. sch?nbein 18.01.2013 2.0 otr and storage temperature range extended to - 55c ? +100c. sch?nbein 11.06.2013 pass band width reduced from +/-1mhz to +/-100khz. reliability section updated. 2.1 generation of filter specification. sch?nbein 16.12.2013


▲Up To Search▲   

 
Price & Availability of TFS1220N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X