Part Number Hot Search : 
2SK27 MMSZ5233 9560A MMSZ4699 6424U X1341 1990715 1210B
Product Description
Full Text Search
 

To Download SBT10120LFCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p s bt 1 0120lfct may 5,2015 - rev.00 page 1 ultra low vf schottky barrier rectifier voltage 12 0 v current 1 0 a f eatures ? ideal for automated placement ? ultra low forward voltage drop, low power loss ? high efficiency operation ? low thermal resistance ? lead free in compliance with e u rohs 2011/65/eu directive mechanical data ? case: molded plastic, ito - 220ab ? terminals: solder plated, solderable per mil - std - 750,method 2026 ? approx. weight: 0.0 56 ounces, 1. 6 grams ? marking: part number note : 1. device mounted on a infinite heatsink , then measured the center of the marking side. maximum r atings and electrical characteristics ( t a =25 o c unless otherwise noted) parameter symbol limit unit maximum repetitive peak reverse voltage v rrm 12 0 v maximum rms voltage v rm s 84 v maximum dc blocking voltage v r 12 0 v maximum average forward rectified current per diode per device i f(av) 5 1 0 a peak forward surge current : 8.3ms single half sine - wave
superimposed on rated load per diode i fsm 8 0 a typical thermal resistance per diode (note 1) r j c 9 o c /w operating junction temperature range t j - 55 to +150 o c storage temperature range t stg - 55 to +150 o c 0 . 1 1 2 ( 2 . 8 5 ) 0 . 1 0 0 ( 2 . 5 5 ) 0.406(10.3) 0.381(9.7) 0.134(3.4) 0.118(3.0) 0.055(1.4) 0.039(1.0) 0.055(1.4) 0.039(1.0) 0.028(0.7) 0.019(0.5) 0.100(2.55) 0.100(2.55) 0 . 2 7 2 ( 6 . 9 ) 0 . 2 4 8 ( 6 . 3 ) 0 . 6 0 6 ( 1 5 . 4 ) 0 . 5 8 3 ( 1 4 . 8 ) 0.189(4.8) 0.165(4.2) 0.130(3.3) 0.114(2.9) 0.114(2.9) 0.098(2.5) 0.027(0.67) 0.022(0.57) 0 . 1 7 7 ( 4 . 5 ) 0 . 1 3 7 ( 3 . 5 ) 0 . 5 4 3 ( 1 3 . 8 ) 0 . 5 1 2 ( 1 3 . 0 ) 0 . 1 2 8 ( 3 . 2 5 ) m i n .
p s bt 1 0120lfct may 5,2015-rev.00 page 2 electrical characteristics (t a =25 o c unless otherwise noted) parameter symbol test condition min. typ. max. units breakdown voltage per diode v br i r =0. 5ma t j =25 o c 12 0 - - v instantaneous forward voltage per diode v f i f =1a i f = 2 a i f = 5 a t j =25 o c - - - 0.6 0.68 0. 7 8 - - 0. 8 3 v i f =1a i f = 2 a t j =125 o c - - 0.49 0. 5 6 - - v reverse current per diode i r v r = 9 6 v t j =25 o c - 0. 7 - ? ? ? 0 1 2 3 4 5 6 0 25 50 75 100 125 150 t c , case temperature ( c) i f , forward current (a) 0.1 1 10 100 1000 10000 10 20 30 40 50 60 70 80 90 100 i r , reverse current ( m a) percent of rated peak reverse voltage (%) t j = 25 c t j = 75 c t j = 125 c t j = 150 c fig.3 typical reverse characteristics fig.4 typical forward characteristics fig.1 forward current derating curve fig.2 typical junction capacitance 1 10 100 1000 1 10 100 c j , junction capacitance (pf) v r , reverse bias voltage (v) 0.1 1 10 0 0.2 0.4 0.6 0.8 1 i f , forward current (a) v f , forward voltage (v) t j = 150 c t j = 125 c t j = 25 c t j = 75 c per diode per diode per diode per diode
p s bt 1 0120lfct may 5,2015 - rev.00 page 3 part no_packing code_version s b t 1 0120 l f ct_t0_00001 s b t 1 0120 l f ct_t0_10001 for example : r b500v - 40 _ r2 _ 00 0 01 B serial number B B version co de means hf part no. B packing size code means 13" B packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs
1 st code 2 nd ~5 th code tape and ammunition box
(t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing
(b/p) b 13" 2 tube packing
(t/p) t 26mm x tape and reel (right oriented)
(trr) s 52mm y tape and reel (left oriented)
(trl) l panasert t/b cathode up
(pbcu) u forming f panasert t/b cathode down
(pbcd) d
p s bt 1 0120lfct may 5,2015 - rev.00 page 4 disclaimer reproducing and modifying information of the document is prohibited without permission from panjit international inc.. panjit international inc. reserves the rights to make changes o f the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidental ly and consequentially occurred. panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non - infringement and merchantability. applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without furth er testing or modification. the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life - saving or life - sustaining, such as medical instrumen ts, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. since panjit uses lot number as the tracking base, please provide t he lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of SBT10120LFCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X