Part Number Hot Search : 
SC620EVB 7808P BL303 ACTZTTCC DDF11 P8204NL H836912 IS202
Product Description
Full Text Search
 

To Download PSMAD100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wall industries, inc. rev c PSMAD100 series 100 watt, medical ac/dc power supplies 05/22/2013 wall industries, inc. ? 5 watson brook road, exeter , nh 03833 ? tel: 6037782300 ? toll free: 888597 9255 ? fax 6037789797 website: www.wallindustries.com ? email: sales@wal lindustries.com page 1 of 8 features protection type class i and class ii active power factor correction 2 x 3 inch footprint low leakage current under 75a high efficiency up to 92% adjustable output voltage builtin emi filter 5000m operating altitude 100 watts maximum output power 4000vac input to output 2 mopp insulation 85~264 vac (120~370 vdc) input voltage range 25c to +80c operating temperature range over voltage, over load, and short circuit protecti on low standby power consumption under 0.3w compliant to rohs eu directive 2011/65/eu ce mark meets 2006/95/ec, 2011/95/ec, & 2004/108/ec ansi/aami es606011, en606011, and iec606011 3rd e dition medical approvals open frame, uchassis, enclosed case, & din rail me chanical options available description open frame (suffix o) size: 3.00 x 2.00 x 1.16 inches uchassis (suffix u) size: 3.60 x 2.44 x 1.54 inches enclosed case (suffix c) size: 3.60 x 2.44 x 1.54 inches the PSMAD100 series of ac/dc medical power supplies provides 100 watts of output power in a compact 2 x 3 inch footprint. these supplies feature a universal 8526 4vac (120~370 vdc) input, enabling them to be used anywhere in the world. the off load power draw is less than 0.3 wat ts, which complies with many energysaving initiati ves. 12v, 15v, 24v, 28v, 36v, and 48vdc single output voltages are avai lable for this series, all of which have a 10% adj ustment range. these supplies also feature a low leakage current of less than 75a at 264vac and are designed to withstand 4000vac, input to output. the PSMAD100 series has an operating temper ature range of 25c to +80c, active power factor correction, and a high efficiency up to 92%. these supplies are also protected against short circuit, over voltage, and over current conditions. the PSMAD100 series has ansi/aami es606011, en6060 11, and iec606011 3rd edition medical safety appr ovals, are ce marked, and meet the conducted and radiated emi req uirements of en55011, en55022 and fcc part 18. open frame, u chassis, enclosed case, and din rail mechanical opt ions are available. class i and class ii protection types are also available. model selection table model number (1) input voltage range output voltage output current ripple & noise output power efficiency package type PSMAD10012so 12 vdc 8.33 a 120mvpp 100w 91% PSMAD10015so 15 vdc 6.67 a 150mvpp 100w 92% PSMAD10024so 24 vdc 4.17 a 160mvpp 100w 92% PSMAD10028so 28 vdc 3.57 a 180mvpp 100w 92% PSMAD10036so 36 vdc 2.78 a 190mvpp 100w 91% PSMAD10048so 85 264 vac (120 370 vdc) 48 vdc 2.08 a 340mvpp 100w 91% open frame PSMAD10012su 12 vdc 8.33 a 120mvpp 100w 90% PSMAD10015su 15 vdc 6.67 a 150mvpp 100w 90% PSMAD10024su 24 vdc 4.17 a 240mvpp 100w 90% PSMAD10028su 28 vdc 3.57 a 280mvpp 100w 91% PSMAD10036su 36 vdc 2.78 a 360mvpp 100w 91% PSMAD10048su 85 264 vac (120 370 vdc) 48 vdc 2.08 a 480mvpp 100w 91% uchassis PSMAD10012sc 12 vdc 8.33 a 120mvpp 100w 90% PSMAD10015sc 15 vdc 6.67 a 150mvpp 100w 90% PSMAD10024sc 24 vdc 4.17 a 240mvpp 100w 90% PSMAD10028sc 28 vdc 3.57 a 280mvpp 100w 91% PSMAD10036sc 36 vdc 2.78 a 360mvpp 100w 91% PSMAD10048sc 85 264 vac (120 370 vdc) 48 vdc 2.08 a 480mvpp 100w 91% enclosed case PSMAD10012sd 12 vdc 8.33 a 120mvpp 100w 90% PSMAD10015sd 15 vdc 6.67 a 150mvpp 100w 90% PSMAD10024sd 24 vdc 4.17 a 240mvpp 100w 90% PSMAD10028sd 28 vdc 3.57 a 280mvpp 100w 91% PSMAD10036sd 36 vdc 2.78 a 360mvpp 100w 91% PSMAD10048sd 85 264 vac (120 370 vdc) 48 vdc 2.08 a 480mvpp 100w 91% din rail notes 1. protection types class i and class ii are availa ble for this series. class i comes standard and for class ii add the suffix b to the model number. see page 3 for model number setup. 2. din rail option is only available for enclosed c ase type models.
wall industries, inc. rev c PSMAD100 series 100 watt, medical ac/dc power supplies 05/22/2013 wall industries, inc. ? 5 watson brook road, exeter , nh 03833 ? tel: 6037782300 ? toll free: 888597 9255 ? fax 6037789797 website: www.wallindustries.com ? email: sales@wal lindustries.com page 2 of 8 specifications: PSMAD100 series all specifications are based on 25c, nominal input voltage, and maximum output current unless otherwi se noted. we reserve the right to change specifications based on technological advances. specification test conditions min typ max unit input specifications ac input 85 264 vac operating input voltage range dc input 120 370 vdc input frequency ac input 47 63 hz 115vac and full load 1.15 input current 230vac and full load 0.55 a no load input power 230vac 0.3 w input inrush current 230vac 60 a power factor correction 0.95 input protection internal fuse in line and neutral t3.15a / 250vac output specifications output voltage see table initial set voltage accuracy 230vac and full load 1.0 +1.0 % line regulation low line to high line at full load 0.2 +0.2 % no load to full load 0.5 +0.5 load regulation 10% load to 90% load 0.4 +0.4 % voltage adjustability 10 +10 % output power 100 w output current see table minimum load 0 % with 10f/25v 1206 x7r mlcc capacitor 12v output mo del 120 with 10f/25v 1206 x7r mlcc capacitor 15v output mo del 150 with 1f/50v 1206 x7r mlcc capacitor 24v output mod el 160 with 1f/50v 1206 x7r mlcc capacitor 28v output mod el 180 with 1f/50v 1206 x7r mlcc capacitor 36v output mod el 190 ripple & noise (20mhz bw) with 0.1f/100v 1206 x7r mlcc capacitor 48v output model 340 mvpp peak deviation 3 % vout transient response load step from 50~75% change at 2.5a/s recovery time 500 s startup time 1000 ms rise time 20 ms holdup time 115vac and full load 16 ms temperature coefficient 0.02 +0.02 %/c protection over voltage protection % of vout (nom); latch mode 115 130 % over load protection % of iout rated; hiccup mode 115 150 % short circuit protection continuous, automatic recovery general specifications switching frequency 60 khz input to output 4000 input to fg 1500 isolation voltage 1 minute (2mopp insulation) output to fg 1500 vac isolation resistance 500vdc 0.1 g leakage current 264vac 75 a
wall industries, inc. rev c PSMAD100 series 100 watt, medical ac/dc power supplies 05/22/2013 wall industries, inc. ? 5 watson brook road, exeter , nh 03833 ? tel: 6037782300 ? toll free: 888597 9255 ? fax 6037789797 website: www.wallindustries.com ? email: sales@wal lindustries.com page 3 of 8 specifications: PSMAD100 series all specifications are based on 25c, nominal input voltage, and maximum output current unless otherwi se noted. we reserve the right to change specifications based on technological advances. specification test conditions min typ max unit environmental specifications operating ambient temperature convection cooled: 10 0w (with derating) 25 +80 c storage temperature range 40 +85 c operating altitude 5000 meters thermal shock iec68227 vibration iec6826 relative humidity noncondensing 5 90 % rh bellcore trnwt000332 case 1: 50% stress, ta=40c 1,919,000 hours mtbf milhdbk217f, ta=25c, full load (g/b, controlled environment) 276,000 hours physical specifications open frame models (suffix o) 5.50oz (156g) uchassis models (suffix u) 6.84oz (194g) weight enclosed case models (suffix c) 7.41oz (210g) open frame models (suffix o) 3.00 x 2.00 x 1.16 in (76.2 x 50.8 x 29.5 mm) uchassis models (suffix u) 3.60 x 2.44 x 1.54 in (91.4 x 62.0 x 39.2 mm) dimensions (l x w x h) enclosed case models (suffix c) 3.60 x 2.44 x 1.54 in (91.4 x 62.0 x 39.2 mm) safety & emc safety approvals ansi/aami es606011, iec606011, and en606011 3rd edition conducted class b emi radiated en55011, en 55022 and fcc part 18 class a harmonic currents en6100032 full load class a and class d voltage flicker en6100033 esd en6100042 air8kv and contact 6kv perf. criteria a radiated immunity en6100043 10 v/m perf. criteria a fast transient en6100044 2kv perf. criteria a surge en6100045 2kv perf. criteria a conducted immunity en6100046 10 vrms perf. criteria a 30% 500ms perf. criteria a 60% 100ms perf. criteria a >95% 10ms perf. criteria a en6060112 230vac 50hz >95% 5000ms perf. criteria b 30% 500ms perf. criteria a 60% 100ms perf. criteria b >95% 10ms perf. criteria a dip and interruptions en6060112 100vac 50hz >95% 5000ms perf. criteria b model number setup psmad 100 12 s o b series name output power ouptut voltage output quantity package type protection type 100: 100 watts 12: 12 vdc s: single output o: open frame none: class i 15: 15 vdc u: uchassis b: class ii 24: 24 vdc c: enclosed case 28: 28 vdc d: din rail (1) 36: 36 vdc 48: 48 vdc (1) din rail option is only available for enclosed case models.
wall industries, inc. rev c PSMAD100 series 100 watt, medical ac/dc power supplies 05/22/2013 wall industries, inc. ? 5 watson brook road, exeter , nh 03833 ? tel: 6037782300 ? toll free: 888597 9255 ? fax 6037789797 website: www.wallindustries.com ? email: sales@wal lindustries.com page 4 of 8 characteristic curves derating curve vs ambient temperature derating cur ve vs input voltage 0 20 40 60 80 100 120 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 ambient temperature (c) output power (%) natural convection 0 20 40 60 80 100 120 85 90 95 100 105 110 115 264 output power (%) input voltage (vac) efficiency vs input voltage efficiency vs output l oad 80 82 84 86 88 90 92 85 90 110 130 150 170 190 210 230 250 264 efficiency (%) iout = 100% f.l. iout = 50% f.l. input voltage (vac) 82 84 86 88 90 92 94 10 20 30 40 50 60 70 80 90 100 % of full load efficiency (%) vin = 115vac vin = 230vac mechanical drawing open frame models (suffix o) 3.00 (76.2) 2.750 (69.80) 1.750 (44.45) con1 13 con2 41 2.00 (50.8) voltage adj. ?0.13 (?3.2) top view front view side view 0.06 (1.6) 1.16 (29.5) 0.10 (2.5) max. con 1 - input connector pin 1 line pin 3 neutral mates with jst housing vhr-3n and jst series svh-21t-p1.1 crimp terminals con 2 - output connector pins 1, 2 -vout pins 3, 4 +vout mates with jst housing vhr-4n and jst series svh-21t-p1.1 crimp terminals mounting holes marked with must be connected to safety earth notes 1. unit: inches (mm) 2. tolerance: x.xx0.02 (x.x0.5) x.xxx0.01 (x.xx0.25) 3. pin pitch tolerance: 0.01 (0.25) 4. pin dimension tolerance: 0.004 (0.1) 5. m3x0.5 screw locked torque max 5kgf.cm/0.49n.m 6. all dimensions are for reference only
wall industries, inc. rev c PSMAD100 series 100 watt, medical ac/dc power supplies 05/22/2013 wall industries, inc. ? 5 watson brook road, exeter , nh 03833 ? tel: 6037782300 ? toll free: 888597 9255 ? fax 6037789797 website: www.wallindustries.com ? email: sales@wal lindustries.com page 5 of 8 mechanical drawing uchassis models (suffix u) 13 41 voltage adj. con1 con2 3.00 (76.2) 3.324 (84.44) 3.60 (91.4) top view front view side view 4-m3x0.5 note 5 hole for setup 1.607 (40.82) 2.44 (62.0) 0.05 (1.2) 1.54 (39.2) 3.031 (76.99) 2.748 (69.8) 0.43 (10.8) 0.28 (7.2) 1.260 (32.00) 1.750 (44.45) 0.35 (8.8) 0.59 (15.0) bottom view 4 - m3x0.5 note 5 screw for setup 4 - m3x0.5 note 5 screw for setup notes 1. unit: inches (mm) 2. tolerance: x.xx0.02 (x.x0.5) x.xxx0.01 (x.xx0.25) 3. pin pitch tolerance: 0.01 (0.25) 4. pin dimension tolerance: 0.004 (0.1) 5. m3x0.5 screw locked torque max 5kgf.cm/0.49n.m 6. con1 and con2 screw locked torque max 2kgf.cm/0.2n.m 7. con1 and con2 wire dimensions range 26~16awg 8. all dimensions are for reference only con 1 - input connector pin 1 line pin 3 neutral mates with jst housing vhr-3n and jst series svh-21t-p1.1 crimp terminals con 2 - output connector pins 1, 2 -vout pins 3, 4 +vout mates with jst housing vhr-4n and jst series svh-21t-p1.1 crimp terminals mounting holes marked with must be connected to safety earth
wall industries, inc. rev c PSMAD100 series 100 watt, medical ac/dc power supplies 05/22/2013 wall industries, inc. ? 5 watson brook road, exeter , nh 03833 ? tel: 6037782300 ? toll free: 888597 9255 ? fax 6037789797 website: www.wallindustries.com ? email: sales@wal lindustries.com page 6 of 8 mechanical drawing enclosed case models (suffix c) con1 13 41 con2 1.607 (40.82) 2.44 (62.0) 3.00 (76.2) 3.324 (84.44) 3.60 (91.4) top view 4-m3x0.5 note 5 hole for setup front view side view 0.05 (1.2) 1.54 (39.2) 0.43 (10.8) 0.28 (7.2) 3.031 (76.99) 2.748 (69.8) 4-m3x0.5 note 5 hole for setup 4-m3x0.5 note 5 hole for setup bottom view 0.35 (8.8) 0.59 (15.0) 1.260 (32.00) 1.750 (44.45) notes 1. unit: inches (mm) 2. tolerance: x.xx0.02 (x.x0.5) x.xxx0.01 (x.xx0.25) 3. pin pitch tolerance: 0.01 (0.25) 4. pin dimension tolerance: 0.004 (0.1) 5. m3x0.5 screw locked torque max 5kgf.cm/0.49n.m 6. con1 and con2 screw locked torque max 2kgf.cm/0.2n.m 7. con1 and con2 wire dimensions range 26~16awg 8. all dimensions are for reference only con 1 - input connector pin 1 line pin 3 neutral mates with jst housing vhr-3n and jst series svh-21t-p1.1 crimp terminals con 2 - output connector pins 1, 2 -vout pins 3, 4 +vout mates with jst housing vhr-4n and jst series svh-21t-p1.1 crimp terminals mounting holes marked with must be connected to safety earth
wall industries, inc. rev c PSMAD100 series 100 watt, medical ac/dc power supplies 05/22/2013 wall industries, inc. ? 5 watson brook road, exeter , nh 03833 ? tel: 6037782300 ? toll free: 888597 9255 ? fax 6037789797 website: www.wallindustries.com ? email: sales@wal lindustries.com page 7 of 8 mechanical drawing din rail models (suffix d) con1 13 41 con2 1.607 (40.82) 2.44 (62.0) 3.00 (76.2) 3.324 (84.44) 3.60 (91.4) top view 4-m3x0.5 note 5 hole for setup front view side view 0.05 (1.2) 1.54 (39.2) 1.77 (45.0) 0.43 (10.8) 0.28 (7.2) 3.031 (76.99) 2.748 (69.8) 1.85 (47.0) 1.14 (29.0) 0.34 (8.5) 4-m3x0.5 note 5 hole for setup 4-m3x0.5 note 5 hole for setup bottom view 0.35 (8.8) 0.59 (15.0) 1.260 (32.00) 1.750 (44.45) notes 1. unit: inches (mm) 2. tolerance: x.xx0.02 (x.x0.5) x.xxx0.01 (x.xx0.25) 3. pin pitch tolerance: 0.01 (0.25) 4. pin dimension tolerance: 0.004 (0.1) 5. m3x0.5 screw locked torque max 5kgf.cm/0.49n.m 6. con1 and con2 screw locked torque max 2kgf.cm/0.2n.m 7. con1 and con2 wire dimensions range 26~16awg 8. din rail option is only available for enclosed case models 9. all dimensions are for reference only con 1 - input connector pin 1 line pin 3 neutral mates with jst housing vhr-3n and jst series svh-21t-p1.1 crimp terminals con 2 - output connector pins 1, 2 -vout pins 3, 4 +vout mates with jst housing vhr-4n and jst series svh-21t-p1.1 crimp terminals mounting holes marked with must be connected to safety earth
wall industries, inc. rev c PSMAD100 series 100 watt, medical ac/dc power supplies 05/22/2013 wall industries, inc. ? 5 watson brook road, exeter , nh 03833 ? tel: 6037782300 ? toll free: 888597 9255 ? fax 6037789797 website: www.wallindustries.com ? email: sales@wal lindustries.com page 8 of 8 company information wall industries, inc. has created custom and modified units for over 50 years. our inhouse research and devel opment engineers will provide a solution that exceeds your perfor mance requirements ontime and on budget. our iso90012 008 certification is just one example of our commitment to producing a high quality, welldocumented product for our customers. our past projects demonstrate our commitment to you, our customer. wall industries, inc. has a reputation f or working closely with its customers to ensure each solution meets or exceeds form, fit and function requirements. we will continue to provide ongoing support for your project above an d beyond the design and production phases. give us a call today to discuss your future projects. contact wall industries for further information: phone:  (603)7782300 toll free:  (888)5979255 fax:  (603)7789797 email: sales@wallindustries.com web: www.wallindustries.com address: 5 watson brook rd. exeter, nh 03833


▲Up To Search▲   

 
Price & Availability of PSMAD100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X