Part Number Hot Search : 
SC187EVB GL480 AGN21009 20A1001 KA2272D TC186 OMA1601 X25045V
Product Description
Full Text Search
 

To Download MAD100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 www.pduke.com 2015/3/16 MAD100 series 2 x 3 inch ac-dc power supplies universal input range up to 100watts features applications low standby power consumption under 0.3 watt wide input voltage range 85 to 264vac, 47 to 63hz active power factor correction built-in emi filter output voltage adjustable open frame dimensions 2.00 x 3.00 x 1.16 inch 4000vac input to output 2mopp insulation protection type class i and class ii low leakage current under 75 a operating altitude 5000m 5 year warranty ansi/aami es60601-1, en60601-1, & iec60601-1 3 rd edition safety approvals ce marked compliant to rohs ii & reach medical equipment 4000vac isolation ocp scp ovp low standby power part number structure m a d 100 u s 12 application package dimension output input output output protection code code power voltage quantity voltage type (w) (vac) (vdc) medical a: open type u: universal s: single 12: 12v n o suffix: class i application u: u chassis type 85 ~ 264vac 15: 15v b: class ii e: enclosed type 24: 24v d: din rail type 28: 28v 36: 36v 48: 48v
MAD100 2 www.pduke.com 2015/3/16 technical specification all specifications are typical at 230vac input, full load and 25 otherwise noted input range output voltage output current natural convection input power no load efficiency model number vac vdc a w % m a d100us12 m u d100us12 m e d100us12 m d d100us12 85 ~ 264 12 8.34 0.3 91 m a d100us15 m u d100us15 m e d100us15 m d d100us15 85 ~ 264 15 6.67 0.3 92 m a d100us24 m u d100us24 m e d100us24 m d d100us24 85 ~ 264 24 4.17 0.3 92 m a d100us28 m u d100us28 m e d100us28 m d d100us28 85 ~ 264 28 3.58 0.3 92 m a d100us36 m u d100us36 m e d100us36 m d d100us36 85 ~ 264 36 2.78 0.3 91 m a d100us48 m u d100us48 m e d100us48 m d d100us48 85 ~ 264 48 2.09 0.3 91 input specifications parameter conditions min. typ. max. unit operating input voltage range ac input dc input 85 120 264 370 vac vdc input frequency ac input 47 63 hz input current 115vac and full load 230vac and full load 1.15 0.55 a no load input power 230vac 0.3 watts leakage current 264vac 75 a power factor 0.95 start up time 1000 ms rise time 20 ms hold up time 115vac and full load 16 ms input inrush current 230vac 60 a input protection internal fuse in line and neutral t3.15a/250vac
MAD100 3 www.pduke.com 2015/3/16 output specifications parameter conditions min. typ. max. unit output power 100 watts initial set voltage accuracy 230vac and full load -1.0 +1.0 % line regulation low line to high line at full load -0.2 +0.2 % load regulation no load to full load 10% load to 90% load -0.5 -0.4 +0.5 +0.4 % voltage adjustability -10 +10 % minimum load 0 % ripple and noise measured by 20mhz bandwidth with a 10 f/25v 1206 x7r mlcc with a 10 f/25v 1206 x7r mlcc with a 1 f/50v 1206 x7r mlcc with a 1 f/50v 1206 x7r mlcc with a 1 f/50v 1206 x7r mlcc with a 0.1 f/100v 1206 x7r mlcc 12vout 15vout 24vout 28vout 36vout 48vout 120 150 160 180 190 340 mvp-p temperature coefficient -0.02 +0.02 %/ transient response load step form 50 ~ 75% change at 2.5a/ s peak deviation recovery time 500 3 % vout s over voltage protection % of vout(nom); latch mode 115 135 % over load protection % of iout rated; hiccup mode 115 150 % short circuit protection continuous, automatics recovery general specifications parameter conditions min. typ. max. unit isolation voltage 1 minute (2mopp insulation) input to output input (output) to f.g. 4000 1500 vac isolation resistance 500vdc 0.1 g  switching frequency 60 khz safety approvals ansi/aami es60601-1 en60601-1 iec60601-1 weight mad mud med mdd 156g (5.50oz) 194g (6.84oz) 210g (7.41oz) 232g (8.18oz) mtbf mil-hdbk-217f ta=25 , full load 7.903 x 10 5 hrs environmental specifications parameter conditions min. typ. max. unit operating ambient temperature natural convection with derating -25 +85 storage temperature range -40 +85 operating altitude 5000 m thermal shock mil-std-810f shock iec68-2-27 vibration iec68-2-6 relative humidity non-condensing 5% to 95% rh
MAD100 4 www.pduke.com 2015/3/16 emc specifications parameter conditions level emi en55011, en55022 and fcc part 18 conducted radiated class b class a harmonic currents en61000-3-2 full load class a and d voltage flicker en61000-3-3 esd en61000-4-2 air 8kv and contact 6kv perf. criteria a radiated immunity en61000-4-3 20 v/m perf. criteria a fast transient en61000-4-4 2kv perf. criteria a surge en61000-4-5 dm 1kv and cm 2kv perf. criteria a conducted immunity en61000-4-6 20 vr.m.s perf. criteria a power frequency magnetic field en61000-4-8 10 a/m perf. criteria a 230vac 50hz 30% 60% >95% >95% 500ms 100ms 10ms 5000ms perf. criteria a perf. criteria a perf. criteria a perf. criteria b dip and interruptions en60601-1-2 100vac 50hz 30% 60% >95% >95% 500ms 100ms 10ms 5000ms perf. criteria a perf. criteria b perf. criteria a perf. criteria b characteristic curve derating curve vs. ambient temperature med100 & mdd100 derating curve vs. ambient temperature MAD100 & mud100 derating curve vs. input voltage m d100 efficiency vs. output load m d100us24 efficiency vs. input voltage m d100us24
MAD100 5 www.pduke.com 2015/3/16 mechanical drawing m a d open type m d d din rail type m e d enclosed type m u d u chassis type 1. all dimensions in inch (mm) 2. tolerance : x.xx0.02 (x.x0.5) x.xxx0.01 (x.x x0.25) 3. m30.5 screw locked torque max 5kgf.cm/0.49n.m connectors connections con1 C input connector con2 C output connector pin 1 line pin 1,2 -vout pin 3 neutral pin 3,4 +vout mates with jst housing : vhr-3n jst crimp terminals : svh-21t-p1.1 mounting holes marked with must be connected to safety earth for class i application mates with jst housing : vhr-4n jst crimp terminals : svh-21t-p1.1


▲Up To Search▲   

 
Price & Availability of MAD100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X