Part Number Hot Search : 
EP1K50 SMDJ120A XBXXX 2SC40 BU1010 AD5426 NSPW570 BZT03C43
Product Description
Full Text Search
 

To Download ACGRBT202-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s m d g e n e r a l p u r p o s e r e c t i f i e r s glass passivated t ype reverse v oltage: 200 to 1000 v olts forward current: 2.0 amp rohs device page 1 rev :a features - glass passivated cavity-free junction. - lead less chip form, no lead damage. - plastic package has underwriters lammability classification 94v -0. - low forward voltage drop. mechanical data - case: packed with frp substrate and epoxy underfilled. - polarity: cathode band, laser marking. - w eight: 0.04 grams (approx). acgrbt201-hf thru. acgrbt205-hf aqw -jg002 no tes : th erm al r esi sta nce fro m jun ctio n t o a mb ien t a nd fro m jun ctio n t o le ad p .c. b. mo nut ed on 0. 2 0.2 (5 .0* 5.0 mm ) c opp er pad ar eas . comchip t echnology co., l td. absolute maximum ratings (at t a=25c unless otherwise noted) acgrbt 201-hf repetitive peak reverse voltage peak forward surge current, 8.3ms single half sine-wave superimposed on rate load (jedec method) a verage forward current operating junction temperature storage temperature acgrbt 202-hf acgrbt 203-hf acgrbt 204-hf acgrbt 205-hf units symbol parameter v rrm i fsm i f(a v) t j t stg 200 400 50 2.0 -65 to +175 -65 to +175 600 v a a c c 800 1000 company reserves the right to improve product design , functions and reliability without notice. repetitive peak reverse current v ua parameter conditions forward voltage thermal resistance v r =max. v rrm, t a =25c junction to ambient (note) symbol i rrm r ja c j min. typ . max. 5 66 unit i f =2.0a 0.96 1 0.10 junction capacitance v r =4v , f=1.0mh z 14 pf junction to lead (note) r jl 8 c/w - -- - -- - -- v f - -- - -- - -- - -- - -- electrical characteristics (at t a=25c unless otherwise noted) - comply with aec-q101 halogen free d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) 0 . 2 0 9 ( 5 . 3 0 ) 0 . 2 0 1 ( 5 . 1 0 ) 0 . 1 4 6 ( 3 . 7 0 ) 0 . 1 3 8 ( 3 . 5 0 ) 0 . 0 4 9 ( 1 . 2 5 ) 0 . 0 4 1 ( 1 . 0 5 ) 0 . 0 4 9 ( 1 . 2 5 ) 0 . 0 4 1 ( 1 . 0 5 ) 0 . 0 4 1 ( 1 . 0 5 ) 0 . 0 5 3 ( 1 . 3 5 ) r 0 . 0 2 8 ( 0 . 7 1 ) 2 1 1 4 / d o - 2 1 4 a a r 0 . 0 2 7 ( 0 . 6 8 ) 0 . 11 9 ( 3 . 0 1 ) t y p . c i r c u i t d i a g r a m - t erminals: pure t in plated (lead-free), solderable per mil-std-750, method 2026.
aqw -jg002 ra ting and characteristic cur ves (acgrbt201-hf thru. acgrbt205-hf) comchip t echnology co., l td. page 2 rev :a s m d g e n e r a l p u r p o s e r e c t i f i e r s company reserves the right to improve product design , functions and reliability without notice. fig .1 - for w ard current dera ting cur ve fig .3 - typical inst ant aneous for w ard characteristics a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t , ( a ) 2.0 2.5 1.5 1.0 0.5 i i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) 0.10 1.00 10.00 0.01 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 0 25 50 75 100 125 150 175 lead tempera ture , ( c) inst ant aneous for w ard vol t age , ( v ) fig .2 - maximum non - repetitive peak for w ard surge current p e a k f o r w a r d s u r g e c u r r e n t , ( a ) number of cycles a t 60 hz 8.3 ms single half sine - w a ve 0 10 30 50 60 40 1 10 100 percent of ra ted peak reverse vol t age , (%) fig .4 - typical reverse characteristics i n s t a n t a n e o u s r e v e r s e l e a k a g e c u r r e n t , ( u a ) 0.01 0.001 0 20 0.10 1.0 10 100 40 60 80 100 fig .5 - typical junction cap acit ance reverse vol t age , (v) 0.1 j u n c t i o n c a p a c i t a n c e , ( p f ) 200 1.0 10 100 10 100 1 t j =25 c t j =25 c t j =125 c t j =150 c resistive or inductive load 60hz 20
s m d g e n e r a l p u r p o s e r e c t i f i e r s b c d d d 2 d 1 e f p p 0 p 1 s y m b o l w w 1 ( m m ) ( i n c h ) 0 . 1 5 6 0 . 0 0 4 0 . 2 1 9 0 . 0 0 4 0 . 0 5 7 0 . 0 0 4 0 . 0 5 9 0 . 0 0 4 1 2 . 9 9 2 0 . 0 7 9 1 . 9 6 9 m i n . 0 . 5 1 2 0 . 0 2 0 s y m b o l ( m m ) ( i n c h ) 0 . 0 6 9 0 . 0 0 4 0 . 2 1 7 0 . 0 0 2 0 . 3 1 5 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 4 7 2 0 . 0 1 2 0 . 5 6 7 m a x . 3 . 9 5 0 . 1 0 5 . 5 5 0 . 1 0 8 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 5 . 5 0 0 . 0 5 1 . 7 5 0 . 1 0 5 0 . 0 m i n . 1 3 . 0 0 . 5 0 1 . 4 5 0 . 1 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 1 2 . 0 0 0 . 3 0 1 4 . 4 m a x . 3 3 0 2 . 0 0 reel t aping specification o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d 1 d w 1 t c direction of feed i n d e x h o l e d e f b w p p 0 p 1 a a d 2 page 3 aqw -jg002 rev :a comchip t echnology co., l td. company reserves the right to improve product design , functions and reliability without notice. ( d o - 2 1 4 a a ) 2 1 1 4 ( d o - 2 1 4 a a ) 2 1 1 4
s m d g e n e r a l p u r p o s e r e c t i f i e r s page 4 aqw -jg002 rev :a comchip t echnology co., l td. company reserves the right to improve product design , functions and reliability without notice. standard packaging c a s e t y p e 5 , 0 0 0 r e e l ( p c s ) reel size (inch) 1 3 r e e l p a c k 2 1 1 4 / d o - 2 1 4 a a suggested p ad layout a b size (inch) 0.1 18min. (mm) 3.00min. 2.65max. 6.65ref . 0.104max. 0. 26 2 re f . 21 14/do-214aa a b c c marking code 20d part number marking code acgrbt201-hf ACGRBT202-HF acgrbt203-hf 20g 20j acgrbt204-hf 20k acgrbt205-hf 20m bgc .xxx. xxx = product type marking code


▲Up To Search▲   

 
Price & Availability of ACGRBT202-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X