Part Number Hot Search : 
SZ5234B CAT1162 LNA2901L 74AUC1G BPC25 16160 BD46295G IXI848S1
Product Description
Full Text Search
 

To Download PSPSF100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wall industries, inc. rev a PSPSF100 series 96 watt, ac/dc led switching power supplies 08/06/2013 wall industries, inc. ? 37 industrial drive, exeter , nh 03833 ? tel: 603-778-2300 ? toll free: 888-59 7-9255 ? fax 603-778-9797 website: www.wallindustries.com ? e-mail: sales@wal lindustries.com page 1 of 3 features isolation class ii rohs compliant pfc function, pf>0.9 single outputs double layered pcb free air convection up to 90% high efficiency 96 watts maximum output power fully isolated plastic case with ip67 level 90~295vac input voltage range short circuit, over voltage, and over load protecti on constant current (cc) & constant voltage (cv) modes ul8750, iec/en 61347-2-13, & iec/en 61347-1 approva ls led power applications description ip67 e347942 level3 size: 5.66 x 2.79 x 1.48 inches 143.8 x 70.8 x 37.5 mm the PSPSF100 series of ac/dc led switching power s upplies provides a maximum power rating of 96w in a 5.66 x 2.79 x 1.48 fully isolated pl astic case. these supplies meet ip67 waterproof standards, which makes them suitable for harsh envi ronments in industrial or commercial outdoor lighting applications. the PSPSF100 series consists of single output models with an input voltage range of 90-295vac. some features inc lude high efficiency up to 90%, power factor > 0.9, and short circuit, over voltage, and over load protection. the PSPSF100 series has both constant current (cc) and constant voltage (cv ) modes and is suitable for led lighting applications. this series is also rohs compliant an d has ul8750, iec/en 61347-1, and iec/en 61347-2-13 safety approvals. model selection table output current model number input voltage range output voltage (2) min max output power ripple & noise (1) efficiency PSPSF100-24s 24 vdc (15.6~24 vdc) 2.6 a 3.5 a (2.6~4.0 a) 96 w 2.7vp-p 89% PSPSF100-36s 36 vdc (23.4~36 vdc) 1.72 a 2.1 a (1.72~2.65 a) 96 w 5vp-p 90% PSPSF100-48s 48 vdc (31.2~48 vdc) 1.3 a 1.75 a (1.3~2.0 a) 96 w 5vp-p 89% PSPSF100-54s 90 ~ 295 vac 54 vdc (35.1~54 vdc) 1.15 a 1.4 a (1.15~1.77 a) 95.6 w 5vp-p 90% notes 1. measured at 20mhz bandwidth and with 0.1f and 4 7f capacitors in parallel. 2. input voltage = 115vac or 230vac. this is suita ble operation region for led related applications b ut please reconfirm special electrical requirements for some specific system designs. derating curves load vs ambient temperature load vs input voltage 0 20 40 60 80 100 120 -30 -20 0 20 40 60 70 80 load (%) ambient temperature (c) 50% others under 120vac 45 0 20 40 60 100 120 90 120 135 155 230 264 295 load (%) input voltage (vac) 80 ta=25c note: if the output is not connected to leds, the i nput voltage must be greater than 180vac
wall industries, inc. rev a PSPSF100 series 96 watt, ac/dc led switching power supplies 08/06/2013 wall industries, inc. ? 37 industrial drive, exeter , nh 03833 ? tel: 603-778-2300 ? toll free: 888-59 7-9255 ? fax 603-778-9797 website: www.wallindustries.com ? e-mail: sales@wal lindustries.com page 2 of 3 specifications: PSPSF100 series all specifications are based on 25c, nominal input voltage, and maximum output current unless otherwi se noted. we reserve the right to change specifications based on technological advances. specification test conditions min typ max unit input specifications input voltage 90 295 vac input frequency 50/60 hz at 115 vac and full load 1.4 input current at 230 vac and full load 0.7 a inrush current 60 a power factor at 115/230 vac and full load 0.9 output specifications output voltage see table PSPSF100-24s 22 26.5 PSPSF100-36s 33 39.5 PSPSF100-48s 44 51.5 voltage adjustment setup (cv mode) PSPSF100-54s 49 55 vdc PSPSF100-24s 15.6 24 PSPSF100-36s 23.4 36 PSPSF100-48s 31.2 48 constant current operation voltage (cc mode) PSPSF100-54s see note 2 35.1 54 vdc voltage tolerance -10 +10 % PSPSF100-24s 2.6 3.5 4.0 PSPSF100-36s 1.72 2.1 2.65 PSPSF100-48s 1.3 1.75 2.0 preset current (fixed) (cc mode) PSPSF100-54s at 230 vac 1.15 1.4 1.77 a minimum load see table line regulation ll to hl -4 +4 % load regulation min load to max load -5 +5 % output power see table ripple & noise see table temperature coefficient 0~50c -0.02 +0.02 %/c protection short circuit protection auto-recovery over voltage protection zener diode clamp over current protection auto-recovery general specifications efficiency at 230 vac and full load see table isolation voltage input to output 3750 vac leakage current at 240 vac 0.7 ma environmental specifications operating temperature with derating (see derating curve) -30 +70 c storage temperature -40 +85 c humidity 95 % rh cooling free air convection mtbf 25c (mil-hdbk-217f) 450,000 hours physical specifications weight 1.41 lbs (640g) dimensions (l x w x h) 5.66 x 2.79 x 1.48 inches (143.8 x 70.8 x 37.5 mm) safety & emc safety approvals ul8750, iec / en 61347-2-13, iec / en 61347-1 emi (conducted and radiated emissions) en 55015 ems (noise immunity) en61547 harmonic current en61000-3-2 (at full load), en 61000-3-3 surge 2kv (l-n), 4kv (l n C fg)
wall industries, inc. rev a PSPSF100 series 96 watt, ac/dc led switching power supplies 08/06/2013 wall industries, inc. ? 37 industrial drive, exeter , nh 03833 ? tel: 603-778-2300 ? toll free: 888-59 7-9255 ? fax 603-778-9797 website: www.wallindustries.com ? e-mail: sales@wal lindustries.com page 3 of 3 block diagram emi filter & rectifiers power switching o.l.p. pwm control filter & rectifiers detection circuit o.c.p. i/p +v -v mechanical drawing 0.39 (10.0) 6.45 (163.8) 6.06 (153.8) 5.66 (143.8) unit: inches (mm) 11.810.79 (300.020.0) ac/l (brown) ac/n (blue) +v -v (red) (black) 0.13 (3.2) 0.98 (25.0) 0.98 (25.0) 2.79 (70.8) 11.810.79 (300.020.0) 1.48 (37.5) top view tolerance: 0.08 (2mm) company information wall industries, inc. has created custom and modifi ed units for over 50 years. our in-house research a nd development engineers will provide a solution that exceeds your performance requirements on-time and on budget. our iso9001-2008 certificat ion is just one example of our commitment to producing a high quality, well-docume nted product for our customers. our past projects demonstrate our commitment to you , our customer. wall industries, inc. has a reputat ion for working closely with its customers to ensure each solution meets or exceeds form, fit and function requirements. we will continue to provide ongoing support for your project above and beyond the design and production phases. give us a call today to discuss your future projects. contact wall industries for further information: phone:  (603)778-2300 toll free:  (888)597-9255 fax:  (603)778-9797 e-mail: sales@wallindustries.com web: www.wallindustries.com address: 37 industrial drive exeter, nh 03833


▲Up To Search▲   

 
Price & Availability of PSPSF100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X