Part Number Hot Search : 
AN3317 TDA725 21M10 D1803DFH JANTXV1 SA2002 P6KE200A BC12429A
Product Description
Full Text Search
 

To Download 74LVC1G3157GV-Q100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74lvc1g3157-q100 provides one analog multiplexer/demultiple xer with one digital select input (s), two independent inputs/out puts (y0, y1) and a common input/output (z). schmitt trigger action at the select input makes the circuit tolerant of slower input rise and fall times across the entire v cc range from 1.65 v to 5.5 v. this product has been qualified to the automotive electronics council (aec) standard q100 (grade 1) and is suitable for use in automotive applications. 2. features and benefits ? automotive product qualif ication in accordance with aec-q100 (grade 1) ? specified from ? 40 ? c to +85 ? c and from ? 40 ? c to +125 ? c ? wide supply voltage range from 1.65 v to 5.5 v ? very low on resistance: ? 7.5 ? (typical) at v cc =2.7v ? 6.5 ? (typical) at v cc =3.3v ? 6 ? (typical) at v cc =5v ? switch current ca pability of 32 ma ? break-before-make switching ? high noise immunity ? cmos low power consumption ? ttl interface compatibility at 3.3 v ? latch-up performance meets requirements of jesd 78 class i ? control input accepts voltages up to 5.5 v ? multiple package options ? esd protection: ? mil-std-883, method 3015 exceeds 2000 v ? hbm jesd22-a114f exceeds 2000 v ? mm jesd22-a115-a exceeds 200 v (c = 200 pf, r = 0 ? ) 74lvc1g3157-q100 2-channel analog multiplexer/demultiplexer rev. 2 ? 10 april 2013 product data sheet
74lvc1g3157_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 2 ? 10 april 2013 2 of 21 nxp semiconductors 74lvc1g3157-q100 2-channel analog multiplexer/demultiplexer 3. ordering information 4. marking [1] the pin 1 indicator is located on the lower left corner of the device, below the marking code. 5. functional diagram 6. pinning information 6.1 pinning table 1. ordering information type number package temperature range name description version 74lvc1g3157gw-q100 ? 40 ? c to +125 ? c sc-88 plastic surface-mounted package; 6 leads sot363 74LVC1G3157GV-Q100 ? 40 ? c to +125 ? c sc-74 plastic surface-mounted package (tsop6); 6 leads sot457 table 2. marking type number marking code [1] 74lvc1g3157gw-q100 yj 74LVC1G3157GV-Q100 yj fig 1. logic symbol fig 2. logic diagram 001aac354 y0 y1 6 4 s z 1 3 001aac355 z s y1 y0 fig 3. pin configuration sot363 and sot457         
  
  
74lvc1g3157_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 2 ? 10 april 2013 3 of 21 nxp semiconductors 74lvc1g3157-q100 2-channel analog multiplexer/demultiplexer 6.2 pin description 7. functional description [1] h = high voltage level; l = low voltage level. table 3. pin description symbol pin description y1 1 independent input or output gnd 2 ground (0 v) y0 3 independent input or output z 4 common output or input v cc 5 supply voltage s 6 select input table 4. function table [1] input s channel on ly0 hy1
74lvc1g3157_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 2 ? 10 april 2013 4 of 21 nxp semiconductors 74lvc1g3157-q100 2-channel analog multiplexer/demultiplexer 8. limiting values [1] the minimum input voltage rating may be exceeded if the input current rating is observed. [2] the minimum and maximum switch voltage ratings may be e xceeded if the switch clamping current rating is observed. [3] for sc-88 and sc-74 packages: above 87.5 ? c the value of p tot derates linearly with 4.0 mw/k. 9. recommended operating conditions [1] to avoid sinking gnd current from termi nal z when switch current flows in terminal yn, the voltage drop across the bidirecti onal switch must not exceed 0.4 v. if the switch current flows into terminal z, no gnd current flows from terminal yn. in this case, there is no limit for the voltage drop across the switch. [2] applies to control signal levels. 10. static characteristics table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +6.5 v v i input voltage [1] ? 0.5 +6.5 v i ik input clamping current v i < ? 0.5 v or v i >v cc + 0.5 v ? 50 - ma i sk switch clamping current v i < ? 0.5 v or v i >v cc + 0.5 v - ? 50 ma v sw switch voltage enable and disable mode [2] ? 0.5 v cc + 0.5 v i sw switch current v sw > ? 0.5 v or v sw < v cc + 0.5 v - ? 50 ma i cc supply current - 100 ma i gnd ground current ? 100 - ma t stg storage temperature ? 65 +150 ?c p tot total power dissipation t amb = ? 40 ? cto+125? c [3] - 250 mw table 6. recommended operating conditions symbol parameter conditions min typ max unit v cc supply voltage 1.65 - 5.5 v v i input voltage 0 - 5.5 v v sw switch voltage enable and disable mode [1] 0- v cc v t amb ambient temperature ? 40 - +125 ?c ? t/ ? v input transition rise and fall rate v cc =1.65vto2.7v [2] --20ns/v v cc = 2.7 v to 5.5 v [2] --10ns/v table 7. static characteristics at recommended operating conditions; volt ages are referenced to gnd (ground 0 v). symbol parameter conditions ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min typ [1] max min max v ih high-level input voltage v cc = 1.65 v to 1.95 v 0.65v cc - - 0.65v cc -v v cc = 2.3 v to 2.7 v 1.7 - - 1.7 - v v cc = 3 v to 3.6 v 2.0 - - 2.0 - v v cc = 4.5 v to 5.5 v 0.7v cc - - 0.7v cc -v
74lvc1g3157_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 2 ? 10 april 2013 5 of 21 nxp semiconductors 74lvc1g3157-q100 2-channel analog multiplexer/demultiplexer [1] typical values are measured at t amb = 25 ? c. [2] these typical values are measured at v cc =3.3v 10.1 test circuits v il low-level input voltage v cc = 1.65 v to 1.95 v - - 0.35v cc -0.35v cc v v cc = 2.3 v to 2.7 v - - 0.7 - 0.7 v v cc = 3 v to 3.6 v - - 0.8 - 0.8 v v cc = 4.5 v to 5.5 v - - 0.3v cc 0.3v cc v i i input leakage current pin s; v i =5.5vorgnd; v cc =0vto5.5v [2] - ? 0.1 ? 2- ? 10 ? a i s(off) off-state leakage current v cc = 5.5 v; see figure 4 [2] - ? 0.1 ? 5- ? 20 ? a i s(on) on-state leakage current v cc = 5.5 v; see figure 5 [2] - ? 0.1 ? 5- ? 20 ? a i cc supply current v i = 5.5 v or gnd; v sw =gndorv cc ; v cc = 1.65 v to 5.5 v [2] -0.110 - 40 ? a ? i cc additional supply current pin s; v i =v cc ? 0.6 v; v cc = 5.5 v; v sw = gnd or v cc [2] - 5 500 - 5000 ? a c i input capacitance -2.5- - -pf c s(off) off-state capacitance -6.0- - -pf c s(on) on-state capacitance -18- - -pf table 7. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground 0 v). symbol parameter conditions ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min typ [1] max min max v i =v cc or gnd and v o =gndor v cc. fig 4. test circuit for measuring off-state leakage current i s 001aac358 s z y0 y1 v cc gnd switch switch 1 1 2 2 v il v ih s v il or v ih v i v o
74lvc1g3157_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 2 ? 10 april 2013 6 of 21 nxp semiconductors 74lvc1g3157-q100 2-channel analog multiplexer/demultiplexer 10.2 on resistance v i =v cc or gnd and v o = open circuit. fig 5. test circuit for measuring on-state leakage current i s 001aac359 s z y0 y1 v cc gnd switch switch 1 1 2 2 v il v ih s v o v il or v ih v i table 8. on resistance at recommended operating conditions; voltages ar e referenced to gnd (ground 0 v); for graphs see figure 7 to figure 12 . symbol parameter conditions ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min typ [1] max min max r on(peak) on resistance (peak) v i =gndtov cc ; see figure 6 i sw =4ma; v cc = 1.65 v to 1.95 v - 34.0 130 - 195 ? i sw =8ma; v cc = 2.3 v to 2.7 v - 12.0 30 - 45 ? i sw =12ma; v cc = 2.7 v - 10.4 25 - 38 ? i sw =24ma; v cc = 3 v to 3.6 v - 7.8 20 - 30 ? i sw =32ma; v cc = 4.5 v to 5.5 v - 6.2 15 - 23 ? r on(rail) on resistance (rail) v i = gnd; see figure 6 i sw =4ma; v cc = 1.65 v to 1.95 v -8.218 - 27 ? i sw =8ma; v cc = 2.3 v to 2.7 v - 7.1 16 - 24 ? i sw =12ma; v cc = 2.7 v - 6.9 14 - 21 ? i sw =24ma; v cc = 3 v to 3.6 v - 6.5 12 - 18 ? i sw =32ma; v cc = 4.5 v to 5.5 v - 5.8 10 - 15 ? v i =v cc ; see figure 6 i sw =4ma; v cc = 1.65 v to 1.95 v - 10.4 30 - 45 ? i sw =8ma; v cc = 2.3 v to 2.7 v - 7.6 20 - 30 ? i sw =12ma; v cc = 2.7 v - 7.0 18 - 27 ? i sw =24ma; v cc = 3 v to 3.6 v - 6.1 15 - 23 ? i sw =32ma; v cc = 4.5 v to 5.5 v - 4.9 10 - 15 ?
74lvc1g3157_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 2 ? 10 april 2013 7 of 21 nxp semiconductors 74lvc1g3157-q100 2-channel analog multiplexer/demultiplexer [1] typical values are measured at t amb = 25 ? c and nominal v cc . [2] flatness is defined as the difference between the maximum and minimum value of on resistance measured at identical v cc and temperature. 10.3 on resistance test circuit and graphs r on(flat) on resistance (flatness) v i =gndtov cc [2] i sw =4ma; v cc = 1.65 v to 1.95 v -26.0- - - ? i sw =8ma; v cc = 2.3 v to 2.7 v - 5.0 - - - ? i sw =12ma; v cc =2.7v - 3.5 - - - ? i sw =24ma; v cc =3vto3.6v - 2.0 - - - ? i sw =32ma; v cc = 4.5 v to 5.5 v - 1.5 - - - ? table 8. on resistance ?continued at recommended operating conditions; voltages ar e referenced to gnd (ground 0 v); for graphs see figure 7 to figure 12 . symbol parameter conditions ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min typ [1] max min max r on =v sw / i sw .( 1 ) v cc = 1.8 v. (2) v cc = 2.5 v. (3) v cc = 2.7 v. (4) v cc = 3.3 v. (5) v cc = 5.0 v. fig 6. test circuit for measuring on resistance fig 7. typical on resistance as a function of input voltage; t amb = 25 ?c 001aac360 s z y0 y1 v cc gnd switch switch 1 1 2 2 v ih v il s v il or v ih v i i sw v sw v v i (v) 05 4 23 1 mna673 20 10 30 40 r on () 0 (1) (2) (3) (4) (5)
74lvc1g3157_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 2 ? 10 april 2013 8 of 21 nxp semiconductors 74lvc1g3157-q100 2-channel analog multiplexer/demultiplexer (1) t amb = 125 ? c. (2) t amb =85 ? c. (3) t amb =25 ? c. (4) t amb = ?40 ? c. (1) t amb = 125 ? c. (2) t amb =85 ? c. (3) t amb =25 ? c. (4) t amb = ?40 ? c. fig 8. on resistance as a function of input voltage; v cc =1.8v fig 9. on resistance as a function of input voltage; v cc =2.5v v i (v) 0 2.0 1.6 0.8 1.2 0.4 001aaa712 25 35 15 45 55 r on () 5 (4) (3) (2) (1) v i (v) 0 2.5 2.0 1.0 1.5 0.5 001aaa708 9 11 7 13 15 r on () 5 (1) (2) (3) (4) (1) t amb = 125 ? c. (2) t amb =85 ? c. (3) t amb =25 ? c. (4) t amb = ?40 ? c. (1) t amb = 125 ? c. (2) t amb =85 ? c. (3) t amb =25 ? c. (4) t amb = ?40 ? c. fig 10. on resistance as a function of input voltage; v cc =2.7v fig 11. on resistance as a function of input voltage; v cc =3.3v 001aaa709 v i (v) 0 3.0 2.0 1.0 2.5 1.5 0.5 9 7 11 13 r on () 5 (1) (2) (3) (4) v i (v) 04 3 12 001aaa710 6 8 10 r on () 4 (1) (2) (3) (4)
74lvc1g3157_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 2 ? 10 april 2013 9 of 21 nxp semiconductors 74lvc1g3157-q100 2-channel analog multiplexer/demultiplexer 11. dynamic characteristics (1) t amb = 125 ? c. (2) t amb =85 ? c. (3) t amb =25 ? c. (4) t amb = ?40 ? c. fig 12. on resistance as a function of input voltage; v cc =5.0v v i (v) 05 4 23 1 001aaa711 5 4 6 7 r on () 3 (2) (4) (1) (3) table 9. dynamic characteristics at recommended operating conditions; voltages are referenced to gnd (ground = 0 v); for load circuit see figure 16 . symbol parameter conditions ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min typ [1] max min max t pd propagation delay z to yn or yn to z; see figure 13 [2] [3] v cc = 1.65 v to 1.95 v - - 2 - 3.0 ns v cc = 2.3 v to 2.7 v - - 1.2 - 2.0 ns v cc = 2.7 v - - 1.0 - 1.5 ns v cc = 3 v to 3.6 v - - 0.8 - 1.5 ns v cc = 4.5 v to 5.5 v - - 0.6 - 1.0 ns t en enable time s to yn; see figure 14 [4] v cc = 1.65 v to 1.95 v 1.0 8.7 14 1.0 14.0 ns v cc = 2.3 v to 2.7 v 1.0 5.3 7.5 1.0 7.5 ns v cc = 2.7 v 1.0 4.9 6.0 1.0 6.0 ns v cc = 3 v to 3.6 v 0.5 4.0 5.5 0.5 5.5 ns v cc = 4.5 v to 5.5 v 0.5 3.0 4.0 0.5 4.0 ns
74lvc1g3157_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 2 ? 10 april 2013 10 of 21 nxp semiconductors 74lvc1g3157-q100 2-channel analog multiplexer/demultiplexer [1] typical values are measured at t amb =25 ? c and nominal v cc . [2] t pd is the same as t plh and t phl . [3] propagation delay is the calculated rc time constant of the typical on resistance of the switch and the specified capacitanc e when driven by an ideal voltage source (zero output impedance). [4] t en is the same as t pzh and t pzl . [5] t dis is the same as t plz and t phz . [6] break-before-make specified by design. 11.1 waveforms and test circuits t dis disable time s to yn; see figure 14 [5] v cc = 1.65 v to 1.95 v 2.5 6.0 8.5 2.5 8.5 ns v cc = 2.3 v to 2.7 v 2.0 4.4 6.0 2.0 6.0 ns v cc = 2.7 v 1.5 4.2 5.0 1.5 5.0 ns v cc = 3 v to 3.6 v 1.5 3.6 4.5 1.5 4.5 ns v cc = 4.5 v to 5.5 v 0.8 2.9 3.5 0.8 3.5 ns t b-m break-before-make time see figure 15 [6] v cc = 1.65 v to 1.95 v 0.5 - - 0.5 - ns v cc = 2.3 v to 2.7 v 0.5 - - 0.5 - ns v cc =2.7v 0.5 - - 0.5 - ns v cc =3vto3.6v 0.5 - - 0.5 - ns v cc = 4.5 v to 5.5 v 0.5 - - 0.5 - ns table 9. dynamic characteristics ?continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v); for load circuit see figure 16 . symbol parameter conditions ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min typ [1] max min max measurement points are given in table 10 . logic levels: v ol and v oh are typical output voltage levels that occur with the output load. fig 13. input (yn or z) to output (z or yn) propagation delays t plh t phl v m v m v m v m gnd v i v oh v ol yn or z input z or yn output 001aac361
74lvc1g3157_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 2 ? 10 april 2013 11 of 21 nxp semiconductors 74lvc1g3157-q100 2-channel analog multiplexer/demultiplexer measurement points are given in table 10 . logic levels: v ol and v oh are typical output voltage levels that occur with the output load. fig 14. enable and disable times t plz t phz switch disabled switch enabled switch enabled output low to off off to low output high to off off to high s input yn yn v i v ol v oh v cc v m vm v x v y v m gnd gnd t pzl t pzh 001aac362 table 10. measurement points supply voltage input output v cc v m v m v x v y 1.65 v to 5.5 v 0.5v cc 0.5v cc v ol +0.3v v oh ? 0.3 v a. test circuit v o v i 001aac367 s z y0 y1 r l c l 0.5v cc v cc gnd g
74lvc1g3157_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 2 ? 10 april 2013 12 of 21 nxp semiconductors 74lvc1g3157-q100 2-channel analog multiplexer/demultiplexer b. input and output measurement points fig 15. test circuit for measuri ng break-before-make timing 001aag572 v i t b-m v o 0.9v o 0.9v o 0.5v i test data is given in table 11 . definitions test circuit: r t = termination resistance should be equal to output impedance z o of the pulse generator. c l = load capacitance including jig and probe capacitance. r l = load resistance. v ext = external voltage for measuring switching times. fig 16. test circuit for measuring switching times v ext v cc v i v o mna616 dut c l r t r l r l g
74lvc1g3157_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 2 ? 10 april 2013 13 of 21 nxp semiconductors 74lvc1g3157-q100 2-channel analog multiplexer/demultiplexer 11.2 additional dynami c characteristics table 11. test data supply voltage input load v ext v cc v i t r , t f c l r l t plh, t phl t pzh, t phz t pzl, t plz 1.65 v to 1.95 v v cc ? 2.0ns 50pf 500 ? open gnd 2v cc 2.3 v to 2.7 v v cc ? 2.0ns 50pf 500 ? open gnd 2v cc 2.7 v v cc ? 2.5ns 50pf 500 ? open gnd 2v cc 3 v to 3.6 v v cc ? 2.5ns 50pf 500 ? open gnd 2v cc 4.5 v to 5.5 v v cc ? 2.5ns 50pf 500 ? open gnd 2v cc table 12. additional dynamic characteristics at recommended operating conditions; voltag es are referenced to gnd (ground = 0 v); t amb =25 ? c. symbol parameter conditions min typ max unit thd total harmonic distortion f i = 600 hz to 20 khz; r l = 600 ? ; c l =50pf; v i = 0.5 v (p-p); see figure 17 v cc =1.65v - 0.260 - % v cc = 2.3 v - 0.078 - % v cc = 3.0 v - 0.078 - % v cc = 4.5 v - 0.078 - % f ( ? 3db) ? 3 db frequency response r l =50 ? ; c l = 5 pf; see figure 18 v cc =1.65v - 200 - mhz v cc =2.3v - 300 - mhz v cc =3.0v - 300 - mhz v cc =4.5v - 300 - mhz ? iso isolation (off-state) r l =50 ? ; c l =5pf; f i =10mhz; see figure 19 v cc =1.65v - ? 42 - db v cc =2.3v - ? 42 - db v cc =3.0v - ? 40 - db v cc =4.5v - ? 40 - db q inj charge injection c l = 0.1 nf; v gen =0v; r gen =0 ? ; f i = 1 mhz; r l =1 m ? ; see figure 20 v cc = 1.8 v - 3.3 - pc v cc = 2.5 v - 4.1 - pc v cc = 3.3 v - 5.0 - pc v cc = 4.5 v - 6.4 - pc v cc = 5.5 v - 7.5 - pc
74lvc1g3157_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 2 ? 10 april 2013 14 of 21 nxp semiconductors 74lvc1g3157-q100 2-channel analog multiplexer/demultiplexer 11.3 test circuits fig 17. test circuit for measuri ng total harmonic distortion d 001aac363 600 10 f 0.1 f s z y0 y1 v cc 0.5v cc gnd c l r l switch switch 1 1 2 2 v ih v il s f i v il or v ih to obtain 0 dbm level at input, adjust f i voltage. increase f i frequency until db meter reads ? 3db. fig 18. test circuit for measuring the frequency response when switch is in on-state db 001aac364 50 0.1 f s z y0 y1 v cc 0.5v cc gnd c l r l switch switch 1 1 2 2 v ih v il s f i v il or v ih to obtain 0 dbm level at input, adjust f i voltage fig 19. test circuit for measuring isolation (off-state) db 001aac365 50 0.1 f s z y0 y1 v cc 0.5v cc gnd c l r l 0.5v cc r l switch switch 1 1 2 2 v il v ih s f i v il or v ih
74lvc1g3157_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 2 ? 10 april 2013 15 of 21 nxp semiconductors 74lvc1g3157-q100 2-channel analog multiplexer/demultiplexer a. test circuit b. input and output pulse definitions q inj = ? v o ? c l . ? v o = output voltage variation. r gen = generator resistance. v gen = generator voltage. fig 20. test circuit for measuring charge injection 001aac366 s z y0 y1 r l v i c l v cc gnd r gen v gen switch 1 2 v o g 001aac478 v o off on off logic input v o (s)
74lvc1g3157_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 2 ? 10 april 2013 16 of 21 nxp semiconductors 74lvc1g3157-q100 2-channel analog multiplexer/demultiplexer 12. package outline fig 21. package outline sot363 (sc-88) references outline version european projection issue date iec jedec jeita sot363 sc-88 wb m b p d e 1 e pin 1 index a a 1 l p q detail x h e e v m a a b y 0 1 2 mm scale c x 13 2 45 6 plastic surface-mounted package; 6 leads sot363 unit a 1 max b p cd e e 1 h e l p qy wv mm 0.1 0.30 0.20 2.2 1.8 0.25 0.10 1.35 1.15 0.65 e 1.3 2.2 2.0 0.2 0.1 0.2 dimensions (mm are the original dimensions) 0.45 0.15 0.25 0.15 a 1.1 0.8 04-11-08 06-03-16
74lvc1g3157_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 2 ? 10 april 2013 17 of 21 nxp semiconductors 74lvc1g3157-q100 2-channel analog multiplexer/demultiplexer fig 22. package outline sot457 (sc-74) references outline version european projection issue date iec jedec jeita sot457 sc-74 wb m b p d e pin 1 index a a 1 l p q detail x h e e v m a a b y scale c x 13 2 4 5 6 0 1 2 mm plastic surface-mounted package (tsop6); 6 leads sot457 unit a 1 b p cd e h e l p qy wv mm 0.1 0.013 0.40 0.25 3.1 2.7 0.26 0.10 1.7 1.3 e 0.95 3.0 2.5 0.2 0.1 0.2 dimensions (mm are the original dimensions) 0.6 0.2 0.33 0.23 a 1.1 0.9 05-11-07 06-03-16
74lvc1g3157_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 2 ? 10 april 2013 18 of 21 nxp semiconductors 74lvc1g3157-q100 2-channel analog multiplexer/demultiplexer 13. abbreviations 14. revision history table 13. abbreviations acronym description cmos complementary metal oxide semiconductor ttl transistor-transistor logic hbm human body model esd electrostatic discharge mm machine model mil military dut device under test table 14. revision history document id release date data sheet status change notice supersedes 74lvc1g3157_q100 v.2 20130410 product data sheet - 74lvc1g3157_q100 v.1 modifications: ? type number 74lvc1g3157gm-q100 has been removed. 74lvc1g3157_q100 v.1 20130219 product data sheet - -
74lvc1g3157_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 2 ? 10 april 2013 19 of 21 nxp semiconductors 74lvc1g3157-q100 2-channel analog multiplexer/demultiplexer 15. legal information 15.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 15.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 15.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use in automotive applications ? this nxp semiconductors product has been qualified for use in automotive applications. unless otherwise agreed in writing, the product is not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconducto rs products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
74lvc1g3157_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 2 ? 10 april 2013 20 of 21 nxp semiconductors 74lvc1g3157-q100 2-channel analog multiplexer/demultiplexer no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any licens e under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from competent authorities. translations ? a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 15.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 16. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74lvc1g3157-q100 2-channel analog multiplexer/demultiplexer ? nxp b.v. 2013. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 10 april 2013 document identifier: 74lvc1g3157_q100 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 17. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 7 functional description . . . . . . . . . . . . . . . . . . . 3 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 9 recommended operating conditions. . . . . . . . 4 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 4 10.1 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 10.2 on resistance . . . . . . . . . . . . . . . . . . . . . . . . . . 6 10.3 on resistance test circuit and graphs. . . . . . . . 7 11 dynamic characteristics . . . . . . . . . . . . . . . . . . 9 11.1 waveforms and test circuits . . . . . . . . . . . . . . 10 11.2 additional dynamic characteristics . . . . . . . . . 13 11.3 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 12 package outline . . . . . . . . . . . . . . . . . . . . . . . . 16 13 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 18 14 revision history . . . . . . . . . . . . . . . . . . . . . . . . 18 15 legal information. . . . . . . . . . . . . . . . . . . . . . . 19 15.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 19 15.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 15.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 15.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 20 16 contact information. . . . . . . . . . . . . . . . . . . . . 20 17 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21


▲Up To Search▲   

 
Price & Availability of 74LVC1G3157GV-Q100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X