characteristic typical min/max ta= 25 oc ta = -55 oc to +85 oc frequency 10 - 800 mhz 10 - 800 mhz typical intermodulation performance at 25 o c second order harmonic intercept point........+39 dbm (typ.) second order two tone intercept point.........+33 dbm (typ.) third order two tone intercept point ............+26 dbm (typ.) legend + 25 oc + 85 oc - - - - - - -55 oc power vdc +15 +15 ma 45 47 max. rf amplifier model tm9118 available as: tm9118, 4 pin to-8 (t4) tn9118, 4 pin surface mount (sm3) fp9118, 4 pin flatpack (fp4) BX9118,connectorized housing (h1) features ! ! ! ! ! output power: 16 dbm typical ! ! ! ! ! gain: 14.7 db typical ! ! ! ! ! operating temp. -55 oc to +85 oc ! ! ! ! ! environmental screening available note: care should always be taken to effectively ground the case of each unit. noise figure (db) 4.5 5.5 max. vswr in <1.5:1 2.0:1 max. out <1.5:1 2.0:1 max. reverse isolation (db) -19 -18 max. power @ 1 db comp. (dbm) +16 +15 min. gain (db) 14.7 13.5 min. specifications typical performance data maximum ratings ambient operating temperature .............. -55oc to + 100 oc storage temperature ............................... -62oc to + 125 oc case temperature ................................................. + 125 oc dc voltage ......................................................... + 18 volts continuous rf input power ................................. + 13 dbm short term rf input power ..... 50 milliwatts (1 minute max.) maximum peak power ................... 0.5 watt (3 sec max.) 7/26/04 2.0 1.5 1.0 2.0 1.5 1.0 2 16 14 12 + 18 - 5 - 10 - 15 - 20 - 25 13 15 start 10 mhz stop 800 mhz start 10 mhz stop 800 mhz start 10 mhz stop 800 mhz start 10 mhz stop 800 mhz start 10 mhz stop 800 mh z start 10 mhz stop 800 mh z 6 5 4 3 + 16 + 15 + 14 + 17 gain (db) reverse isolation (db) noise figure (db) 1 db comp. (dbm) input vswr output vswr spectrum microwave 2144 franklin drive n.e. palm bay, florida 32905 ph (888) 553-7531 fax (888) 553-7532 spectrum microwave (europe) 2707 black lake place philadelphia, pa. 19154 ph (215) 464-4000 fax (215) 464-4001 www.spectrummicrowave.com
|