Part Number Hot Search : 
2N1803 XC2163 Y2834 L201E3 CA0358M 1N4783 AD779 GU08P20
Product Description
Full Text Search
 

To Download LDTA144TET1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bias resistor t ransistor pnp silicon surface mount t ransistor with monolithic bias resistor network device marking and resistor values device marking r1 (k) r2 (k) shipping o7 47 3000/tape & reel leshan radio company, ltd. 1/3 ? 10000/tape & reel we declare that the material of product compliance with rohs requirements. ldta144tet1g 1 ) b u i l t- in b i as res i st ors e n a b l e th e co nfi g ur ati on of a n in ve rte r circui t w i thou t con n e cting ex te rn al in pu t resistors (see equivalent circuit). 2 ) t he bi as r e s i sto r s c o n s ist of th i n -fi l m r e s i sto r s w i t h co mp le te i s ol a t i o n to al low posi t i v e bia s ing o f the i npu t. t h ey a l so ha ve the ad van t age of a l mo st co mpl e tely eliminating p a rasitic ef fect s. 3 ) o n l y th e on/ of f co n d it i ons n e ed to be set for o p e r a t i on, making the device design easy . inverter , interface, driver features ? ? applications ldta144tet1g ldta144tet3g o7 47 z a b solute maximum ratings (t a= 25 c) z electrical ch aracteristics (t a= 25 c) 1 2 3 sc-89 3 collec t or 2 emitter 1 base r1 limits parameter symbol unit v cbo ? 50 ? 50 ? 5 ? 100 200 150 ? 55 to + 150 v v ma mw c c v ceo v ebo i c pc tj tstg collector-base voltage collector-emitter voltage emitter-base voltage collector current collector power dissipation junction temperature storage temperature v parameter symbol bv cbo bv ceo bv ebo i cbo i ebo h fe v ce(sat) r 1 f t min. ? 50 ? 50 ? 5 ? ? 100 ? 32.9 ? ? i c = ? 50 a i c = ? 1ma i e = ? 50 a v cb = ? 50v v eb = ? 4v v ce = ? 5v, i c = ? 1ma i c /i b = ? 5ma/ ? 0.5ma v ce = ? 10v, i e = 5ma, f = 100mhz ? ? ? ? ? ? 250 ? 47 250 typ. ? ? ? ? 0.5 ? 0.5 600 ? 0.3 61.1 ? max. v v v a a ? v k ? mhz unit conditions collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector cutoff current emitter cutoff current dc current transfer ratio collector-emitter saturation voltage input resistance transition frequency ? characteristics of built-in transistor
leshan radio company, ltd. 2/3 z electrical ch aracteristic cu rv es ldta144tet1g v ce =? 5v ? 100 ? 1m ? 10m ? 200 ? 2m ? 20m ? 500 ? 5m ? 50m ? 100m 1k 500 200 100 50 20 10 5 2 1 dc current gain : h fe collector current : i c (a) fig.1 dc current gain vs.collector current ta = 100 c 25 c ? 40 c l c /l b = 10 ? 10 ? 100 ? 1m ? 20 ? 200 ? 2m ? 50 ? 500 ? 5m ? 10m ta = 100 c 25 c ? 40 c ? 500m ? 200m ? 100m ? 50m ? 20m ? 10m ? 5m ? 2m ? 1m ? 1 collector saturation voltage : v ce(sat) (v) collector current : i c (a) fig.2 collector-emitter saturation voltage vs.collector current
3/3 ldta144tet1g leshan radio company, ltd. notes: 1.dimensioning and tolerancing per ansi y14.5m, 1982. 2.controlling dimension: millimeters 3.maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. 4.463c-01 obsolete, new standard 463c-02. sc-89


▲Up To Search▲   

 
Price & Availability of LDTA144TET1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X