Part Number Hot Search : 
0469SWR MBJ90 331M16 D5702 000X1 331M1 MB95130M 126254H
Product Description
Full Text Search
 

To Download 1SMA4739 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 december 4,2012-rev.07 1sma4736~1sma4757 features ? for surface mounted applications in order to optimize board space ? built-in strain relief ? glass passivated junction ? low inductance ? plastic package has underwriters laboratory flammability classification 94v-o ? high temperature soldering : 260c /10 seconds at terminals ? lead free in comply with eu rohs 2011/65/eu directives ? green molding compound as per iec61249 std. . (halogen free) mechanical data ? case: jedec do-214ac,molded plastic over passivated junction. ? terminals: solder plated,solderable per mil-std-750, method 2026 ? polarity: color band denotes cathode end ? standard packaging: 12mm tape (eia-481) ? weight: 0.0023 ounce, 0.0679 gram surface mount silicon zener diode maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. notes: a. mounted on 5.0mm2 (.013mm thick) land areas. b. measured on8.3ms, and single half sine-wave or equivalent square wave ,duty cycle=4 pulses per minute maximum. c. tolerance and type number designation. the type numbers listed have a standard tolerance on the nominal zener voltage of 5%. voltage 6.8 to 51 volts 1 watts power retemara pl obmys eula vs tinu tnonoitapissidrewopeslupkaep a 05= o )aseton(c 05evobaetared o c p d 0. 1t ta ws evaw-enisflahelgnissm3.8tnerrucegrusdrawrofkaep )dohtemcedej(daoldetarnodesopmirepus i fsm 0 1s pma egnarerutarepmetegarotsdnanoitcnujgnitarepo t j t, stg 051+ot55- o c 0.062(1.60) 0.047(1.20) 0.181(4.60) 0.157(4.00) 0.114(2.90) 0.098(2.50) 0.060(1.52) 0.030(0.76) 0.008(0.203) 0.002(0.051) 0.208(5.28) 0.188(4.80) 0 012(0 305)  0 006(0.152) 
page . 2 december 4,2012-rev.07 1sma4736~1sma4757 1.0 0.75 0.5 0.25 0 0204060801 1 111 2 0 2 468 0 0 0 000 0 t , lead temperature ( c) l o p , maximum power dissipation (watts) d rating and characteristics curves l=lead length to heat sink figure.1 power temperature derating curve part number nominal zener voltage maximum zener impedance max reverse leakage current marking code v z @ i zt z zt @ i zt z zk @ i zk i r @v r nom. v min. v max. v ma ma a max v 1 watt zener 1sma4736 6.8 6.46 7.14 3.5 37 700 1 5 4 736b 1sma4737 7.5 7.13 7.88 4 34 700 0.5 5 5 737b 1sma4738 8.2 7.79 8.61 4.5 31 700 0.5 5 6 738b 1SMA4739 9.1 8.65 9.56 5 28 700 0.5 0.5 7 739b 1sma4740 10 9.5 10.5 7 25 700 0.25 0.5 7.6 740b 1sma4741 11 10.45 11.55 8 23 700 0.25 0.1 8.4 741b 1sma4742 12 11.4 12.6 9 21 700 0.25 0.1 9.1 742b 1sma4743 13 12.35 13.65 10 19 700 0.25 0.1 9.9 743b 1sma4744 15 14.25 15.75 14 17 700 0.25 0.1 11.4 744b 1sma4745 16 15.2 16.8 16 15.5 700 0.25 0.1 12.2 745b 1sma4746 18 17.1 18.9 20 14 750 0.25 0.1 13.7 746b 1sma4747 20 19 21 22 12.5 750 0.25 0.1 15.2 747b 1sma4748 22 20.9 23.1 23 11.5 750 0.25 0.1 16.7 748b 1sma4749 24 22.8 25.2 25 10.5 750 0.25 0.1 18.2 749b 1sma4750 27 25.65 28.35 35 9.5 750 0.25 0.1 20.6 750b 1sma4751 30 28.5 31.5 40 8.5 1000 0.25 0.1 22.8 751b 1sma4752 33 31.35 34.65 45 7.5 1000 0.25 0.1 25.1 752b 1sma4753 36 34.2 37.8 50 7 1000 0.25 0.1 27.4 753b 1sma4754 39 37.05 40.95 60 6.5 1000 0.25 0.1 29.7 754b 1sma4755 43 40.85 45.15 70 6 1500 0.25 0.1 32.7 755b 1sma4756 47 44.65 49.35 80 5.5 1500 0.25 0.1 35.8 756b 1sma4757 51 48.45 53.55 95 5 1500 0.25 0.1 38.8 757b
page . 3 december 4,2012-rev.07 1sma4736~1sma4757 b-ramge fprimotstp 12 to 51 volts
page . 4 december 4,2012-rev.07 1sma4736~1sma4757
page . 5 december 4,2012-rev.07 1sma4736~1sma4757 mounting pad layout order information ? packing information t/r - 7.5k per 13" plastic reel t/r - 1.8k per 7" plastic reel
page . 6 december 4,2012-rev.07 1sma4736~1sma4757 part no_packing code_version 1sma4736_r1_00001 1sma4736_r2_00001 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 7 december 4,2012-rev.07 1sma4736~1sma4757 disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of 1SMA4739

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X