Part Number Hot Search : 
SK100B MSA180 IS89C64 T8301 SR5000 WR206 780024 BD3835FS
Product Description
Full Text Search
 

To Download PAD1-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pad/jpad/sstpad series vishay siliconix document number: 70339 s-04029?rev. h, 04-jun-01 www.vishay.com 4-1 low-leakage pico-amp diodes pad1 jpad5 sstpad5 pad5 jpad50 sstpad100 pad50  
 part number i r max (pa) pad1 ?1 pad5/jpad5/sstpad5 ?5 pad50/jpad50 ?50 sstpad100 ?100        ultralow leakage: pad1 <1 pa  ultralow capacitance: pad1 <0.8 pf  two-leaded package  negligible circuit leakage contribution  circuit ?transparent? except to shunt high-frequency spikes  simplicity of operation  op amp input protection  multiplexer overvoltage protection   the pad/jpad/sstpad series of extremely low-leakage diodes provides a superior alternative to conventional diode technology when reverse current (leakage) must be minimized. they feature leakage currents ranging from ?1 pa (pad1) to ?100 pa (sstpad100) to support a wide range of applications. these devices are well suited for use in applications such as input protection for operational amplifiers. the hermetically sealed to-206af (to-72) package allows full military processing per mil-s-19500 (see military information). the t o-226a (to-92) plastic package provides a low-cost option. the to-236 (sot-23) package provides surface-mount capability. both j and sst series are available in tape-and-reel for automated assembly. (see packaging information.) to-206af (to-72) modified top view pad1 pad5 a c 1 3 2 top view pad50 to-226aa (to-92) modified top view jpad5 jpad50 c a 1 2 c c a to-236 (sot-23) 2 3 1 top view sstpad5 (05)* sstpad100 (01) case to-206aa (to-18) modified a and case c 1 2 *marking code for to-236
pad/jpad/sstpad series vishay siliconix www.vishay.com 4-2 document number: 70339 s-04029 ? rev. h, 04-jun-01 absolute maximum ratings a forward current: (pad 50 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (jpad/sstpad ) 10 ma . . . . . . . . . . . . . . . . . . . total device dissipation: (pad) b 300 mw . . . . . . . . . . . . . . . . . . . . . . . . . . (jpad/sstpad) b 350 mw . . . . . . . . . . . . . . . . operation junction temp: (pad) ? 55 to 175  c . . . . . . . . . . . . . . . . . . . . . . . (jpad/sstpad ) c ? 55 to 150  c . . . . . . . . . . . . lead temperature ( 1 / 16 ? from case for 10 sec.) 300  c . . . . . . . . . . . . . . . . . . . notes: a. t a = 25  c unless otherwise noted. b. derate 2 mw/  c above 25  c. c. derate 2.8 mw/  c above 25  c.              limits parameter symbol test conditions min typ a max unit static pad1 ? 0.3 ? 1 pad5/jpad5/sstpad5 ? 1 ? 5 reverse current i r v r = ? 20 v pad50/jpad50 ? 5 ? 50 pa sstpad100 ? 10 ? 100 pad1/pad5 ? 45 ? 60 reverse breakdown voltage bv r i r = ? 1  a sstpad5/100 ? 30 ? 55 all others ? 35 ? 55 v forward voltage drop v f i f = 1 ma 0.8 1.5 dynamic pad1/pad5 0.5 0.8 reverse capacitance c r v r = ? 5v, f = 1 mhz all others 1.5 2 pf notes: a. typical values are for design aid only, not guaranteed nor subject to production testing.             reverse current vs. reverse voltage 0 i r @ 125  c i r @ 25  c reverse current vs. temperature ? 1000 ? 100 ? 10 ? 1 ? 0.1 ? 6 ? 12 ? 18 ? 24 ? 30 ? 55 ? 35 125 ? 100 ? 10 ? 0.01 ? 1 ? 0.1 ? 15 5 25 45 65 85 105 v r (v) t a ? temperature (  c) v r = ? 20 v pad/jpad/sstpad5 pad1 pad1 pad/jpad/sstpad5 pad1/5 all others i r (pa) i r (pa)
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of PAD1-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X