Part Number Hot Search : 
SMBG16A BZX84C3 KA9260D MAX19 SSFP1N65 SI4738CY 7120W C10H1
Product Description
Full Text Search
 

To Download 1N5441C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  \j 2.6 2.6 2.6 2.6 2.7 2.7 2.7 2.7 2,8 2.8 2.8 2.8 2.9 2.9 2,9 2.9 2.9 2.9 2.9 2.' 9 2.9 2.9 2,9 max 3. 1 3.1 3.1 3.1 3.1 3.1 3.1 q 1 o . 1 3.1 3.2 3. 2 3.2 3.2 3.2 3.3 3.3 3.3 3.3 3.1 3. 1 3.1 3.2 3.1 3.1 3, 1 3.2 3,2 3.2 3.2 3.2 3,3 3.3 3.3 3.3 1n5461 thru 1n5476 . o y"\ -7 hj4av p .01 / max. 1 2.718 dia. | polarity [ bond ->u (cothode) 0.018/0.022 0.457/0.559 diameter ail dimensions do- package style reverse breakdown voltage at lr=10ua d.c. power dissipation at 25 operating temperature storage temperature reverse current at 25 vdc ?? ) 4 1- max 25.40 max' | 0.300 ...v - 7^20 "**' 1'000 max 25.40 max' ^ i ?_ 1 * inch in mm 7 do-7 30 volts mln c 400 mw max -65 to +150 c -65 to +150 c o.ozua max reverse current at 25 vdc (150 c) 20 ua max capacitance tolerance standard device suffix a suffix b suffix c suffix d +/- 20% +/- 10% +/- 5% +/- 2% +/- 1% \ seini-l niiduuori rcf?rv?* the right (o changf lest condilinm. parameter limits ;md packug* dimension* without notice liitbrmiilion funrnhcd by ni scmi-c onjuclon a belwved lu b* both uctufnjt ,iml rditihkt .11 the tint* of guinf to press. however itrini c < tijiiunri luiiiiwi i in (tvpiiiisibilily t'nf :iny ern


▲Up To Search▲   

 
Price & Availability of 1N5441C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X