Part Number Hot Search : 
106K0 AVXXX CDBN0230 2N6715 ZTX650 AN978 16F40 T421002
Product Description
Full Text Search
 

To Download SIC521A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sic521, SIC521A www.vishay.com vishay siliconix s14-2208-rev. a, 03-nov-14 1 document number: 62989 for technical questions, contact: powerictechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 25 a vrpower ? integrated power stage description the sic521 and SIC521A are an integrated power stage solution optimized for synchro nous buck applications to offer high current, high effici ency, and high power density performance. packaged in vishays proprietary 4.5 mm x 3.5 mm mlp package, sic521 and SIC521A enable voltage regulator desi gns to deliver up to 25 a continuous current per phase. the internal power mosfets utilize vishays state-of-the-art gen iv trench fet technology that delivers industry benchmark performan ce to significantly reduce switching and conduction losses. the sic521 and SIC521A incorporate an advanced mosfet gate driver ic that features high current driving capability, adaptive dead-time control, an integrated bootstrap schottky diode, an d zero current detect to improve light load efficiency. the drivers are also compatible with a wide rang e of pwm controllers and supports tri-state pwm, and 5 v logic. features ? thermally enhanced powerpak ? mlp4535-22l package ? vishays gen iv mosf et technology and a low-side mosfet with integrated schottky diode ? delivers up to 25 a continuous current ? 95 % peak efficiency ? high frequency operation up to 1.5 mhz ? power mosfets optimize d for 12 v input stage ? 5 v pwm logic with tri-state and hold-off ? zero current detect control for light load efficiency improvement ? low pwm propagation delay (< 20 ns) ? under voltage lockout for v cin ? material categorization: fo r definitions of compliance please see www.vishay.com/doc?99912 applications ? multi-phase vrds for cpu, gpu, and memory ? synchronous buck converters ? dc/dc vr modules typical application diagram fig. 1 - sic521 and SIC521A typical application diagram pwm controller g ate driver 5v v in v out v cin zcd_en# pwm v drv v in boot v s wh p g nd g l c g nd pha s e
sic521, SIC521A www.vishay.com vishay siliconix s14-2208-rev. a, 03-nov-14 2 document number: 62989 for technical questions, contact: powerictechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 pinout configuration fig. 2 - sic521 and SIC521A pin configuration pin description pin number name function 1 zcd_en# zcd control. active low 2v cin supply voltage for internal logic circuitry 3, 23 c gnd analog ground for the driver ic 4 boot high-side driver bootstrap voltage 5 phase return path of high-side gate driver 6 to 8, 25 v in power stage input voltage. drain of high-side mosfet 9 to 11, 17, 18, 20, 26 p gnd power ground 12 to 16 v swh switch node of the power stage 19, 24 gl low-side gate signal 21 v drv supply voltage for internal gate driver 22 pwm pwm control input ordering information part number package marking code sic521cd-t1-ge3 powerpak ? mlp4535-22l sic521 5 v pwm optimized SIC521Acd-t1-ge3 SIC521A 3.3 v pwm optimized SIC521Adb and sic521d b reference board 1 2 3 4 5 zcd_en v cin c g nd boot pha s e 16 15 14 13 12 v s wh v s wh v s wh v s wh 11 10 9 8 7 6 17 18 19 20 21 22 p g nd p g nd p g nd p g nd p g nd g l v drv pwm p g nd v in v in v in p g nd 26 v in 25 c g nd 23 g l 24
sic521, SIC521A www.vishay.com vishay siliconix s14-2208-rev. a, 03-nov-14 3 document number: 62989 for technical questions, contact: powerictechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) the specification values indicated ac is v swh to p gnd , -8 v (< 20 ns, 10 j), min. and 30 v (< 50 ns), max. (2) the specification value indicates ac voltage is v boot to p gnd , 36 v (< 50 ns) max. (3) the specification value indicates ac voltage is v boot to v phase , 8 v (< 20 ns) max. (4) output current rated with te sting evaluation board at t a = 25 c with natural convecti on cooling. the rating is li mited by the peak evaluation board temperature, t j = 150 c, and varies depending on the op erating conditions and pcb layout. this rating may be changed with different application settings. stresses beyond those listed under absolute maximum ratings ma y cause permanent damage to th e device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those in dicated in the operational sectio ns of the specifications is not implied. exposure to absolute maximum rating conditions for extended pe riods may affect device reliability. absolute maximum ratings electrical parameter conditions limit unit input voltage v in -0.3 to +25 v control logic supply voltage v cin -0.3 to +7 drive supply voltage v drv -0.3 to +7 switch node (dc voltage) v swh -0.3 to +25 switch node (ac voltage) (1) -8 to +30 boot voltage (dc voltage) v boot 32 boot voltage (ac voltage) (2) 38 boot to phase (dc voltage) v boot- phase -0.3 to +7 boot to phase (ac voltage) (3) -0.3 to +8 all logic inputs and outputs (pwm and zcd_en#) -0.3 to v cin + 0.3 output current, i out(av) (4) f s = 300 khz, v in = 12 v, v out = 1.8 v 25 a f s = 1 mhz, v in = 12 v, v out = 1.8 v 20 max. operating junction temperature t j 150 c ambient temperature t a -40 to +125 storage temperature t stg -65 to +150 electrostatic disc harge protection human body model, jesd22-a114 3000 v charged device mo del, jesd22-c101 1000 recommended operating range electrical parameter mi nimum typical maximum unit input voltage (v in )4.5-18 v drive supply voltage (v drv ) 4.555.5 control logic supply voltage (v cin ) 4.555.5 boot to phase (v boot-phase , dc voltage) 4 4.5 5.5 thermal resistance from junction to pcb - 5 - c/w thermal resistance from junction to case - 2.5 -
sic521, SIC521A www.vishay.com vishay siliconix s14-2208-rev. a, 03-nov-14 4 document number: 62989 for technical questions, contact: powerictechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) typical limits are established by characterization and are not production tested. (2) guaranteed by design. electrical specifications (zcd_en# = 5 v, v in = 12 v, v drv and v cin = 5 v, t a = 25 c) parameter symbol test condition limits unit min. typ. max. power supply control logic supply current i vcin no switching, v pwm = float - 300 - a f s = 300 khz, d = 0.1 - 300 - drive supply current i vdrv f s = 300 khz, d = 0.1 - 8 15 ma f s = 1 mhz, d = 0.1 - 30 - no switching - 50 - a bootstrap supply bootstrap diode forward voltage v f i f = 2 ma 0.4 v pwm control input (sic521) rising threshold v th_pwm_r 3.4 3.7 4.0 v falling threshold v th_pwm_f 0.72 0.9 1.1 tri-state voltage v tri v pwm = float - 2.3 - tri-state rising threshold v tri_th_r 0.9 1.15 1.38 tri-state falling threshold v tri_th_f 3.1 3.35 3.6 tri-state rising threshold hysteresis v hys_tri_r - 225 - mv tri-state falling threshold hysteresis v hys_tri_f - 325 - pwm input current i pwm v pwm = 5 v - - 350 a v pwm = 0 v - - -350 pwm control input (SIC521A) rising threshold v th_pwm_r 2.2 2.45 2.7 v falling threshold v th_pwm_f 0.72 0.9 1.1 tri-state voltage v tri v pwm = float - 1.8 - tri-state rising threshold v tri_th_r 0.9 1.15 1.38 tri-state falling threshold v tri_th_f 1.95 2.2 2.45 tri-state rising threshold hysteresis v hys_tri_r - 225 - mv tri-state falling threshold hysteresis v hys_tri_f - 275 - pwm input current i pwm v pwm = 3.3 v - - 225 a v pwm = 0 v - - -225 timing specifications tri-state to gh/gl rising propagation delay t pd_tri_r no load, see fig. 4 -20- ns tri-state hold-off time t tsho - 150 - gh - turn off propagation delay t pd_off_gh -20- gh - turn on propagation delay (dead time rising) t pd_on_gh -10- gl - turn off propagation delay t pd_off_gl -20- gl - turn on propagation delay (dead time falling) t pd_on_gl -10- pwm minimum on-time t pwm_on_min 30 - - zcd_en# input zcd_en# logic input voltage v ih_zcd_en# input logic high 2 - - v v il_zcd_en# input logic low - - 0.8 protection under voltage lockout v uvlo v cin rising, on threshold - 3.7 4.1 v v cin falling, off threshold 2.7 3.1 - under voltage lockout hysteresis v uvlo_hyst - 575 - mv
sic521, SIC521A www.vishay.com vishay siliconix s14-2208-rev. a, 03-nov-14 5 document number: 62989 for technical questions, contact: powerictechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 detailed operational description pwm input with tri-state function the pwm input receives the pwm control signal from the vr controller ic. the pwm input is designed to be compatible with standard controllers using two state logic (h and l) and advanced controllers that incorporate tri-state logic (h, l and tri-state) on the pwm output. for two state logic, the pwm input operates as follows. when pwm is driven above v pwm_th_r the low-side is turned off and the high-side is turned on. when pwm in put is driven below v pwm_th_f the high-side is turned off and the low-side is turned on. for tri-state logic, the pwm input operates as previously stated for driving the mosfets when pwm is logic high and logic low. however, there is a third state that is entered as the pwm output of tri-state compatible controller enters its high impedance state during shut -down. the high impedance state of the controllers pwm output allows the sic521 and SIC521A to pull the pwm input into the tri-state region (see definition of pwm logic and tr i-state, fig. 4). if the pwm input stays in this region for the tri-state hold-off period, t tsho , both high-side and low- side mosfets are turned off. the function allows the vr phase to be disabled without negative output voltag e swing caused by inductor ringing and saves a schottky diode clamp. the pwm and tri-state regions are separated by hysteresis to prevent false triggering. the SIC521A incorporates pwm voltage thresholds that are compatible with 3.3 v logic and the sic521 thresholds are compatible with 5 v logic. diode emulation mode (zcd_en#) when zcd_en# pin is logic low and pwm signal switches low, gl is forced on (after normal bbm time). during this time, it is under control of the zcd (zero crossing detect) comparator. if, after the internal blanking delay, the inductor current becomes zero, the low- side is turned off. this improves light load efficiency by avoiding discharge of output capacitors. if pwm enters tri-state, then device will go into normal tri-state mode af ter tri-state delay. the gl output will be turned off rega rdless of inductor current, this is an alternative method of impro ving light load efficiency by reducing switching losses. voltage input (v in ) this is the power input to th e drain of the high-side power mosfet. this pin is conn ected to the high power intermediate bus rail. switch node (v swh and phase) the switch node, v swh , is the circuit power stage output. this is the output applied to the power inductor and output filter to deliver the output for the buck converter. the phase pin is internally connected to the switch node, v swh . this pin is to be used exclusively as the return pin for the boot capacitor. a 20 k resistor is connected between gh and phase to provide a discharge path for the hs mosfet in the event that v cin goes to zero while v in is still applied. ground connections (c gnd and p gnd ) p gnd (power ground) should be externally connected to c gnd (control signal ground). the layout of the printed circuit board should be such that the inductance separating c gnd and p gnd is minimized. transient differences due to inductance effects between these two pins should not exceed 0.5 v. control and drive supp ly voltage input (v drv , v cin ) v cin is the bias supply for th e gate drive control ic. v drv is the bias supply for the gate dri vers. it is recommended to separate these pins through a resistor. this creates a low pass filtering effect to avoid coupling of high frequency gate drive noise into the ic. bootstrap circuit (boot) the internal bootstrap diode and an external bootstrap capacitor form a charge pump that supplies voltage to the boot pin. an integrated boot strap diode is incorporated so that only an external capacitor is necessary to complete the bootstrap circuit. connect a b oot strap capacitor with one leg tied to boot pin and the other tied to phase pin. shoot-through protection and adaptive dead time the sic521 and SIC521A have an internal adaptive logic to avoid shoot through and optimize dead time. the shoot through protection ensures that both high-side and low-side mosfets are not turned on at the same time. the adaptive dead time control operates as follows. the high-side and low-side gate voltages are monitored to prevent the mosfet turning on from tuning on until the other mosfet's gate voltage is suffi ciently low (< 1 v). built in delays also ensure that one power mosfet is completely off, before the other can be turned on. this feature helps to adjust dead time as gate transitions change with respect to output current and temperature. under voltage lockout (uvlo) during the start up cycle, the uvlo disables the gate drive, holding high-side and low-side mosfet gates low, until the supply voltage rail has reached a point at which the logic circuitry can be safely activated. the sic521 and SIC521A also incorporate logic to clamp the gate drive signals to zero when the uvlo falling edge triggers the shutdown of the device. as an added precaution, a 20 k resistor is connected betwee n gh and phase to provide a discharge path for the hs mosfet.
sic521, SIC521A www.vishay.com vishay siliconix s14-2208-rev. a, 03-nov-14 6 document number: 62989 for technical questions, contact: powerictechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 functional block diagram fig. 3 - sic521 and SIC521A functional block diagram pwm timing diagram fig. 4 - definition of pwm logic and tri-state device truth table zcd_en# pwm gh gl lll h, i l > 0a l, i l < 0a lhhl l tri-state l l hllh hhhl h tri-state l l pwm v cin c g nd 20k boot v s wh v drv p g nd v ref = 1 v v ref = 1 v anti-cro ss conduction control logic v drv pwm logic control & s tate machine uvlo zcd_en# v in pha s e v cin p g nd g l s w v th_pwm_r v th_pwm_f v th_tri_r v th_tri_f pwm g h g l t pd_off_ g l t t s ho t pd_on_ g h t pd_off_ g h t pd_on_ g l t t s ho t pd_tri_r t pd_tri_r
sic521, SIC521A www.vishay.com vishay siliconix s14-2208-rev. a, 03-nov-14 7 document number: 62989 for technical questions, contact: powerictechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 electrical characteristics test condition: v in = 12 v, v drv = v cin = 5 v, dsbl# = smod# = 5 v, v out = 1 v, l out = 270 nh (dcr = 0.32 m ), t a = 25 c (all power loss and normaliz ed power loss curves show sic521 and sic521 a losses only unless otherwise stated) fig. 5 - uvlo threshold vs. temperature fig. 6 - pwm threshol d vs. temperature (sic521) fig. 7 - boot diode forward voltage vs. temperature fig. 8 - zcd_en# threshold vs. temperature fig. 9 - pwm threshold vs. driver supply voltage (sic521) fig. 10 - zcd_en# threshold vs. driver supply voltage 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 -60 -40 -20 0 20 40 60 80 100 120 140 control logic s upply voltage, v cin (v) temperature ( c) v uvlo_fallin g v uvlo_ri s in g 0.0 0.6 1.2 1.8 2.4 3.0 3.6 4.2 4.8 -60 -40 -20 0 20 40 60 80 100 120 140 pwm thre s hold voltage, v pwm (v) temperature ( c) v tri_th_r v tri_th_f v tri v th_pwm_r v th_pwm_f 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 -60 -40 -20 0 20 40 60 80 100 120 140 boot diode forward voltage, v f (v) temperature ( c) i f = 2 ma 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 -60 -40 -20 0 20 40 60 80 100 120 140 zcd_en# thre s hold voltage, v s mod# (v) temperature ( c) v il_zcd_en# v ih_zcd_en# 0.0 0.6 1.2 1.8 2.4 3.0 3.6 4.2 4.8 4.5 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5 pwm thre s hold voltage, v pwm (v) driver s upply voltage, v cin (v) v th_pwm_f v th_pwm_r v tri_th_f v tri_th_r v tri 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 4.5 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5 zcd_en# thre s hold voltage, v zcd_en# (v) driver s upply voltage, v cin (v) v ih_zcd_en# v il_zcd_en#
sic521, SIC521A www.vishay.com vishay siliconix s14-2208-rev. a, 03-nov-14 8 document number: 62989 for technical questions, contact: powerictechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 11 - zcd_en# pull-up current vs. temperature fig. 12 - driver quiescent current vs. temperature -12.0 -11.5 -11.0 -10.5 -10.0 -60 -40 -20 0 20 40 60 80 100 120 140 zcd_en# pull-up current, i zcd_en# (ua) temperature ( c) v zcd_en# = 0 v 250 270 290 310 330 350 370 390 410 430 450 -60 -40 -20 0 20 40 60 80 100 120 140 driver s upply current, i vdvr & i vcin (v) temperature ( c) v pwm = float
sic521, SIC521A www.vishay.com vishay siliconix s14-2208-rev. a, 03-nov-14 9 document number: 62989 for technical questions, contact: powerictechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 pcb layout recommendations step 1: v in / p gnd planes and decoupling 1. layout v in and p gnd planes as shown above. 2. ceramic capacitors should be placed right between v in and p gnd , and very close to the device for best decoupling effect. 3. difference values/packages of ceramic capacitors should be used to cover enti re decoupling spectrum e.g. 1210, 0805, 0603, 0402. 4. smaller capacitance values, placed closer to the device v in pin(s), results in better high frequency noise absorbing. step 2: v swh plane 1. connect output inductor to ic with large plane to lower the resistance. 2. v swh plane also serves as a heat-sink for low-side mosfet. please make the plane wide and short to achieve the best thermal path. 3. if any snubber network is required, place the components as shown above and the network can be placed at bottom. step 3: v cin / v drv input filter 1. the v cin /v drv input filter ceramic cap should be placed as close as possible to the ic. it is recommended to connect two capacitors separately. 2. v cin capacitor should be place d between pin2 and pin 3 (a gnd of driver ic) to achieve best noise filtering. 3. v drv capacitor should be placed between pin 20 (p gnd of driver ic) and pin 21 to provide maximum instantaneous driver current for low side mosfet during switching cycle. 4. for connecting v cin to a gnd , it is recommended to use a large plane to reduce parasitic inductance. step 4: boot resistor and capacitor placement 1. these components need to be placed as close as possible to ic, directly be tween phase (pin 5) and boot (pin 4). 2. to reduce parasitic inductan ce, chip size 0402 can be used. v in v swh p gnd v in plane p gnd plane p gnd plane v swh snubber p gnd c vcin c vdrv a gnd cboot rboot
sic521, SIC521A www.vishay.com vishay siliconix s14-2208-rev. a, 03-nov-14 10 document number: 62989 for technical questions, contact: powerictechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 step 5: signal routing 1. route the pwm and zcd_en# signal traces out of the top left corner next to pin 1. 2. the pwm signal is very important signal, both signal and return traces should not cr oss any power nodes on any layer. 3. it is best to shield these traces from power switching nodes, e.g. v swh , with a gnd island to improve signal integrity. 4. gl (pin19) has been connected with gl pad internally. step 6: adding thermal relief vias 1. thermal relief vias ca n be added on the v in and a gnd pads to utilize inner layers for high-current and thermal dissipation. 2. to achieve better thermal perf ormance, additional vias can be put on v in plane and p gnd plane. 3. v swh pad is a noise source and not recommended to put vias on this pad. 4. 8 mil drill for pads and 10 mils drill for plane are the optional via size. vias on pad may drain solder during assembly and cause assembly issues. please consult with the assembly house for guidelines. step 7: ground connection 1. it is recommended to make single a connection between a gnd and p gnd which can be made on the top layer. 2. it is recommended to make the entire first inner layer (below to top layer) the gro und plane and separate them into a gnd and p gnd plane. 3. these ground planes provide shielding between noise source on top layer and sign al traces on bottom layer. p gnd a gnd a gnd v in plane p gnd plane v swh p gnd v in a gnd v swh p gnd a gnd
sic521, SIC521A www.vishay.com vishay siliconix s14-2208-rev. a, 03-nov-14 11 document number: 62989 for technical questions, contact: powerictechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package outline drawing mlp4535-22l vishay siliconix maintains worldw ide manufacturing ca pability. products may be manufactured at one of several qualified locatio ns. reliability da ta for silicon technology and package reliability represent a composite of all qu alified locations. for related documents such as package/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?62989 . dim. millimeters inches min. nom. max. min. nom. max. a (8) 0.70 0.75 0.80 0.027 0.0029 0.031 a1 0.00 - 0.05 0.000 - 0.002 a2 0.20 ref. 0.008 ref. b (4) 0.20 0.25 0.30 0.0078 0.0098 0.0110 d 4.50 bsc 0.177 bsc e 0.50 bsc 0.019 bsc e 3.50 bsc 0.137 bsc l 0.35 0.40 0.45 0.013 0.015 0.017 n (3) 22 22 nd (3) 66 ne (3) 55 d1-1 0.35 0.40 0.45 0.013 0.015 0.017 d1-2 0.15 0.20 0.25 0.005 0.007 0.009 d2-1 1.02 1.07 1.12 0.040 0.042 0.044 d2-2 1.02 1.07 1.12 0.040 0.042 0.044 d2-3 1.47 1.52 1.57 0.057 0.059 0.061 d2-4 0.25 0.30 0.35 0.009 0.011 0.013 e1-1 1.095 1.145 1.195 0.043 0.045 0.047 e1-2 2.67 2.72 2.77 0.105 0.107 0.109 e1-3 0.35 0.40 0.45 0.013 0.015 0.017 e1-4 1.85 1.90 1.95 0.072 0.074 0.076 e1-5 0.095 0.145 0.195 0.0037 0.0057 0.0076 e2-1 3.05 3.10 3.15 0.120 0.122 0.124 e2-2 1.065 1.115 1.165 0.0419 0.0438 0.0458 e2-3 0.695 0.745 0.795 0.027 0.029 0.031 e2-4 0.40 0.45 0.50 0.015 0.017 0.019 k1 0.40 bsc 0.015 bsc k2 0.07 bsc 0.002 bsc k3 0.05 bsc 0.001 bsc k4 0.40 bsc 0.015 bsc 9 14 1 11 10 5 4 3 2 16 17 19 8 22 7 15 20 21 6 13 18 12 9 14 1 11 10 5 4 3 2 16 17 19 8 22 7 15 20 21 6 13 18 12 d e a a1 a2 b e l d2-1 d2-2 d2-3 d2-4 e2-1 e2-2 e2-3 e2-4 k1 k2 a pin 1 dot by marking c 56 b k3 d1-1 e1-1 e1-2 d1-2 k4 e1-4 e1-3 e1-5 0.1 c b 2x 0.1 c a 2x 0.08 c
package information www.vishay.com vishay siliconix revision: 20-oct-14 1 document number: 67234 for technical questions, contact: pmostechsupport @vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 mlp 4.5 x 3.5-22l bwl case outline dim. millimeters inches min. nom. max. min. nom. max. a (8) 0.70 0.75 0.80 0.027 0.0029 0.031 a1 0.00 - 0.05 0.000 - 0.002 a2 0.20 ref. 0.008 ref. b (4) 0.20 0.25 0.30 0.0078 0.0098 0.0110 d 4.50 bsc 0.177 bsc e 0.50 bsc 0.019 bsc e 3.50 bsc 0.137 bsc l 0.35 0.40 0.45 0.013 0.015 0.017 n (3) 22 22 nd (3) 66 ne (3) 55 d1-1 0.35 0.40 0.45 0.013 0.015 0.017 d1-2 0.15 0.20 0.25 0.005 0.007 0.009 d2-1 1.02 1.07 1.12 0.040 0.042 0.044 d2-2 1.02 1.07 1.12 0.040 0.042 0.044 d2-3 1.47 1.52 1.57 0.057 0.059 0.061 d2-4 0.25 0.30 0.35 0.009 0.011 0.013 e1-1 1.095 1.145 1.195 0.043 0.045 0.047 e1-2 2.67 2.72 2.77 0.105 0.107 0.109 e1-3 0.35 0.40 0.45 0.013 0.015 0.017 e1-4 1.85 1.90 1.95 0.072 0.074 0.076 e1-5 0.095 0.145 0.195 0.0037 0.0057 0.0076 e2-1 3.05 3.10 3.15 0.120 0.122 0.124 e2-2 1.065 1.115 1.165 0.0419 0.0438 0.0458 e2-3 0.695 0.745 0.795 0.027 0.029 0.031 e2-4 0.40 0.45 0.50 0.015 0.017 0.019 k1 0.40 bsc 0.015 bsc k2 0.07 bsc 0.002 bsc k3 0.05 bsc 0.001 bsc k4 0.40 bsc 0.015 bsc 9 14 1 11 10 5 4 3 2 16 17 19 8 22 7 15 20 21 6 13 18 12 9 14 1 11 10 5 4 3 2 16 17 19 8 22 7 15 20 21 6 13 18 12 d e a a1 a2 b e l d2-1 d2-2 d2-3 d2-4 e2-1 e2-2 e2-3 e2-4 k1 k2 a pin 1 dot by marking c 56 b k3 d1-1 e1-1 e1-2 d1-2 k4 e1-4 e1-3 e1-5 0.1 c b 2x 0.1 c a 2x 0.08 c
package information www.vishay.com vishay siliconix revision: 20-oct-14 2 document number: 67234 for technical questions, contact: pmostechsupport @vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes 1. use millimeters as the primary measurement 2. dimensioning and tolerances conform to asme y14.5m. - 1994 3. n is the number of terminals, nd is the number of terminals in x-direction and ne is the number of terminals in y-direction. 4. dimension b applies to plated terminal and is m easured between 0.20 mm and 0.25 mm from terminal tip 5. the pin #1 identifier must be existed on the top surface of the package by using indentation mark or other feature of packag e body 6. exact shape and size of this feature is optional 7. package warpage max. 0.08 mm 8. applied only for terminals t14-0626-rev. a, 20-oct-14 dwg: 6028
pad pattern www.vishay.com vishay siliconix revision: 05-nov-14 1 document number: 66914 for technical questions, contact: powerictechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 recommended land pattern powerpak ? mlp4535-22l land pattern package outline top view, tran s parent (not bottom view) all dimen s ion s in millimeter s 22 21 20 19 18 17 22 21 20 19 18 17 678 91011 678 91011 1 2 3 4 5 16 15 14 13 12 16 15 14 13 12 4.5 (d2-4) 0.3 (d1-2) 0.2 (k4) 0.4 (d2-1) 1.07 (k1) 0.4 (d1-1) 0.4 (d2-2) 1.07 (d2-3) 1.52 (l) 0.4 (k2) 0.07 (k3) 0.05 (e1-2) 2.72 (e2-2) 1.11 (e1-1) 1.15 (e2-3) 0.75 (e) 0.5 1 2 3 4 5 (d1-5) 0.14 (e1-4) 1.9 (e1-3) 0.4 (e2-4) 0.45 3.5 3.5 (e2-1) 3.1 (b) 0.25 3.05 0.75 0.3 0.75 0.5 x 4 = 2 0.29 0.21 0.37 0.3 0.3 0.5 x 4 = 2 0.75 0.75 0.59 0.14 4.5 0.75 1 0.5 0.75 0.3 0.5 x 3 = 1.5 0.3 0.45 0.45 0.31 0.75 0.75 1 0.5 x 2 = 1 0.5 x 2 = 1 0.3 0.1 0.9 0.37 1.2 0.29 0.74 0.3 0.55 0.5 0.29 1.16 1.61 0.25 0.8 0.3 0.3 0.4 0.36 2.05 22 21 20 19 18 17 678 91011 1 2 3 4 5 16 15 14 13 12
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of SIC521A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X