Part Number Hot Search : 
MZ780 APBA3010 SC1104 GC4222 LDR100SB SB310 28000 F060256
Product Description
Full Text Search
 

To Download TK4A50D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TK4A50D 2013-11-01 1 toshiba field effect transistor silicon n channel mos type ( -mos ) TK4A50D switching regulator applications ? low drain-source on-resistance: r ds (on) = 1.7 (typ.) ? high forward transfer admittance: |y fs | = 1.5 s (typ.) ? low leakage current: i dss = 10 a (max) (v ds = 500 v) ? enhancement mode: v th = 2.4 to 4.4 v (v ds = 10 v, i d = 1 ma) absolute maximum ratings (ta = 25c) characteristics symbol rating unit drain-source voltage v dss 500 v gate-source voltage v gss 30 v dc (note 1) i d 4 drain current pulse (t = 1 ms) (note 1) i dp 16 a drain power dissipation (tc = 25c) p d 30 w single pulse avalanche energy (note 2) e as 156 mj avalanche current i ar 4 a repetitive avalanche energy (note 3) e ar 3.0 mj channel temperature t ch 150 c storage temperature range t stg ? 55 to 150 c note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operat ing temperature/current/voltage, etc. ) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concep t and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). thermal characteristics note 1:ensure that the channe l temperature does not exceed 150 . note 2: v dd = 90 v, t ch = 25c (initial), l = 17 mh, r g = 25 , i ar = 4 a note 3: repetitive rating: pulse width limited by maximum channel temperature this transistor is an electrostatic-sensitive device. handle with care. unit: mm 1: gate 2: drain 3: source jedec ? jeita sc-67 toshiba 2-10u1b weight: 1.7 g (typ.) characteristics symbol max unit thermal resistance, channel to case r th (ch-c) 4.17 c/w thermal resistance, channel to ambient r th (ch-a) 62.5 c/w 1 3 2 start of commercial production 2008-11
TK4A50D 2013-11-01 2 electrical characteristics (ta = 25c) characteristics symbol test condition min typ. max unit gate leakage current i gss v gs = 30 v, v ds = 0 v ? ? 1 a drain cut-off current i dss v ds = 500 v, v gs = 0 v ? ? 10 a drain-source breakdown voltage v (br) dss i d = 10 ma, v gs = 0 v 500 ? ? v gate threshold voltage v th v ds = 10 v, i d = 1 ma 2.4 ? 4.4 v drain-source on resistance r ds (on) v gs = 10 v, i d = 2 a ? 1.7 2.0 forward transfer admittance ? y fs ? v ds = 10 v, i d = 2 a 0.4 1.5 ? s input capacitance c iss ? 380 ? reverse transfer capacitance c rss ? 2.5 ? output capacitance c oss v ds = 25 v, v gs = 0 v, f = 1 mhz ? 45 ? pf rise time t r ? 15 ? turn-on time t on ? 35 ? fall time t f ? 7 ? switching time turn-off time t off duty 1%, t w = 10 s ? 55 ? ns total gate charge q g ? 9 ? gate-source charge q gs ? 5 ? gate-drain charge q gd v dd 400 v, v gs = 10 v, i d = 4 a ? 4 ? nc source-drain ratings and characteristics (ta = 25c) characteristics symbol test condition min typ. max unit continuous drain reverse current (note 1) i dr ? ? ? 4 a pulse drain reverse current (note 1) i drp ? ? ? 16 a forward voltage (diode) v dsf i dr = 4 a, v gs = 0 v ? ? ?1.7 v reverse recovery time t rr ? 800 ? ns reverse recovery charge q rr i dr = 4 a, v gs = 0 v, di dr /dt = 100 a/ s ? 4.4 ? c marking lot no. k4a50d part no. (or abbreviation code) note 4 note 4 : a line under a lot no. identifies the indication of product labels [[g]]/rohs compatible or [[g]]/rohs [[pb]] please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of product. the rohs is directive 2011/65/e u of the european parliament and of the council of 8 june 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment. r l = 100 0 v 10 v v gs v dd 200 v i d = 2 a v out 50
TK4A50D 2013-11-01 3 10 0 0 2 4 6 8 2 10 tc = ? 55 c 25 100 4 6 8 8 6.4 4.8 3.2 0 0 24 40 v gs = 5.5 v 10 9 8 7.5 6.5 7 1.6 32 16 6 0 6 9 12 15 0 i d = 4 a 4 8 12 16 20 1 2 3 0.1 0.1 1 10 1 100 v gs = 10, 15 v 10 0.1 10 0.1 1 25 100 tc = ? 55 c 10 1 4 3.2 1.6 0.8 0 0 2 4 6 8 10 v gs = 5.5 v 6.5 6 7 9 10 2.4 7.5 v ds ? v gs i d ? v ds ? y fs ? ? i d i d ? v ds forward transfer admittance ? y fs ? (s) drain current i d (a) drain current i d (a) drain-source voltage v ds (v) drain-source voltage v ds (v) gate-source voltage v gs (v) gate-source voltage v gs (v) drain current i d (a) drain current i d (a) i d ? v gs common source tc = 25c pulse test common source tc = 25c pulse test common source v ds = 20 v pulse test common source tc = 25c pulse test common source v ds = 10 v pulse test common source tc = 25c pulse test drain current i d (a) drain-source on resistance r ds (on) ( ) drain-source voltage v ds (v) r ds (on) ? i d
TK4A50D 2013-11-01 4 0 4 8 v dd = 100 v v ds v gs 400 200 12 16 500 400 300 200 100 0 20 16 12 8 4 0 v gs = 0 v 10 3 1 5 0 1 2 5 ? 80 ? 40 0 40 80 120 160 4 1 0.1 10 100 1000 10000 1 10 100 c iss c oss c rss 0 0.1 ? 0.3 1 100 ? 0.6 ? 0.9 ? 1.2 ? 1.5 10 160 ? 40 0 40 80 120 ? 80 6 3.6 2.4 1.2 0 i d = 1 a 2 4.8 4 r ds (on) ? tc v th ? tc i dr ? v ds p d ? tc capacitance c (pf) drain power dissipation p d (w) drain-source on resistance r ds (on) ( ) drain reverse current i dr (a) gate threshold voltage v th (v) drain-source voltage v ds (v) drain-source voltage v ds (v) case temperature tc (c) drain-source voltage v ds (v) case temperature tc (c) total gate charge q g (nc) gate-source voltage v gs (v) common source v gs = 10 v pulse test common source tc = 25c pulse test common source v gs = 0 v f = 1 mhz tc = 25c common source v ds = 10 v i d = 1 ma pulse test common source i d = 4 a tc = 25c pulse test capacitance ? v ds dynamic input / output characteristics 50 0 0 40 80 120 160 10 20 30 40 case temperature tc (c) 3
TK4A50D 2013-11-01 5 0.001 0.1 0.01 1 10 100 10 1000 100 100 s * 1 ms * 0.1 1 v dss max 0.01 10 0.1 1 10 100 1m 10m 100m 1 10 t p dm t duty = t/t r th (ch-c) = 4.17 c/w duty=0.5 0.2 0.1 0.05 0.02 0.01 0.001 single pulse ?15 v 15 v i ar b vdss v dd v ds r g = 25 v dd = 90 v, l = 17 mh ? ? ? ? ? ? ? ? ? ???= v dd b vdss b vdss 2 il 2 1 as r th ? t w e as ? t ch normalized transient thermal impedance r th (t) /r th (ch-c) pulse width t w (s) safe operating area drain current i d (a) drain-source voltage v ds (v) *: single nonrepetitive pulse tc = 25c curves must be derated linearly with increase in temperature. i d max (pulsed) * i d max (continuous) dc operation tc = 25c avalanche energy e as (mj) channel tempeature (initial) t ch (c) test circuit waveform 180 140 100 60 20 0 25 50 75 100 125 150 160 120 80 40
TK4A50D 2013-11-01 6 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively "toshiba"), reserve the right to make changes to the in formation in this document, and related hardware, software and systems (collectively "product") without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba's written permission, reproduc tion is permissible only if reproducti on is without alteration/omission. ? though toshiba works continually to improve product's quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situat ions in which a malfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before customers use the product, create designs including the product, or incorporate the product into their own applications, cu stomers must also refer to and comply with (a) the latest ve rsions of all relevant toshiba information, including without limitation, this document, the specifications, the data sheets and applicat ion notes for product and the precautions and condi tions set forth in the "toshiba se miconductor reliability handbook" and (b) the instructions for the application with which the product will be us ed with or for. customers are solely responsible for all aspe cts of their own product design or applications , including but not limited to (a) determining t he appropriateness of the use of this product in such design or applications; (b) eval uating and determining the applicability of any info rmation contained in this document, or in c harts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operatin g parameters for such designs and applications. toshiba assumes no liability for customers' product design or applications. ? product is neither intended nor warranted fo r use in equipments or systems that require extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage and/or serious public impact ( " unintended use " ). except for specific applications as expressly stated in this document, unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used f or automobiles, trains, ships and other transportation, traffic si gnaling equipment, equipment used to control combustions or expl osions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. if you use product for unintended use, toshiba assumes no liability for product. for details, please contact your toshiba sales representative. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or m anufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the applicable export laws and regulations including, without limitation, the japanese fo reign exchange and foreign trade law and t he u.s. export administration regulat ions. export and re-export of product or related software or technology are strictly prohibit ed except in compliance with all appl icable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TK4A50D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X