Part Number Hot Search : 
M61509FP FTM3725 1N444 WH2002D 16F140 AEFVBF15 SMBJ58A 30302
Product Description
Full Text Search
 

To Download TF-IMBI-Q57-A12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10-37 10 features embedded & industrial motherboards specifications industrial motherboard with intel? core? i7/i5/i3 processor system form factor mini-itx processor intel? core? i5/i3 lga1156 32nm cpu with graphic, tdp 73w max. intel? core? i7/i5 lga1156 45nm cpu without graphic, tdp 95w max. system memory dual-channel ddr3 1066/1333 sdram x 2 up to 8 gb chipset intel? q57 ethernet 10/100/1000base-tx, rj-45 x 2 lan1: intel? 82578dm (supports intel? iamt 6.0) lan2: intel? 82574l/82583v audio hd audio codec with realtek alc888 bios ami bios spi rom - 64 mb storage sata 3.0gb/s connector x 4, raid 0,1,5,10 watchdog timer 1 ~ 255 steps, can be set with software on super i/o h/w status monitoring monitoring system temperature, voltage, and cooling fan status expansion interface multiple extended bus with golden finger power requirement atx standard 24-pin connector x 1 power consumption 55w @ intel? g6950, ddr3 1066/2gb, atx board size (l x w) 6.7" x 6.7" (170mm x 170mm) gross weight 0.66 lb (0.3 kg) operating temperature 32f ~ 140f (0c ~ 60c) storage temperature -4f ~ 158f (-20c ~ 70c) storage humidity 10~80%, non-condensing mtbf (hours) 56,000 display chipset intel? core? i5/i3 + q57 graphic engine intel? gen 6.0 integrated graphics engine resolution 2048 x 1536 for crt; 1920x1080 for dvi output interface vga x 1, dvi-d x 1 i/o ite.it8718f serial port rs-232 port x 1 rs-232/422/485 x 1 with box header kb & mouse keyboard x 1 & mouse x 1 usb usb2.0 x 8 (four in the i/o side, four with header) audio audio jack x 3 with btx type ( mic in, line in, line out) ethernet rj-45 x 2 display vga x 1, dvi-d x 1 dio programmable 8-bit (4 input/4 output) imbi-q57 intel? core? i7/i5/i3 lga1156 (32/45nm) processor integrated graphic & memory controller intel? q57 dual-channel ddr3 1066/1333 memory (up to 8 gb) intel? gigabit ethernet x 2, support intel? iamt 6.0 dual view with vga, dvi sata 3.0gb/s x 4, raid 0,1,5,10 usb2.0 x 8, com x 2 multiple extended bus with golden finger packing list 1709070800 ? sata signal cable 1701100305 ? com port cable with db-9 1709100201 ? usb cable m20q570000 ? i/o shield product cd ? imbi-q57 ? atx ddr 3 sata 2 cpu fan system fan vga gigabit lan usb2.0 com1 dvi-d mouse keyboard audio
10-38 dimension unit: mm imbi-q57 ordering information optional accessories 1759200172 ? cpu cooler for lga 1156 cpu, tdp 95w part number cpu ram fan/fanless display storage lvds lan usb rs-232 rs-232/422/485 expansion slot power temp. TF-IMBI-Q57-A12 socket dimm fan vga/dvi-d sata2 x 4 gbe x 2 8 1 1 golden finger atx 0c ~ 60c


▲Up To Search▲   

 
Price & Availability of TF-IMBI-Q57-A12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X