Part Number Hot Search : 
LM6066 LL4448 40L15CW SA7V5CA 2SC4501 70N70 001TB 17VMV
Product Description
Full Text Search
 

To Download SP3903 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s mhop microelectronics c orp. a SP3903 symbol v ds v gs i dm w a p d c 2.5 -55 to 150 i d units parameter 30 7.5 31 v v 20 t a =25 c gate-source voltage drain-source voltage thermal characteristics product summary v dss i d r ds(on) (m ) max 30v 7.5a 32 @ vgs=4.5v 22 @ vgs=10v features super high dense cell design for low r ds(on) . rugged and reliable. suface mount package. absolute maximum ratings ( t a =25 c unless otherwise noted ) limit drain current-continuous a -pulsed b a maximum power dissipation a operating junction and storage temperature range t j , t stg www.samhop.com.tw jul,18,2013 1 details are subject to change without notice. t a =25 c t a =70 c a t a =70 c w r jc thermal resistance, junction-to-case a c/w 6 6 1.6 green product s1 g1 s2 g2 d1 d1 d2 d2 pin1 pdfn 5x6 dual n-channel enhancement mode field effect transistor ver 1.4 49 e single pulse avalanche energy d mj as t c =25 c a 21.5 t c =100 c a 13.6 a e e t c =25 c w 20.8 t c =100 c w 8.3 a r ja thermal resistance, junction-to-ambient c/w 50
symbol min typ max units bv dss 30 v 1 i gss 100 na v gs(th) 1.4 v 16 g fs 13 s v sd c iss 360 pf c oss 90 pf c rss 70 pf q g 10 nc 12.6 nc q gs 17 nc q gd 8.3 t d(on) 7 ns t r 1 ns t d(off) ns t f ns gate-drain charge v ds =15v,v gs =0v switching characteristics gate-source charge v dd =15v i d =1a v gs =10v r gen =6 ohm total gate charge rise time turn-off delay time v ds =15v,i d =3.75a,v gs =10v fall time turn-on delay time m ohm v gs =10v , i d =3.75a v ds =5v , i d =3.75a input capacitance output capacitance dynamic characteristics r ds(on) drain-source on-state resistance forward transconductance diode forward voltage i dss ua gate threshold voltage v ds =v gs , i d =250ua v ds =24v , v gs =0v v gs = 20v , v ds =0v zero gate voltage drain current gate-body leakage current electrical characteristics ( t a =25 c unless otherwise noted ) off characteristics parameter conditions drain-source breakdown voltage v gs =0v , i d =250ua reverse transfer capacitance on characteristics 2.3 v gs =4.5v , i d =3.1a 23 m ohm c f=1.0mhz c v ds =15v,i d =3.75a, v gs =4.5v drain-source diode characteristics and maximum ratings v gs =0v,i s =2a 0.8 1.2 v notes a.surface mounted on fr4 board,t < 10sec. b.pulse test:pulse width < 300us, duty cycle < 2%. c.guaranteed by design, not subject to production testing. d.starting t j =25 c,l=0.5mh,v dd = 20v.(see figure13) e.drain current limited by maximum junction temperature. _ _ SP3903 www.samhop.com.tw jul,18,2013 2 nc v ds =15v,i d =3.75a,v gs =4.5v 4 _ 1.7 22 32 2.3 ver 1.4
SP3903 ver 1.4 www.samhop.com.tw jul,18,2013 3 tj( c ) i d , drain current(a) v ds , drain-to-source voltage(v) figure 1. output characteristics v gs , gate-to-source voltage(v) figure 2. transfer characteristics i d , drain current(a) r ds(on) (m ) r ds(on) , on-resistance normalized i d , drain current(a) tj, junction temperature( c ) figure 3. on-resistance vs. drain current and gate voltage figure 4. on-resistance variation with drain current and temperature vth, normalized gate-source threshold voltage bvdss, normalized drain-source breakdown voltage tj, junction temperature( c ) figure 5. gate threshold variation with temperature tj, junction temperature( c ) figure 6. breakdown voltage variation with temperature 30 24 18 12 0 0 0.5 1.0 1.5 2.0 2.5 3.0 12.0 9.6 7.2 4.8 2.4 0 0 0.8 4.8 4.0 3.2 2.4 1.6 -55 c 60 50 40 30 20 10 1 1.6 1.4 1.3 1.2 1.1 1.0 0 0 100 75 25 50 125 150 0.4 0.2 1.6 1.4 1.2 1.0 0.8 0.6 125 150 100 75 50 25 0 -25 -50 1.15 1.10 1.05 1.00 0.95 0.90 0.85 125 150 100 75 50 25 0 -25 -50 i d =250ua 6 v gs =3.5v v gs =10v v gs =4.5v 1.5 v gs =4.5v i d =3.1a v gs =10v i d =3.75a v gs =4v v gs =10v 30 24 18 12 6 1 v ds =v gs i d =250ua v gs =4.5v v gs =5v 25 c tj=125 c v gs =3v
SP3903 ver 1.4 www.samhop.com.tw jul,18,2013 4 r ds(on) (m ) v gs , gate-to-source voltage(v) figure 7. on-resistance vs. gate-source voltage is, source-drain current(a) v sd , body diode forward voltage(v) figure 8. body diode forward voltage variation with source current c, capacitance(pf) v ds , drain-to-source voltage(v) figure 9. capacitance v gs , gate to source voltage(v) qg, total gate charge(nc) figure 10. gate charge switching time(ns) rg, gate resistance( ) figure 11. switching characteristics i d , drain current(a) v ds , drain-source voltage(v) figure 12. maximum safe operating area 60 50 40 30 20 10 0 246 8 10 0 10 1 00.25 20 1.25 0.50 0.75 1.00 600 500 400 300 200 100 0 10 15 20 25 30 10 8 6 4 2 0 0 3.0 6.0 1.5 4.5 7.5 9.0 125 c 75 c i d =3.75a ciss coss crss 1 10 100 1 10 100 60 6 0 5 tr vds=15v,id=1a vgs=10v tf v ds =50v i d =3.75a 25 c 125 c 0.1 1 10 10 1 r d s (on ) limit 0.1 v gs =10v single pulse t a =25 c 1 0 0 u s 1ms 10 ms 100ms d c td(off ) td(on) 75 c 25 c
SP3903 www.samhop.com.tw 5 normalized transient thermal resistance square wave pulse duration(sec) figure 14. normalized thermal transient impedance curve t p i as figure 13a. uncamped inductive test circuit unclamped inductive waveforms r g i as 0.01 t p d.u.t l v ds + - 20v v dd figure 13b. v (br)dss 0.001 0.01 0.1 1 single pulse 0.00001 1000 100 10 1 0.1 0.01 0.001 0.0001 p dm 1. r thj a (t)=r (t) * r ja 2. r ja =s ee datas heet 3. t jm- t a =p dm *r ja (t) 4. duty cycle, d=t 1 /t 2 th th th t 1 t 2 0.5 0.2 0.1 0.05 0.02 0.01 ver 1.4 jul,18,2013
SP3903 www.samhop.com.tw jul,18,2013 6 package outline dimensions ver 1.4 top view pdfn 5x6-8l bottom view side view symbols millimeters a a1 b c d e e1 min max 0.80 1.00 0.00 0.05 0.30 0.50 0.15 0.25 e l l1 3.82 bsc 0.45 0.00 0 o nom 0.90 0.40 0.20 1.27 bsc 0.15 0 10 o 5.20 bsc 0.50 0.60 0.75 e e1 l1 d e e2 d1 d2 l2 l b a a1 c d2 e2 l2 4.35 bsc 5.55 bsc 6.05 bsc 0.55 0.65 d1 0.68 ref
SP3903 www.samhop.com.tw jul,18,2013 7 top marking definition pdfn 5x6-8l 3903 xxxxxx y: cu wire + halogen free. rohs compliant. g: halogen free. rohs compliant. product no. samhop logo pin 1 lot number production date (1,2 ~ 9, a,b.....) production month (1,2 ~ 9, a,b.....) production year (2009 = 9, 2010 = a.....) ver 1.4


▲Up To Search▲   

 
Price & Availability of SP3903

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X