Part Number Hot Search : 
AP4407GS SPA257 4F158D Q6511 1N4755A OVM4B C18F67 2SA1276
Product Description
Full Text Search
 

To Download MANO80014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  163 audio dvi-d/vga com 1 ps/2 k/b+m/s ethernet 2+usb 3/4 usb 5/6 20-pin atx power conn. ethernet 1 + usb 1/2 usb 7/8/9/10 pcie x4 sata 1/2/3/4 ddr3 com 2 mano800 lga1156 intel ? core? i7/ i5/ i3/ pentium ? mini itx sbc with intel ? q57 chipset, dvi-d/vga, pci express x4 and 4 sata raid lga1156 socket for intel ? core? i7/ i5/ i3/ pentium ? processor with fsb 1066/1333 mhz 2 ddr3-1066/1333 mhz max. up to 8 gb 4 sata-300 with raid 0, 1, 5, 10 supported compactflash? type-ii or cfast? (optional) display: dvi-d/vga i/o ordering information packing list system mio 1 x ps/2 keyboard 1 x ps/2 mouse 1 x rs-232/422/485 (com 1); with +5v/+12v powered 1 x rs-232 (com 2); with +5v/+12v powered sata 4 x sata-300 with raid 0/1/5/10 hardware monitoring detect cpu/system temperature, voltage and support smart fan ethernet 1st port as 10/100/1000mbps supports wake-on-lan, rpl/pxe boot rom with intel ? 82578dm 2nd port as 10/100/1000mbps supports wake-on-lan, rpl/pxe boot rom with intel ? 82583v audio hd codec audio as mic-in/line-in/line-out speaker-out with realtek alc662 usb 10 x usb 2.0 smbus system management bus for advanced monitoring/control digital io 8 channels (4-in & 4-out) standard mano800dgga cf w/ cf (p/n: e38m800100) lga1156 mini itx sbc with dvi-d/vga, 2 10/100/1000mbps ethernet, hd audio, 2 com ports, 4 sata and cf mano800dgga (p/n: e38m800102) lga1156 mini itx sbc with dvi-d/vga, 2 10/100/1000mbps ethernet, hd audio, 2 com ports, 4 sata optional mano800dgga w/ cfast (p/n: e38m800101) lga1156 mini itx sbc with dvi-d/vga, 2 10/100/1000mbps ethernet, hd audio, 2 com ports, 4 sata and cfast * discrete graphic card is necessary for display if the chosen cpu doesn't have integrated graphics support. standard quick installation guide, user's manual/utility cd, cable cable part number description qty 593826a0000e sata signal cable 500mm 1 cpu lga1156 socket for intel ? core? i7/ i5/ i3/ pentium ? processor with fsb 1066/1333 mhz system memory 2 x 240-pin dimm support ddr3-1066/1333 max. up to 8 gb chipset intel ? q57 bios ami uefi bios ssd 1 x compactflash? type-ii or 1 x cfast? (optional) watchdog timer 255 levels, 1~255 sec. expansion interface 1 x pcie x4 battery lithium 3 v/ 220 mah power requirements intel ? core? i5-660 @3.33 ghz, 2 gb ddr3 max. rms: +5v_sby @ 0.022a, +3.3v @ 0.845a, +5v @ 1.252a, +12v @ 2.495a, -12v @ 0.034a size 170 x 170 mm board thickness 1.6 mm temperature 0 ~ +60c (32f ~ 140f), operation relative humidity 10% ~ 95% relative humidity, non-condensing features side view ddr3 ddr3 ddr3 cfast tm cfast display chipset intel ? hd graphics memory size intel ? dvmt 5.0 compliant display interface 1 x vga 1 x dvi-d * all specifications and photos are subject to change without notice.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: axiomtek: ? mano800dgga-nc? mano800dgga


▲Up To Search▲   

 
Price & Availability of MANO80014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X