Part Number Hot Search : 
ZPY18 SKIIP3 GDZ30 2SK1726 MCF52259 GRM21BC 20206 HMC33306
Product Description
Full Text Search
 

To Download KK74ACT163 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data KK74ACT163 presettable counters high-speed silicon-gate cmos ordering information kk 74act163n plastic kk 74act163d soic t a = -40 to 8 5 c for all packages the kk 74act163a is identical in pinout to the ls/als163 hc / h c t 163. the kk 74act163 may be used as a level converter for interfacing ttl or nmos outputs to high speed cm os inputs. the kk 74act163a is programmable 4-bit synchronous counter that feat ure paral l e l load, sy nchronous r e set , a c a rry out put for cascadi ng and count -enabl e cont rol s . the kk 74act163a is binary counter with synchronous reset. ? ttl/nmos com p atible input levels ? outputs directly interf ace to cmos, nmos, and ttl ? operat i ng vol t a ge r a nge: 4.5 t o 5.5 v ? low input c u rrent : 1.0 a ; 0.1 m a @25 c ? oupt ut s source/ si nk 24m a logic diagram pin 16 =v cc pin 8 = gnd function table input s o u t put s r e s e t l o a d e n a b l e p enable t c l ock q 0 q 1 q 2 q 3 f u n c t i o n l x x x l l l l reset t o ?0? h l x x p0 p1 p2 p 3 p r e s e t data h h x l no change no count h h l x no change no count h h h h c ount u p c ount x x x x no change no count pin assignment x=don?t care p0,p1,p2,p3 = l ogi c l e vel of dat a i nput s rip p l e carry ou t = en ab le t ? q0 ? q1 ? q2 ? q3 1
KK74ACT163 maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge (referenced t o gnd) -0.5 t o +7.0 v v in dc input vol t a ge (referenced t o gnd) -0.5 t o v cc +0.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input c u rrent , per pi n 20 ma i out dc out put si nk/ source c u rrent , per pi n 50 ma i cc dc suppl y c u rrent , v cc and gnd pins 50 ma p d po wer dissip a tio n in still air, plastic dip+ soic package+ 750 500 mw tst g st orage tem p erat ure -65 t o +150 c t l lead tem p erat ure, 1 m m from c a se for 10 seconds (plastic dip or soic package) 260 c * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. +derat i ng - pl ast i c dip: - 10 m w / c from 65 t o 125 c soic package: : - 7 m w / c from 65 t o 125 c recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge (referenced t o gnd) 4.5 5.5 v v in , v out dc input vol t a ge, out put vol t a ge (referenced t o gnd) 0 v cc v t j junct i on tem p erat ure (pdip) 140 c t a operating tem p erature, all package types -40 +85 c i oh out put c u rrent - hi gh -24 m a i ol out put c u rrent - low 24 m a t r , t f input r i se and fal l ti m e * (except schm itt inputs) v cc =4.5 v v cc =5.5 v 0 0 10 8.0 ns/ v * v in from 0.8 v t o 2.0 v thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. 2
KK74ACT163 dc electrical characteristics (voltages referenced to gnd) v cc guaranteed lim its sy m bol p a r a m e t e r test c ondi t i o n s v 25 c - 4 0 c to 85 c un it v ih m i ni m u m hi gh- level input vol t a ge v out =0.1 v or v cc -0.1 v 4.5 5.5 2.0 2.0 2.0 2.0 v v il m a x i mu m l o w - level input vol t a ge v out =0.1 v or v cc -0.1 v 4.5 5.5 0.8 0.8 0.8 0.8 v v oh m i ni m u m hi gh- level out put vol t a ge i out -50 a 4.5 5.5 4.4 5.4 4.4 5.4 v * v in =v ih or v il i oh =-24 m a i oh =-24 m a 4.5 5.5 3.86 4.86 3.76 4.76 v ol m a x i mu m l o w - level out put vol t a ge i out 50 a 4.5 5.5 0.1 0.1 0.1 0.1 v * v in = v ih or v il i ol =24 m a i ol =24 m a 4.5 5.5 0.36 0.36 0.44 0.44 i in m a xi m u m input leakage current v in =v cc or gnd 5.5 0.1 1.0 a ? i cct addi t i onal m a x. i cc / i nput v in =v cc - 2.1 v 5.5 1.5 m a i old +min im u m dyn a m i c out put c u rrent v old =1.65 v m a x 5.5 75 m a i ohd +min im u m dyn a m i c out put c u rrent v ohd =3.85 v m i n 5.5 -75 m a i cc m a x i mu m q u i e s c e n t suppl y c u rrent (per package) v in =v cc or gnd 5.5 8 .0 80 a * al l out put s l o aded; t h reshol ds on i nput associ at ed wi t h out put under t e st . +m axi m um t e st durat i on 2.0 m s , one out put l o aded at a t i m e. 3
KK74ACT163 ac electrical characteristics (v cc =5v 10% c l =50pf,input t r =t f =3.0 ns) g u a r a n t e e d lim i t s sym b o l p a r a m e t e r 25 c - 4 0 c to 8 5 c un it min max min max f ma x m a xi m u m c l ock frequency (fi gure 1) 120 105 m h z t plh propagat i on del a y c l ock t o q (fi gure 1) 1.5 10.0 1.5 11.0 ns t phl propagat i on del a y c l ock t o q (fi gure 1) 1.5 11.0 1.5 12.0 ns t plh propagat i on del a y , c l ock t o r i ppl e c a ry out (fi gure 1) 2 . 5 1 1 . 5 2 . 0 1 3 . 5 n s t phl propagat i on del a y , c l ock t o r i ppl e c a ry out (fi gure 1) 3 . 0 1 3 . 5 2 . 0 1 5 . 0 n s t plh propagat i on del a y , enabl e t t o r i ppl e c a rry out (fi gure 2) 2 . 0 9 . 0 1 . 5 1 0 . 5 n s t phl propagat i on del a y , enabl e t t o r i ppl e c a rry out (fi gure 2) 2 . 0 1 0 . 0 2 . 0 1 1 . 0 n s c in m a xi m u m input c a paci t a nce 4.5 4.5 pf typical @25 c,v cc =5.0 v c pd power di ssi pat i on c a paci t a nce 45 pf timing requirements (v cc =5.0v 10%, c l =50pf, input t r =t f =3.0 ns) g u a r a n t e e d lim i t sym b o l p a r a m e t e r +25 c -4 0 c to +8 5 c un it t su m i ni m u m set up ti m e , preset dat a input s t o c l ock (fi gure 4) 1 0 . 0 1 2 . 0 n s t h m i ni m u m hol d ti m e , c l ock t o preset dat a input s (fi gure 4) 0 . 5 0 . 5 n s t su m i ni m u m set up ti m e , r e set t o c l ock (fi gure 3) 10.0 11.5 ns t h m i ni m u m hol d ti m e , c l ock t o r e set (fi gure 3) -0.5 -0.5 ns t su m i ni m u m set up ti m e , load t o c l ock (fi gure 5) 8.5 10.5 ns t h m i ni m u m hol d ti m e , c l ock t o load or preset dat a input s (fi gure 5) - 0 . 5 0 n s t su m i ni m u m set up ti m e , enabl e t or enabl e p t o c l ock (fi gure 5) 5 . 5 6 . 5 n s t h m i ni m u m hol d ti m e , c l ock t o enabl e t or enabl e p (fi gure 5) 0 0 . 5 n s t w m i ni m u m pul s e w i dt h, (load) (fi gure 3) 3.5 3.5 ns t w m i ni m u m pul s e w i dt h, (c ount ) (fi gure 3) 3.5 3.5 ns 4
KK74ACT163 fi gure 1. sw i t chi n g waveform fi gure 2. sw i t chi n g waveform fi gure 3. sw i t chi n g waveform fi gure 4. sw i t chi n g waveform fi gure 5. sw i t chi n g waveform 5
KK74ACT163 seq u e n ce illu strated in wav e fo rm s: 1. r e set out put s t o zero. 2. preset to binary twelve. 3. c ount t o t h i r t een, fourt een, fi ft een, zero, one, and t w o. 4. inhi bi t . fi gure 8. t i mi ng di agram 6
KK74ACT163 expanded logic diagram 7
KK74ACT163 n s u f f i x p l as t i c di p (m s - 0 0 1 b b ) sy m b o l m i n m a x a 18. 67 19. 69 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a c) sy m b o l m i n m a x a 9. 8 1 0 b 3. 8 4 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h j 0 8 no t e s : k 0. 1 0 . 2 5 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i on . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 8 6 . 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 5 5. 72 2. 54 7. 62 1. 27 d i me n s i o n , mm d i me n s i o n , mm a b h c k c m j f m p g d r x 4 5 se a t i n g pl an e 0 . 25 ( 0 . 010 ) m t -t - 1 16 8 9 l h m j a b f g d se a t i n g pl a n e n k 0. 2 5 ( 0 . 010) m t -t - c 1 16 8 9 8


▲Up To Search▲   

 
Price & Availability of KK74ACT163

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X